Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4281DBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # THS4281DBVT
Description  Voltage-Feedback Operational Amplifier
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4281DBVT Datasheet(HTML) 3 Page - Texas Instruments

  THS4281DBVT Datasheet HTML 1Page - Texas Instruments THS4281DBVT Datasheet HTML 2Page - Texas Instruments THS4281DBVT Datasheet HTML 3Page - Texas Instruments THS4281DBVT Datasheet HTML 4Page - Texas Instruments THS4281DBVT Datasheet HTML 5Page - Texas Instruments THS4281DBVT Datasheet HTML 6Page - Texas Instruments THS4281DBVT Datasheet HTML 7Page - Texas Instruments THS4281DBVT Datasheet HTML 8Page - Texas Instruments THS4281DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
1
2
3
5
4
VOUT
VS
IN+
VS
+
IN−
1
2
3
4
5
8
7
6
IN+
IN−
NC
VS
NC
VS
+
VOUT
NC
THS4281
www.ti.com
SLOS432B – APRIL 2004 – REVISED OCTOBER 2015
5 Pin Configuration and Functions
D and DGK Packages
8-Pin SOIC
Top View
DBV Package
5-Pin SOT-23
Top View
Note:
NC Indicates there is no internal connection to these pins
Pin Functions
PIN
I/O
DESCRIPTION
SOIC,
NAME
SOT-23
VSSOP
NC
1
IN-
2
4
I
Negative input voltage pin
IN+
3
3
I
Positive input voltage pin
Vs-
4
2
I/O
Negative supply input voltage pin
NC
5
Vout
6
1
O
Output voltage pin
Vs+
7
5
I/O
Postive supply input voltage pin
NC
8
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: THS4281


Similar Part No. - THS4281DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4281DBVT TI-THS4281DBVT Datasheet
1Mb / 31P
[Old version datasheet]   VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
THS4281DBVT NSC-THS4281DBVT Datasheet
1Mb / 37P
   VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
Texas Instruments
THS4281DBVT TI1-THS4281DBVT Datasheet
1Mb / 38P
[Old version datasheet]   VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
THS4281DBVTG4 TI-THS4281DBVTG4 Datasheet
1Mb / 31P
[Old version datasheet]   VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
THS4281DBVTG4 NSC-THS4281DBVTG4 Datasheet
1Mb / 37P
   VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
More results

Similar Description - THS4281DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA687 TI1-OPA687 Datasheet
301Kb / 17P
[Old version datasheet]   Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA641 BURR-BROWN-OPA641 Datasheet
106Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA640 TI1-OPA640 Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA680 TI1-OPA680 Datasheet
248Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2652 BURR-BROWN-OPA2652 Datasheet
154Kb / 15P
   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA3680 TI1-OPA3680 Datasheet
238Kb / 22P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA2652 NSC-OPA2652 Datasheet
826Kb / 23P
   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA3690 TI1-OPA3690_14 Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA2652 TI1-OPA2652 Datasheet
833Kb / 23P
[Old version datasheet]   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com