Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8613012PSC Datasheet(PDF) 3 Page - Zilog, Inc.

Part # Z8613012PSC
Description  NTSC LINE 21 DECIDER
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8613012PSC Datasheet(HTML) 3 Page - Zilog, Inc.

  Z8613012PSC Datasheet HTML 1Page - Zilog, Inc. Z8613012PSC Datasheet HTML 2Page - Zilog, Inc. Z8613012PSC Datasheet HTML 3Page - Zilog, Inc. Z8613012PSC Datasheet HTML 4Page - Zilog, Inc. Z8613012PSC Datasheet HTML 5Page - Zilog, Inc. Z8613012PSC Datasheet HTML 6Page - Zilog, Inc. Z8613012PSC Datasheet HTML 7Page - Zilog, Inc. Z8613012PSC Datasheet HTML 8Page - Zilog, Inc. Z8613012PSC Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
Z86129/130/131
P R E L I M I N A R Y
NTSC Line 21 Decoder
DS96TEL0200
3
1
PIN DESCRIPTION
ABSOLUTE MAXIMUM RATINGS
Figure 2. Z86129/130/131, 18-Pin DIP/SOIC
Pin Configuration
1
2
3
4
5
6
7
8
9
17
16
15
14
13
12
11
10
18
VSS
GREEN*
BLUE*
SEN
HIN
SMS
VIDEO
CSYNC
LPF
RED*
BOX*
SDO
SCK
SDA
VIN/INTRO
VDD
VSS(A)
RREF
*Z86129 Only
Table 1. 18-Pin DIP and SOIC Pin Identification
No. Symbol
Function
Direction
1V
SS
Power Supply GND
2*
GREEN
Video Output
Output
3*
BLUE
Video Output
Output
4
SEN
Serial Enable
Input
5
HIN
Horizontal In
Input
6
SMS
Serial Mode Select
Input
7
VIDEO
Composite Video
Input
8
CSYNC
Composite Sync
Output
9
LPF
Loop Filter
Output
10 RREF
Resistor Reference
Input
11 V
SS (A)
Pwr. Supply (Analog) GND
12 V
DD
Power Supply
13 VIN/INTRO Vertical In/Interrupt Out
In/Output
14 SDA
Serial Data
In/Output
15 SCK
Serial Clock
Input
16 SDO
Serial Data Out
Output
17* BOX
OSD Timing Signal
Output
18* RED
Video Output
Output
Note: DIP and SOIC pin configuration are identical. *However,
the Z86130/Z86131 do not have signals on pins 2, 3, 18 and 19.
Symbol
Parameter
Value
Unit
V
DD
DC Supply Voltage
–0.5 to 6.0
V
V
IN
DC Input Voltage
–0.5 to V
DD +0.5
V
V
OUT
DC Output Voltage
–0.5 to V
DD +0.5
V
I
IN
CAUTION: DC Input Current per Pin
+10
mA
I
OUT
DC Output Current per Pin
+20
mA
I
DD
DC Supply Current
+30
mA
P
D
Power Dissipation per Device
300
mW
T
STG
Storage Temperature
–65 to +150
°C
T
L
Lead Temperature, 1 mm from Case for 10 seconds
260
°C
Notes:
Voltages referenced to V
SS (A) and VSS.
Maximum ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the limits specified in the DC and AC Characteristics tables or Pin Description section.


Similar Part No. - Z8613012PSC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86130 ZILOG-Z86130 Datasheet
32Kb / 2P
   NTSC LINE 21 DECODER
Z86130 ZILOG-Z86130 Datasheet
3Mb / 62P
   PRELIMINARY PRODUCT SPECIFICATION
More results

Similar Description - Z8613012PSC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86L2908 ZILOG-Z86L2908 Datasheet
32Kb / 2P
   NTSC LINE 21 DECODER
Z8622912 ZILOG-Z8622912 Datasheet
1Mb / 52P
   NTSC LINE 21 CCD DECODER
Z8623012SSG ZILOG-Z8623012SSG Datasheet
1Mb / 61P
   ADVANCED PROGRAM BLOCKING AND NTSC LINE 21 XDS DECODER
logo
Sanyo Semicon Device
LC89962 SANYO-LC89962 Datasheet
98Kb / 6P
   NTSC Format Delay Line
LC89915 SANYO-LC89915 Datasheet
74Kb / 4P
   NTSC 1H Delay Line
LC89960 SANYO-LC89960 Datasheet
80Kb / 5P
   NTSC 1H Delay Line
logo
Zilog, Inc.
Z86230 ZILOG-Z86230 Datasheet
890Kb / 61P
   ADVANCED VIOLENCE BLOCKING AND NTSC 21 XDS
logo
Sanyo Semicon Device
LC8991 SANYO-LC8991 Datasheet
39Kb / 4P
   NTSC CCD 1H Delay Line
logo
Sony Corporation
CXL1512M SONY-CXL1512M Datasheet
118Kb / 13P
   CCD Delay Line for NTSC
CXL5504M SONY-CXL5504M Datasheet
135Kb / 11P
   CMOS-CCD 1H Delay Line for NTSC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com