Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3125ID Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # THS3125ID
Description  Low-Noise, High-Speed, 450-mA Current Feedback Amplifiers
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3125ID Datasheet(HTML) 5 Page - Texas Instruments

  THS3125ID Datasheet HTML 1Page - Texas Instruments THS3125ID Datasheet HTML 2Page - Texas Instruments THS3125ID Datasheet HTML 3Page - Texas Instruments THS3125ID Datasheet HTML 4Page - Texas Instruments THS3125ID Datasheet HTML 5Page - Texas Instruments THS3125ID Datasheet HTML 6Page - Texas Instruments THS3125ID Datasheet HTML 7Page - Texas Instruments THS3125ID Datasheet HTML 8Page - Texas Instruments THS3125ID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
THS3122, THS3125
www.ti.com
SLOS382E – SEPTEMBER 2001 – REVISED MAY 2015
7.4 Electrical Characteristics: Dynamic Performance
Over operating free-air temperature range, TA = +25°C, VCC = ±15 V, RF = 750 Ω, and RL = 100 Ω (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC = ±5 V
138
MHz
RL = 50 Ω
RF = 50 Ω, G = 1
VCC = ±15 V
160
MHz
Small-signal bandwidth (–3 dB)
VCC = ±5 V
126
MHz
RL = 50 Ω
RF = 470 Ω, G = 2
VCC = ±15 V
128
MHz
BW
VCC = ±5 V
20
MHz
Bandwidth (0.1 dB)
RF = 470 Ω, G = 2
VCC = ±15 V
30
MHz
VO(PP) = 4 V
VCC = ±5 V
47
MHz
Full power bandwidth
G = –1
VO(PP) = 20 V
VCC = ±15 V
64
MHz
VO = 10 VPP
VCC = ±15 V
1550
V/µs
SR
Slew rate(1), G = 8
G = 2, RF = 680Ω
VCC = ±5 V
500
V/µs
VO = 5 VPP
VCC = ±15 V
1000
V/µs
VO = 2 VPP
VCC = ±5 V
53
ns
ts
Settling time to 0.1%
G = –1
VO= 5 VPP
VCC = ±15 V
64
ns
(1)
Slew rate is defined from the 25% to the 75% output levels.
7.5 Electrical Characteristics: Noise and Distortion Performance
Over operating free-air temperature range, TA = +25°C, VCC = ±15 V, RF = 750 Ω, and RL = 100 Ω (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO(PP) = 2 V
–80
dBc
G = 2, RF = 470 Ω, VCC= ±15 V,
f = 1 MHz
VO(PP) = 8 V
–75
dBc
THD
Total harmonic distortion
VO(PP)= 2 V
–77
dBc
G = 2, RF = 470 Ω, VCC= ±5 V,
f = 1 MHz
VO(PP)= 5 V
–76
dBc
Vn
Input voltage noise
VCC = ±5 V, ±15 V
f = 10 kHz
2.2
nV/
√Hz
Noninverting Input
VCC = ±5 V, ±15 V
f = 10 kHz
2.9
pA/
√Hz
Input current
In
noise
Inverting Input
VCC = ±5 V, ±15 V
f = 10 kHz
10.8
pA/
√Hz
VCC = ±5 V
–67
dBc
Crosstalk
G = 2, f = 1 MHz, VO = 2 VPP
VCC= ±15 V
–67
dBc
G = 2, RL = 150 Ω
VCC = ±5 V
0.01%
40 IRE modulation,
Differential gain error
±100 IRE Ramp
VCC= ±15 V
0.01%
NTSC and PAL
G = 2, RL = 150 Ω
VCC = ±5 V
0.011
degrees
40 IRE modulation
Differential phase error
±100 IRE Ramp
VCC= ±15 V
0.011
degrees
NTSC and PAL
Copyright © 2001–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: THS3122 THS3125


Similar Part No. - THS3125ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3125ID TI-THS3125ID Datasheet
664Kb / 20P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, 450 mA CURRENT FEEDBACK AMPLIFIERS
THS3125IDR TI-THS3125IDR Datasheet
664Kb / 20P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, 450 mA CURRENT FEEDBACK AMPLIFIERS
THS3125IDRG4 TI-THS3125IDRG4 Datasheet
664Kb / 20P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, 450 mA CURRENT FEEDBACK AMPLIFIERS
More results

Similar Description - THS3125ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3122 TI-THS3122 Datasheet
664Kb / 20P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, 450 mA CURRENT FEEDBACK AMPLIFIERS
THS3115CPWP TI1-THS3115CPWP Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
logo
Burr-Brown (TI)
THS3112 BURR-BROWN-THS3112 Datasheet
371Kb / 14P
   LOW-NOISE, HIGH-SPEED CURRENT FEEDBACK AMPLIFIERS
logo
Texas Instruments
THS3110IDGN TI-THS3110IDGN Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110 TI-THS3110 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3110 TI1-THS3110_14 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120 TI-THS3120 Datasheet
916Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_14 Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_16 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3001 TI-THS3001 Datasheet
633Kb / 32P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com