Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4281DGKR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS4281DGKR
Description  Voltage-Feedback Operational Amplifier
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4281DGKR Datasheet(HTML) 1 Page - Texas Instruments

  THS4281DGKR Datasheet HTML 1Page - Texas Instruments THS4281DGKR Datasheet HTML 2Page - Texas Instruments THS4281DGKR Datasheet HTML 3Page - Texas Instruments THS4281DGKR Datasheet HTML 4Page - Texas Instruments THS4281DGKR Datasheet HTML 5Page - Texas Instruments THS4281DGKR Datasheet HTML 6Page - Texas Instruments THS4281DGKR Datasheet HTML 7Page - Texas Instruments THS4281DGKR Datasheet HTML 8Page - Texas Instruments THS4281DGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
+
-
100
2.5
ADS8320
10 nF
500
V BAT
Load
+IN
-IN
V OUT = I RSENSE
0.2 W
I
RSENSE
THS4281
470 pF
470 pF
VBAT
VBAT
W
kW
W
2.5 kW
500 W
VBAT/2
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
THS4281
SLOS432B – APRIL 2004 – REVISED OCTOBER 2015
THS4281 Very Low-Power, High-Speed, Rail-to-Rail Input and Output
Voltage-Feedback Operational Amplifier
1 Features
3 Description
Fabricated using the BiCom-II process, the THS4281
1
Very Low Quiescent Current: 750
μA (at 5 V)
is a low-power, rail-to-rail input and output, voltage-
Rail-to-Rail Input and Output:
feedback operational amplifier designed to operate
Common-Mode Input Voltage Extends
over a wide power-supply range of 2.7-V to 15-V
400 mV Beyond the Rails
single supply, and ±1.35-V to ±7.5-V dual supply.
Consuming only 750
μA with a unity gain bandwidth
Output Swings Within 150 mV From the Rails
of 90 MHz and a high 35-V/
μs slew rate, the
Wide –3-dB Bandwidth at 5 V:
THS4281 allows portable or other power-sensitive
90 MHz at Gain = +1, 40 MHz at Gain = +2
applications to realize high performance with minimal
power. To ensure long battery life in portable
High Slew Rate: 35 V/
μs
applications, the quiescent current is trimmed to be
Fast Settling Time (2-V Step):
less than 900
μA at +25°C, and 1 mA from –40°C to
78 ns to 0.1%
+85°C.
150 ns to 0.01%
The THS4281 is a true single-supply amplifier with a
Low Distortion at Gain = +2, VO = 2-VPP, 5 V:
specified common-mode input range of 400 mV
beyond the rails. This allows for high-side current
–91 dBc at 100 kHz, –67 dBc at 1 MHz
sensing
applications
without
phase
reversal
Input Offset Voltage: 2.5 mV (Max at +25°C)
concerns. Its output swings to within 40 mV from the
Output Current > 30 mA (10-
Ω Load, 5 V)
rails with 10-k
Ω loads, and 150 mV from the rails with
1-k
Ω loads.
Low Voltage Noise of 12.5 nV/
√Hz
Supply Voltages: +2.7 V, 3 V, +5 V, ±5 V, +15 V
The THS4281 has a good 0.1% settling time of 78 ns,
and 0.01% settling time of 150 ns. The low THD of
Packages: SOT23, MSOP, and SOIC
–87 dBc at 100 kHz, coupled with a maximum offset
voltage of less than 2.5 mV, makes the THS4281 a
2 Applications
good match for high-resolution ADCs sampling less
Portable/Battery-Powered Applications
than 2 MSPS.
High Channel Count Systems
The THS4281 is offered in a space-saving SOT23-5
ADC Buffer
package, a small MSOP-8 package, and the industry
standard SOIC-8 package.
Active Filters
Current Sensing
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SOIC (8)
4.90 mm × 3.91 mm
THS4281
SOT-23 (5)
2.90 mm × 1.60 mm
VSSOP (8)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
High-side, Low Power Current-Sensing system
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - THS4281DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4281DGKR TI-THS4281DGKR Datasheet
1Mb / 31P
[Old version datasheet]   VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
THS4281DGKR NSC-THS4281DGKR Datasheet
1Mb / 37P
   VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
Texas Instruments
THS4281DGKR TI1-THS4281DGKR Datasheet
1Mb / 38P
[Old version datasheet]   VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
THS4281DGKRG4 TI-THS4281DGKRG4 Datasheet
1Mb / 31P
[Old version datasheet]   VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
THS4281DGKRG4 NSC-THS4281DGKRG4 Datasheet
1Mb / 37P
   VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
More results

Similar Description - THS4281DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA687 TI1-OPA687 Datasheet
301Kb / 17P
[Old version datasheet]   Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA641 BURR-BROWN-OPA641 Datasheet
106Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA640 TI1-OPA640 Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA680 TI1-OPA680 Datasheet
248Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2652 BURR-BROWN-OPA2652 Datasheet
154Kb / 15P
   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA3680 TI1-OPA3680 Datasheet
238Kb / 22P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA2652 NSC-OPA2652 Datasheet
826Kb / 23P
   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA3690 TI1-OPA3690_14 Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA2652 TI1-OPA2652 Datasheet
833Kb / 23P
[Old version datasheet]   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com