Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4532 Datasheet(PDF) 2 Page - Texas Instruments

Part # THS4532
Description  Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4532 Datasheet(HTML) 2 Page - Texas Instruments

  THS4532_16 Datasheet HTML 1Page - Texas Instruments THS4532_16 Datasheet HTML 2Page - Texas Instruments THS4532_16 Datasheet HTML 3Page - Texas Instruments THS4532_16 Datasheet HTML 4Page - Texas Instruments THS4532_16 Datasheet HTML 5Page - Texas Instruments THS4532_16 Datasheet HTML 6Page - Texas Instruments THS4532_16 Datasheet HTML 7Page - Texas Instruments THS4532_16 Datasheet HTML 8Page - Texas Instruments THS4532_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
THS4532
SLOS829A – FEBRUARY 2013 – REVISED JULY 2015
www.ti.com
Table of Contents
8.3
Feature Description................................................. 25
1
Features .................................................................. 1
8.4
Device Functional Modes........................................ 28
2
Applications ........................................................... 1
9
Application and Implementation ........................ 29
3
Description ............................................................. 1
9.1
Application Information............................................ 29
4
Revision History..................................................... 2
9.2
Typical Applications ................................................ 37
5
Related Products ................................................... 3
9.3
Systems Examples.................................................. 41
6
Pin Configuration and Functions ......................... 4
10
Power Supply Recommendations ..................... 47
7
Specifications......................................................... 5
11
Layout................................................................... 48
7.1
Absolute Maximum Ratings ...................................... 5
11.1
Layout Guidelines ................................................. 48
7.2
ESD Ratings.............................................................. 5
11.2
Layout Example .................................................... 49
7.3
Recommended Operating Conditions ....................... 5
12
Device and Documentation Support ................. 53
7.4
Thermal Information .................................................. 5
12.1
Documentation Support ........................................ 53
7.5
Electrical Characteristics: VS = 2.7 V........................ 6
12.2
Community Resources.......................................... 53
7.6
Electrical Characteristics: VS = 5 V........................... 9
12.3
Trademarks ........................................................... 53
7.7
Typical Characteristics ............................................ 12
12.4
Electrostatic Discharge Caution ............................ 53
8
Detailed Description ............................................ 25
12.5
Glossary ................................................................ 53
8.1
Overview ................................................................. 25
13
Mechanical, Packaging, and Orderable
8.2
Functional Block Diagram ....................................... 25
Information ........................................................... 53
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (February 2013) to Revision A
Page
Added the ESD Ratings table, Recommended Operating Conditions, Detailed Description section, Feature
Description section, Device Functional Modes section, Application and Implementation section. Power Supply
Recommendations section, Layout section, Device and Documentation Support section, Mechanical, Packaging,
and Orderable Information section ........................................................................................................................................ 1
Changed VOCM = open To: VOCM = +VS/2 in the test conditions of Electrical Characteristics: VS = 2.7 V ............................. 6
Added Note 3 to the Electrical Characteristics: VS = 2.7 V table. .......................................................................................... 7
Changed VOCM = open To: VOCM = +VS/2 in the test conditions of Electrical Characteristics: VS = 5 V ................................ 9
Changed Typical Characteristics: VS = 2.7 V Conditions deleted text "Channel 1" ............................................................. 13
Changed Typical Characteristics: VS = 5 V Conditions deleted text "Channel 1" ................................................................ 19
2
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: THS4532


Similar Part No. - THS4532_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4532 TI-THS4532_15 Datasheet
1Mb / 58P
[Old version datasheet]   THS4532 Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
More results

Similar Description - THS4532_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4531 TI1-THS4531_14 Datasheet
1Mb / 56P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4532 TI-THS4532 Datasheet
1Mb / 44P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
logo
National Semiconductor ...
THS4531 NSC-THS4531 Datasheet
1Mb / 55P
   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
logo
Texas Instruments
THS4531A TI-THS4531A Datasheet
1Mb / 50P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4531 TI1-THS4531 Datasheet
1Mb / 54P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
logo
National Semiconductor ...
THS4531A NSC-THS4531A Datasheet
1Mb / 51P
   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4532 NSC-THS4532 Datasheet
1Mb / 44P
   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
logo
Texas Instruments
THS4532 TI1-THS4532 Datasheet
1Mb / 44P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4531A TI1-THS4531A Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4531 TI-THS4531_15 Datasheet
1Mb / 55P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com