Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4531AIRUNT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # THS4531AIRUNT
Description  Ultra Low-Power, Rail-to-Rail Output, Fully Differential Amplifier
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4531AIRUNT Datasheet(HTML) 2 Page - Texas Instruments

  THS4531AIRUNT Datasheet HTML 1Page - Texas Instruments THS4531AIRUNT Datasheet HTML 2Page - Texas Instruments THS4531AIRUNT Datasheet HTML 3Page - Texas Instruments THS4531AIRUNT Datasheet HTML 4Page - Texas Instruments THS4531AIRUNT Datasheet HTML 5Page - Texas Instruments THS4531AIRUNT Datasheet HTML 6Page - Texas Instruments THS4531AIRUNT Datasheet HTML 7Page - Texas Instruments THS4531AIRUNT Datasheet HTML 8Page - Texas Instruments THS4531AIRUNT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 59 page
background image
THS4531A
SLOS823C – DECEMBER 2012 – REVISED JANUARY 2016
www.ti.com
Table of Contents
8.3
Feature Description................................................. 24
1
Features .................................................................. 1
8.4
Device Functional Modes........................................ 26
2
Applications ........................................................... 1
9
Application and Implementation ........................ 27
3
Description ............................................................. 1
9.1
Application Information............................................ 27
4
Revision History..................................................... 2
9.2
Typical Applications ................................................ 35
5
Related Products ................................................... 3
10
Power Supply Recommendations ..................... 45
6
Pin Configuration and Functions ......................... 4
11
Layout................................................................... 45
7
Specifications......................................................... 5
11.1
Layout Guidelines ................................................. 45
7.1
Absolute Maximum Ratings ...................................... 5
11.2
Layout Example .................................................... 46
7.2
ESD Ratings.............................................................. 5
12
Device and Documentation Support ................. 47
7.3
Recommended Operating Conditions ....................... 5
12.1
Device Support...................................................... 47
7.4
Thermal Information .................................................. 5
12.2
Documentation Support ........................................ 47
7.5
Electrical Characteristics: VS = 2.7 V........................ 6
12.3
Community Resources.......................................... 48
7.6
Electrical Characteristics: VS = 5 V........................... 8
12.4
Trademarks ........................................................... 48
7.7
Typical Characteristics ............................................ 11
12.5
Electrostatic Discharge Caution ............................ 48
8
Detailed Description ............................................ 24
12.6
Glossary ................................................................ 48
8.1
Overview ................................................................. 24
13
Mechanical, Packaging, and Orderable
8.2
Functional Block Diagram ....................................... 24
Information ........................................................... 48
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (June 2015) to Revision C
Page
Changed Equation 5 for clarification ................................................................................................................................... 40
Changes from Revision A (January 2013) to Revision B
Page
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
Changes from Original (December 2012) to Revision A
Page
Changed graph title from "VOS OVER TEMPERATURE" to "SMALL-SIGNAL FREQUENCY RESPONSE" ...................... 18
2
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Product Folder Links: THS4531A


Similar Part No. - THS4531AIRUNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4531AIRUNT TI-THS4531AIRUNT Datasheet
1Mb / 50P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
logo
National Semiconductor ...
THS4531AIRUNT NSC-THS4531AIRUNT Datasheet
1Mb / 51P
   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
More results

Similar Description - THS4531AIRUNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4531 TI1-THS4531_14 Datasheet
1Mb / 56P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4532 TI-THS4532 Datasheet
1Mb / 44P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
logo
National Semiconductor ...
THS4531 NSC-THS4531 Datasheet
1Mb / 55P
   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
logo
Texas Instruments
THS4531A TI-THS4531A Datasheet
1Mb / 50P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4532 TI1-THS4532_16 Datasheet
1Mb / 58P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4531 TI1-THS4531 Datasheet
1Mb / 54P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
logo
National Semiconductor ...
THS4531A NSC-THS4531A Datasheet
1Mb / 51P
   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4532 NSC-THS4532 Datasheet
1Mb / 44P
   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
logo
Texas Instruments
THS4532 TI1-THS4532 Datasheet
1Mb / 44P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4531A TI1-THS4531A Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
THS4531 TI-THS4531_15 Datasheet
1Mb / 55P
[Old version datasheet]   Ultra Low Power, Rail-to-Rail Output, Fully-Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com