Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86217 Datasheet(PDF) 5 Page - Zilog, Inc.

Part # Z86217
Description  CMOS Z8 8-BIT MICROCONTROLLERS (POINTING DEVICE/TRACKBALL)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86217 Datasheet(HTML) 5 Page - Zilog, Inc.

  Z86217 Datasheet HTML 1Page - Zilog, Inc. Z86217 Datasheet HTML 2Page - Zilog, Inc. Z86217 Datasheet HTML 3Page - Zilog, Inc. Z86217 Datasheet HTML 4Page - Zilog, Inc. Z86217 Datasheet HTML 5Page - Zilog, Inc. Z86217 Datasheet HTML 6Page - Zilog, Inc. Z86217 Datasheet HTML 7Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Z86217/C17
CP95KEY1000
5
PRELIMINARY
TA = 0°C to +70°C
Typical
Sym
Parameter
VDD
Min
Max
@ 25
°C
Units
Conditions
IDD
Supply Current
3.0V
1.5
0.41
mA
All Output and I/OPins
Floating @ 1 MHz
5.5V
3.0
1.44
mA
All Output and I/O Pins
Floating @ 1 MHz
3.0V
2.0
0.93
mA
All Output and I/O Pins
Floating @ 2 MHz
5.5V
4.0
2.60
mA
All Output and I/O Pins
Floating @ 2 MHz
3.0V
3.0
1.64
mA
All Output and I/O Pins
Floating @ 4 MHz
5.5V
6.0
4.28
mA
All Output and I/O Pins
Floating @ 4 MHz
IDD1
Standby Current
3.0V
0.6
0.15
mA
HALT Mode VIN = 0V,
VCC @ 1 MHz
5.5V
1.3
0.70
mA
HALT Mode VIN = 0V,
VCC @ 1 MHz
3.0V
0.8
0.20
mA
HALT Mode VIN = 0V,
VCC @ 2 MHz
5.5V
1.5
0.80
mA
HALT Mode VIN = 0V,
VCC @ 2 MHz
3.0V
1.0
0.3
mA
HALT Mode VIN = 0V,
VCC @ 4 MHz
5.5V
2.0
1.0
mA
HALT Mode VIN = 0V,
VCC @ 4 MHz
I
DD2
Standby Current
3.0V
200
120
µA
STOP Mode V
IN = 0V,
V
CC WDT is Running
5.5V
200
120
µA
STOP Mode V
IN = 0V,
V
CC WDT is Running
I
PU
Pull-Up Current
Port P20-P23 (100K)
3.0V
–35
–13
µA
5.5V
–100
–57
µA
Port P24-P27* (20K)
3.0V
–100
–58
µA
5.5V
–400
–270
µA
Port P00-P03
3.0V
–35
–13
µA
Port P31, P33
5.5V
–100
–56
µA
I
PD
Pull-Down Current
3.0V
80
40
µA
Port P32* (47K)
5.5V
250
160
µA
Note:
*Available on the Z86C17 only.


Similar Part No. - Z86217

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86227 ZILOG-Z86227 Datasheet
65Kb / 8P
   40-PIN LOW-COST DIGITAL TELEVISION CONTROLLER (4LDTC)
Z86227-04PSC ZILOG-Z86227-04PSC Datasheet
65Kb / 8P
   40-PIN LOW-COST DIGITAL TELEVISION CONTROLLER (4LDTC)
Z86228 ZILOG-Z86228 Datasheet
87Kb / 7P
   LINE 21 CLOSED CAPTION CONTROLLER (L21C)
Z8622812PSC ZILOG-Z8622812PSC Datasheet
258Kb / 7P
   LINE 21 CLOSED CAPTION CONTROLLER(L21C)
Z8622812PSG ZILOG-Z8622812PSG Datasheet
258Kb / 7P
   LINE 21 CLOSED CAPTION CONTROLLER (L21C)
More results

Similar Description - Z86217

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E33 ZILOG-Z86E33 Datasheet
45Kb / 10P
   CMOS Z8 OTP Microcontrollers
Z86L04 ZILOG-Z86L04 Datasheet
165Kb / 26P
   Z8 8-Bit Cost-Effective Microcontrollers
Z86E0412PSG1866 ZILOG-Z86E0412PSG1866 Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
Z86C9116PSG ZILOG-Z86C9116PSG Datasheet
824Kb / 56P
   CMOS Z8 ROMLess Microcontrollers
Z86E09 ZILOG-Z86E09 Datasheet
305Kb / 38P
   Z8 CMOS OTP Microcontrollers
Z86E0412PEG ZILOG-Z86E0412PEG Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
Z86C05 ZILOG-Z86C05 Datasheet
877Kb / 29P
   CMOS Z8 8-Bit Low-Cost 1K/2K-ROM Microcontrollers
Z8673312PSG ZILOG-Z8673312PSG Datasheet
1Mb / 84P
   CMOS Z8 OTP Microcontrollers
Z86E03 ZILOG-Z86E03 Datasheet
66Kb / 9P
   CMOS Z8 OTP MICROCONTROLLERS
Z86317 ZILOG-Z86317 Datasheet
59Kb / 8P
   CMOS Z8 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com