Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8612912SSC Datasheet(PDF) 4 Page - Zilog, Inc.

Part # Z8612912SSC
Description  NTSC LINE 21 DECIDER
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8612912SSC Datasheet(HTML) 4 Page - Zilog, Inc.

  Z8612912SSC Datasheet HTML 1Page - Zilog, Inc. Z8612912SSC Datasheet HTML 2Page - Zilog, Inc. Z8612912SSC Datasheet HTML 3Page - Zilog, Inc. Z8612912SSC Datasheet HTML 4Page - Zilog, Inc. Z8612912SSC Datasheet HTML 5Page - Zilog, Inc. Z8612912SSC Datasheet HTML 6Page - Zilog, Inc. Z8612912SSC Datasheet HTML 7Page - Zilog, Inc. Z8612912SSC Datasheet HTML 8Page - Zilog, Inc. Z8612912SSC Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
Z86129/130/131
NTSC Line 21 Decoder
P R E L I M I N A R Y
4
DS96TEL0200
STANDARD TEST CONDITIONS
The characteristics listed below apply for standard test
conditions as noted. All voltages are referenced to
Ground. Positive current flows into the referenced pin
(Figure 3).
DC ELECTRICAL CHARACTERISTICS
Note: T
A = 0°C to +70°C; VDD = +4.75V to +5.25V
AC AND TIMING CHARACTERISTICS
Composite Video Input
Figure 3. Standard Test Load
From Output
Under Test
150 pF
250
µA
2.1 k
+5V
Symbol
Parameter
Conditions
Min.
Max.
Unit
V
IL
Input Voltage Low
0
0.2 V
DD
V
V
IH
Input Voltage High
0.7 V
DD
V
DD
V
V
OL
Output Voltage Low
I
OL = 1.00 mA
0.4
V
V
OH
Output Voltage High
I
OH = 0.75 mA
V
DD –0.4V
V
I
IL
Input Leakage
0V, V
DD
–3.0
3.0
µA
I
DD
Supply Current
Estimated*
30
mA
K
φ
VCO Gain
TBD
MHz/V
I
LP
Loop Filter Current
TBD
mA
Note: *Not guaranteed
Parameter
Conditions
Amplitude
1.0V p-p
±3 dB
Polarity
Sync tips negative
Bandwidth
600 kHz
Signal Type
Interlaced
Max Input R
470 ohms
DC Offset
Signal to be AC coupled with a minimum series capacitance of 0.1
µF


Similar Part No. - Z8612912SSC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8612912SSC00TR ZILOG-Z8612912SSC00TR Datasheet
3Mb / 62P
   PRELIMINARY PRODUCT SPECIFICATION
More results

Similar Description - Z8612912SSC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86L2908 ZILOG-Z86L2908 Datasheet
32Kb / 2P
   NTSC LINE 21 DECODER
Z8622912 ZILOG-Z8622912 Datasheet
1Mb / 52P
   NTSC LINE 21 CCD DECODER
Z8623012SSG ZILOG-Z8623012SSG Datasheet
1Mb / 61P
   ADVANCED PROGRAM BLOCKING AND NTSC LINE 21 XDS DECODER
logo
Sanyo Semicon Device
LC89962 SANYO-LC89962 Datasheet
98Kb / 6P
   NTSC Format Delay Line
LC89915 SANYO-LC89915 Datasheet
74Kb / 4P
   NTSC 1H Delay Line
LC89960 SANYO-LC89960 Datasheet
80Kb / 5P
   NTSC 1H Delay Line
logo
Zilog, Inc.
Z86230 ZILOG-Z86230 Datasheet
890Kb / 61P
   ADVANCED VIOLENCE BLOCKING AND NTSC 21 XDS
logo
Sanyo Semicon Device
LC8991 SANYO-LC8991 Datasheet
39Kb / 4P
   NTSC CCD 1H Delay Line
logo
Sony Corporation
CXL1512M SONY-CXL1512M Datasheet
118Kb / 13P
   CCD Delay Line for NTSC
CXL5504M SONY-CXL5504M Datasheet
135Kb / 11P
   CMOS-CCD 1H Delay Line for NTSC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com