Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8613112SSC Datasheet(PDF) 1 Page - Zilog, Inc.

Part # Z8613112SSC
Description  NTSC LINE 21 DECIDER
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8613112SSC Datasheet(HTML) 1 Page - Zilog, Inc.

  Z8613112SSC Datasheet HTML 1Page - Zilog, Inc. Z8613112SSC Datasheet HTML 2Page - Zilog, Inc. Z8613112SSC Datasheet HTML 3Page - Zilog, Inc. Z8613112SSC Datasheet HTML 4Page - Zilog, Inc. Z8613112SSC Datasheet HTML 5Page - Zilog, Inc. Z8613112SSC Datasheet HTML 6Page - Zilog, Inc. Z8613112SSC Datasheet HTML 7Page - Zilog, Inc. Z8613112SSC Datasheet HTML 8Page - Zilog, Inc. Z8613112SSC Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
DS96TEL0200
1
1
PRELIMINARY PRODUCT SPECIFICATION
FEATURES
s
Complete Stand-Alone Line 21 Decoder for Closed-
Captions and Extended Data Services (XDS).
s
Preprogrammed to Provide Full Compliance with EIA-
608 Specifications for Extended Data Services.
s
Automatic Extraction and Serial Output of Special
XDS Packets such as Time of Day, Local Time Zone,
and Program Rating (V-Chip).
s
Cost-Effective Solution for NTSC Violence Blocking
inside Picture-in-Picture (PiP) Windows.
s
Minimal Communications and Control Overhead
Provides Simple Implementation of Violence Block,
Closed Caption, and Auto Clock Set Features.
s
Programmable, Full Screen On-Screen Display (OSD)
for Creating OSD or Captions inside a Picture-in-
Picture (PiP) Window (Z86129 only).
s
I
2C Serial Data and Control Communication
s
User-Programmable Horizontal Display Position for
easy OSD Centering and Adjustment (Z86129 only).
GENERAL DESCRIPTION
The Z86129/130/131 is a stand-alone integrated circuit,
capable of processing Vertical Blanking Interval (VBI) data
from both fields of the video frame in data conforming to
the transmission format defined in the Television Decoder
Circuits Act of 1990 and in accordance with the Electronics
Industry Association specification 608 (EIA-608).
The Line 21 data stream can consist of data from several
data channels multiplexed together. Field 1 has four data
channels, two Captions and two Text. Field 2 has five
additional data channels, two Captions, two Text and
Extended Data Services (XDS). XDS data structure is
defined in EIA-608. The Z86129 can recover and display
data transmitted on any of these nine data channels. The
Z86130 and Z86131 are derivatives of the Z86129 which
can recover XDS data and output the recovered data via
the serial port. The Z86130 and Z86131 do not have OSD
capability, but are ideally suited for Line 21 data slicer
applications.
The Z86129/130/131 can recover and output to a host
processor via the I
2C serial bus any XDS data packet
defined in EIA-608. On-chip XDS filters are fully
programmable, enabling recovery of only those XDS data
packets selected by the user, making the Z86129/130 an
ideal choice for implementing NTSC Violence Block. The
Z86131 is designed especially for extracting XDS time
information for Automatic Clock-Set features in TVs,
VCRs, and Set-Top boxes.
In addition, the Z86129/130 is ideally suited to monitor Line
21 of video displayed in a PiP window for violence blocking
purposes. A block diagram of the Z86129/130/131 is
shown in Figure 1.
Z86129/130/131
1
NTSC LINE 21 DECODER
Speed
Pin Count/
Standard
On-Screen Display
Automatic Data Extraction
Devices
(MHz)
Package Types
Temp. Range
& Closed Captioning
V-Chip
Time of Day
Z86129
12
18-Pin DIP, SOIC
0
° to +70°C
Yes
Yes
Yes
Z86130
12
18-Pin DIP, SOIC
0
° to +70°C
No
Yes
Yes
Z86131
12
18-Pin DIP, SOIC
0
° to +70°CNo
No
Yes


Similar Part No. - Z8613112SSC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86131 ZILOG-Z86131 Datasheet
32Kb / 2P
   NTSC LINE 21 DECODER
Z86131 ZILOG-Z86131 Datasheet
3Mb / 62P
   PRELIMINARY PRODUCT SPECIFICATION
More results

Similar Description - Z8613112SSC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86L2908 ZILOG-Z86L2908 Datasheet
32Kb / 2P
   NTSC LINE 21 DECODER
Z8622912 ZILOG-Z8622912 Datasheet
1Mb / 52P
   NTSC LINE 21 CCD DECODER
Z8623012SSG ZILOG-Z8623012SSG Datasheet
1Mb / 61P
   ADVANCED PROGRAM BLOCKING AND NTSC LINE 21 XDS DECODER
logo
Sanyo Semicon Device
LC89962 SANYO-LC89962 Datasheet
98Kb / 6P
   NTSC Format Delay Line
LC89915 SANYO-LC89915 Datasheet
74Kb / 4P
   NTSC 1H Delay Line
LC89960 SANYO-LC89960 Datasheet
80Kb / 5P
   NTSC 1H Delay Line
logo
Zilog, Inc.
Z86230 ZILOG-Z86230 Datasheet
890Kb / 61P
   ADVANCED VIOLENCE BLOCKING AND NTSC 21 XDS
logo
Sanyo Semicon Device
LC8991 SANYO-LC8991 Datasheet
39Kb / 4P
   NTSC CCD 1H Delay Line
logo
Sony Corporation
CXL1512M SONY-CXL1512M Datasheet
118Kb / 13P
   CCD Delay Line for NTSC
CXL5504M SONY-CXL5504M Datasheet
135Kb / 11P
   CMOS-CCD 1H Delay Line for NTSC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com