Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM0335C1E2R3WA01J Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # GRM0335C1E2R3WA01J
Description  Operating temperature range
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM0335C1E2R3WA01J Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  GRM0335C1E2R3WA01J Datasheet HTML 1Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GRM0335C1E2R3WA01#
# indicates a package specification code.
< List of part numbers with package codes >
GRM0335C1E2R3WA01D , GRM0335C1E2R3WA01W , GRM0335C1E2R3WA01J
Shape
L size
0.6 ±0.03mm
W size
0.3 ±0.03mm
T size
0.3 ±0.03mm
External terminal width e
0.1 to 0.2mm
Distance between external terminals g
0.2mm min.
Size code in inch(mm)
0201 (0603)
Specifications
Capacitance
2.3pF ±0.05pF
Rated voltage
25Vdc
Temperature characteristics (complied standard)
C0G(EIA)
Temperature coefficient
0±30ppm/℃
Temperature range of temperature characteristics
25 to 125℃
Operating temperature range
-55 to 125℃
References
Packaging
Specifications
Minimum quantity
φ180mm Paper taping
15000
φ330mm Paper taping
50000
φ180mm Paper taping (W8P1*)
* Width : 8mm, Pocket pitch : 1mm
30000
Mass (typ.)
1 piece
0.33mg
φ180mm Reel
118g
1 of 1
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, its specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last updated: 2015/12/14


Similar Part No. - GRM0335C1E2R3WA01J

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0335C1E2R3BA01 MURATA-GRM0335C1E2R3BA01 Datasheet
49Kb / 1P
   Operating temperature range
GRM0335C1E2R3BA01D MURATA-GRM0335C1E2R3BA01D Datasheet
49Kb / 1P
   Operating temperature range
GRM0335C1E2R3BA01J MURATA-GRM0335C1E2R3BA01J Datasheet
49Kb / 1P
   Operating temperature range
GRM0335C1E2R3BA01W MURATA-GRM0335C1E2R3BA01W Datasheet
49Kb / 1P
   Operating temperature range
GRM0335C1E2R3CA01 MURATA-GRM0335C1E2R3CA01 Datasheet
49Kb / 1P
   Operating temperature range
More results

Similar Description - GRM0335C1E2R3WA01J

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0115C1ER30CE01 MURATA-GRM0115C1ER30CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER40BE01 MURATA-GRM0115C1ER40BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER60BE01 MURATA-GRM0115C1ER60BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER80BE01 MURATA-GRM0115C1ER80BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1E9R5CE01 MURATA-GRM0115C1E9R5CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0222C1E2R3BDAE MURATA-GRM0222C1E2R3BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6BDAE MURATA-GRM0222C1E2R6BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6WDAE MURATA-GRM0222C1E2R6WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R4BDAE MURATA-GRM0222C1E3R4BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R7WDAE MURATA-GRM0222C1E3R7WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E330GA02 MURATA-GRM0222C1E330GA02 Datasheet
92Kb / 2P
   Operating temperature range
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com