Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86C15 Datasheet(PDF) 1 Page - Zilog, Inc.

Part # Z86C15
Description  CMOS Z8 8-BIT MCU KEYBOARDCONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C15 Datasheet(HTML) 1 Page - Zilog, Inc.

  Z86C15 Datasheet HTML 1Page - Zilog, Inc. Z86C15 Datasheet HTML 2Page - Zilog, Inc. Z86C15 Datasheet HTML 3Page - Zilog, Inc. Z86C15 Datasheet HTML 4Page - Zilog, Inc. Z86C15 Datasheet HTML 5Page - Zilog, Inc. Z86C15 Datasheet HTML 6Page - Zilog, Inc. Z86C15 Datasheet HTML 7Page - Zilog, Inc. Z86C15 Datasheet HTML 8Page - Zilog, Inc. Z86C15 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Z86C15
CP96KEY0603
FEATURES
ROM
RAM*
I/O
Speed
Pin Count /
(Kbytes)
(Bytes)
Lines
(MHz)
Package
4
236
3 2
5
40 DIP
44 PLCC
44 QFP
* General-Purpose
n
4.5- to 5.5-Volt Operating Range
n
0
°C to 70°C Operating Temperature Range
n
Expanded Register File
n
Low-Power Consumption: 30 mW @ 5 MHz Typical
n
Six Vectored, Priority Interrupts from
Six Different Sources
n
Two Programmable 8-Bit Counter/Timers,
Each with 6-Bit Programmable Prescaler
n
Power-On Reset (POR) Timer, Hardware Watch-Dog
Timer (WDT)
n
Digital Inputs CMOS Levels with
Internal Pull-Up Resistors
n
Four Direct Connect LED Drive Ports
n
On-Chip RC Oscillator, 4 MHz to 5 MHz
GENERAL DESCRIPTION
The Z86C15 Keyboard Controller is a full-featured mem-
ber of the Z8® microcontroller family offering a unique
register-to-register architecture that avoids accumulator
bottlenecks and is more code efficient than RISC
processors.
For applications demanding powerful I/O capabilities, the
Z86C15 provides 32 pins dedicated to input and output.
These lines are grouped into four ports, each port consist-
ing of eight lines, and are configurable under software
control to provide timing, status signals, and serial or
parallel I/O ports.
Two on-chip counter/timers, with a large number of user-
selectable modes, are available to relieve the system of
administering real-time tasks, such as counting/timing and
I/O datacommunications.
Six different internal or external interrupt sources are
maskable and prioritized so a vectored address is pro-
vided for efficient interrupt subroutine handling and
multitasking functions.
CP96KEY0603 (3/96)
CUSTOMERPROCUREMENTSPECIFICATION
The Z86C15 achieves low-EMI by means of several modi-
fications in the output drivers and clock circuitry of the
device.
By means of an expanded register file, the designer has
access to three additional system control registers that
provide extra peripheral devices, I/O ports, and register
addresses (see Functional Block Diagram).
Notes:
All Signals with a preceding front slash, "/", are active Low, e.g.,
B//W (WORD is active Low); /B/W (BYTE is active Low, only).
Power connections follow conventional descriptions below:
Connection
Circuit
Device
Power
V
CC
V
DD
Ground
GND
V
SS
Z86C15
CMOSZ8®8-BITMCU
KEYBOARDCONTROLLER


Similar Part No. - Z86C15

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C11 ZILOG-Z86C11 Datasheet
658Kb / 21P
   CMOS Z8 Microcontroller
Z86C17 ZILOG-Z86C17 Datasheet
63Kb / 7P
   CMOS Z8 8-BIT MICROCONTROLLERS (POINTING DEVICE/TRACKBALL)
More results

Similar Description - Z86C15

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8609316PSG ZILOG-Z8609316PSG Datasheet
362Kb / 18P
   ROMLESS CMOS 8-BIT Z8 MCU
Z86K13 ZILOG-Z86K13 Datasheet
170Kb / 24P
   CMOS Z8 8-Bit MCU Keyboard Controllers
Z86318 ZILOG-Z86318 Datasheet
265Kb / 26P
   Z8 MCU 8-BIT MICROCONTROLLER
Z86317 ZILOG-Z86317 Datasheet
59Kb / 8P
   CMOS Z8 8-BIT MICROCONTROLLER
Z08617 ZILOG-Z08617 Datasheet
231Kb / 26P
   NMOS Z8 8-BIT MCU KEYBOARD CONTROLLER
Z86C90 ZILOG-Z86C90 Datasheet
96Kb / 14P
   ROMLESS CMOS Z8 8-BIT MICROCONTROLLER
Z8602 ZILOG-Z8602 Datasheet
41Kb / 5P
   KEYBOARD CONTROLLER (KBC?? NMOS Z8 8-BIT MCU
Z8614 ZILOG-Z8614 Datasheet
37Kb / 4P
   KEYBOARD CONTROLLER (KBC?? NMOS Z8 8-BIT MCU
Z86E15 ZILOG-Z86E15 Datasheet
700Kb / 26P
   CMOS Z8 8-Bit OTP Keyboad Controller
Z86217 ZILOG-Z86217 Datasheet
63Kb / 7P
   CMOS Z8 8-BIT MICROCONTROLLERS (POINTING DEVICE/TRACKBALL)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com