Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86C40 Datasheet(PDF) 8 Page - Zilog, Inc.

Part # Z86C40
Description  CMOS Z8 CONSUMER CONTROLLER PROCESSOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C40 Datasheet(HTML) 8 Page - Zilog, Inc.

Back Button Z86C40 Datasheet HTML 4Page - Zilog, Inc. Z86C40 Datasheet HTML 5Page - Zilog, Inc. Z86C40 Datasheet HTML 6Page - Zilog, Inc. Z86C40 Datasheet HTML 7Page - Zilog, Inc. Z86C40 Datasheet HTML 8Page - Zilog, Inc. Z86C40 Datasheet HTML 9Page - Zilog, Inc. Z86C40 Datasheet HTML 10Page - Zilog, Inc. Z86C40 Datasheet HTML 11Page - Zilog, Inc. Z86C40 Datasheet HTML 12Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
CP96DZ82900
Z86C30/C31/C32/C40
CP96DZ82900
ZILOG
DC ELECTRICAL CHARACTERISTICS
T
A = 0°C
Typical [1]
V
CC
to +70
°C@
Sym
Parameter
Note [3]
Min
Max
25
°C
Units
Conditions
Notes
V
CH
Clock Input High Voltage 3.0V
0.7 V
CC
V
CC+0.3
1.3
V
Driven by External Clock Generator
5.5V
0.7 V
CC
V
CC+0.3
2.5
V
Driven by External Clock Generator
V
CL
Clock Input Low Voltage
3.0V
GND-0.3
0.2 V
CC
0.7
V
Driven by External Clock Generator
5.5V
GND-0.3
0.2 V
CC
1.5
V
Driven by External Clock Generator
V
IH
Input High Voltage
3.0V
0.7 V
CC
V
CC+0.3
1.3
V
5.5V
0.7 V
CC
V
CC+0.3
2.5
V
V
IL
Input Low Voltage
3.0V
GND-0.3
0.2 V
CC
0.7
V
5.5V
GND-0.3
0.2 V
CC
1.5
V
V
OH
Output High Voltge
3.0V
V
CC–0.4
3.1
V
I
OH = – 0.5 mA
Low EMI Mode
5.5V
V
CC–0.4
4.8
V
I
OH = – 0.5 mA
V
OH1
Output High Voltage
3.0V
V
CC–0.4
3.1
V
I
OH = – 2.0 mA
[8]
5.5V
V
CC–0.4
4.8
V
I
OH = – 2.0 mA
[8]
V
OL
Output Low Voltage
3.0V
0.6
0.3
V
I
OL = 1.0 mA
Low EMI Mode
5.5V
0.4
0.2
V
I
OL = 1.0 mA
V
OL1
Output Low Voltage
3.0V
0.6
0.2
V
I
OL = + 4.0 mA
[8]
5.0V
0.4
0.1
V
I
OL = + 4.0 mA
[8]
V
OL2
Output Low Voltage
3.0V
1.2
0.5
V
I
OL = + 6 mA
[8]
5.5V
1.2
0.5
V
I
OL = + 12 mA
[8]
V
RH
Reset Input High Voltage
3.0V
.8 V
CC
V
CC
1.5
V
[7]
5.5V
.8 V
CC
V
CC
2.1
V
[7]
V
RL
Reset Input Low Voltage
3.0V
GND–0.3
0.2 V
CC
1.1
[7]
5.5V
GND–0.3
0.2 V
CC
1.7
[7]
V
OLR
Reset Outut Low Voltage
3.0V
0.6
0.3
V
I
OL = +1.0 mA
[7]
5.5V
0.6
0.2
V
I
OL = +1.0 mA
[7]
V
OFFSET
Comparator Input Offset
3.0V
25
10
mV
Voltage
5.5V
25
10
mV
V
ICR
Input Common Mode
3.0V
GND-0.3 V
CC –1.0V
V
[10]
Voltage Range
5.5V
GND-0.3 V
CC –1.0V
V
[10]
I
IL
Input Leakage
3.0V
–1
2
0.064
µAV
IN = OV, VCC
5.5V
–1
2
0.064
µAV
IN = OV, VCC
I
OL
Output Leakage
3.0V
–1
2
0.114
µAV
IN = OV, VCC
5.5V
–1
2
0.114
µAV
IN = OV, VCC
I
IR
Reset Input Current
3.0V
–20
–130
–62
µA
5.5V
–20
–180
–112
µA
I
CC
Supply Current
3.0V
20
7
mA
@ 16 MHz
[4,5]
5.5V
25
20
mA
@ 16 MHz
[4,5]
3.0V
15
5
mA
@ 12 MHz
[4,5]
5.5V
20
15
mA
@ 12 MHz
[4,5]


Similar Part No. - Z86C40

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C40 ZILOG-Z86C40 Datasheet
1Mb / 348P
   General-Purpose Register File. Flexible I/O. Analog Inputs
Z86C4016PSG ZILOG-Z86C4016PSG Datasheet
1Mb / 348P
   Z86E3016PSG
More results

Similar Description - Z86C40

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C33 ZILOG-Z86C33 Datasheet
114Kb / 16P
   CMOS Z8 CONSUMER CONTROLLER PROCESSOR
Z86L33 ZILOG-Z86L33 Datasheet
223Kb / 16P
   CMOS Z8 CONSUMER CONTROLLER PROCESSOR
Z86233 ZILOG-Z86233 Datasheet
122Kb / 18P
   CMOS Z8 8K ROM CONSUMER CONTROLLER PROCESSOR
Z87233 ZILOG-Z87233 Datasheet
868Kb / 71P
   CMOS Z8-R MCU Consumer Controller Processor
Z87C33 ZILOG-Z87C33 Datasheet
862Kb / 72P
   CMOS Z8짰 MCU Consumer Controller Processor
Z86C95 ZILOG-Z86C95 Datasheet
147Kb / 18P
   CMOS Z8 DIGITAL SIGNAL PROCESSOR (DSP)
Z86116 ZILOG-Z86116 Datasheet
60Kb / 9P
   CMOS Z8 PN MODULATOR WIRELESS CONTROLLER
Z86E15 ZILOG-Z86E15 Datasheet
700Kb / 26P
   CMOS Z8 8-Bit OTP Keyboad Controller
Z86C11 ZILOG-Z86C11 Datasheet
658Kb / 21P
   CMOS Z8 Microcontroller
Z86C61 ZILOG-Z86C61 Datasheet
388Kb / 46P
   CMOS Z8 MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com