Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86C83 Datasheet(PDF) 11 Page - Zilog, Inc.

Part # Z86C83
Description  Z8 MCU MICROCONTROLLERS
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C83 Datasheet(HTML) 11 Page - Zilog, Inc.

Back Button Z86C83 Datasheet HTML 7Page - Zilog, Inc. Z86C83 Datasheet HTML 8Page - Zilog, Inc. Z86C83 Datasheet HTML 9Page - Zilog, Inc. Z86C83 Datasheet HTML 10Page - Zilog, Inc. Z86C83 Datasheet HTML 11Page - Zilog, Inc. Z86C83 Datasheet HTML 12Page - Zilog, Inc. Z86C83 Datasheet HTML 13Page - Zilog, Inc. Z86C83 Datasheet HTML 14Page - Zilog, Inc. Z86C83 Datasheet HTML 15Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
Z86C83/C84
Z8
® MCU Microcontrollers
11
DS96DZ80203
AC ELECTRICAL CHARACTERISTICS (Continued)
Additional Timing Table (Divide-By-One Mode, SCLK/TCLK = XTAL)
No Symbol Parameter
V
cc
Note 6
T
A = 0°C to +70°CTA = –40°C to +105°C
Units Notes
4 MHz
4 MHz
Min
Max
Min
Max
1
TpC
Input Clock Period
3.0V
250
DC
250
DC
ns
1,7,8
5.5V
250
DC
250
DC
ns
1,7,8
2
TrC,TfC
Clock Input Rise & Fall Times
3.0V
25
25
ns
1,7,8
5.5V
25
25
ns
1,7,8
3
TwC
Input Clock Width
3.0V
125
125
ns
1,7,8
5.5V
125
125
ns
1,7,8
4
TwTinL
Timer Input Low Width
3.0V
100
100
ns
1,7,8
5.5V
70
70
ns
1,7,8
5
TwTinH
Timer Input High Width
3.0V
3TpC
3TpC
1,7,8
5.5V
3TpC
3TpC
1,7,8
6
TpTin
Timer Input Period
3.0V
4TpC
4TpC
1,7,8
5.5V
4TpC
4TpC
1,7,8
7
TrTin,
Timer Input Rise & Fall Timer
3.0V
100
100
ns
1,7,8
TfTin
5.5V
100
100
ns
1,7,8
8A TwIL
Int. Request Low Time
3.0V
100
100
ns
1,2,7,8
5.5V
70
70
ns
1,2,7,8
8B TwIL
Int. Request Low Time
3.0V
3TpC
3TpC
1,3,7,8
5.5V
3TpC
3TpC
1,3,7,8
9
TwIH
Int. Request Input High Time
3.0V
3TpC
3TpC
1,2,7,8
5.5V
3TpC
2TpC
1,2,7,8
10 Twsm
STOP-Mode Recovery Width Spec
3.0V
12
12
ns
4,8
5.5V
12
12
ns
4,8
11 Tost
Oscillator Startup Time
3.0V
5TpC
5TpC
4,8,9
5.5V
5TpC
5TpC
4,8,9
Notes:
1. Timing Reference uses 0.7 V
CC for a logic 1 and 0.2 VCC for a logic 0.
2. Interrupt request via Port 3 (P33-P31).
3. Interrupt request via Port 3 (P30).
4. SMR-D5 = 1, POR STOP mode delay is on.
5. Reg. WDTMR.
6. The V
CC voltage specification of 3.0V guarantees 3.3V ±0.3V, and the VCC voltage specification of 5.5V guarantees 5.0V ±0.5V.
7. SMR D1 = 0.
8. Maximum frequency for internal system clock is 4 MHz when using XTAL divide-by-one mode.
9. For XTAL and LC oscillator, and for oscillator driven by clock driver.


Similar Part No. - Z86C83

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C89 ZILOG-Z86C89 Datasheet
96Kb / 14P
   ROMLESS CMOS Z8 8-BIT MICROCONTROLLER
Z86C89PLCC ZILOG-Z86C89PLCC Datasheet
96Kb / 14P
   ROMLESS CMOS Z8 8-BIT MICROCONTROLLER
Z86C89QFP ZILOG-Z86C89QFP Datasheet
96Kb / 14P
   ROMLESS CMOS Z8 8-BIT MICROCONTROLLER
More results

Similar Description - Z86C83

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E33 ZILOG-Z86E33 Datasheet
45Kb / 10P
   CMOS Z8 OTP Microcontrollers
Z86E0412PSG1866 ZILOG-Z86E0412PSG1866 Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
Z86C9116VSC ZILOG-Z86C9116VSC Datasheet
824Kb / 56P
   COMS Z8 ROMLess Microcontrollers
Z86C9116PSG ZILOG-Z86C9116PSG Datasheet
824Kb / 56P
   CMOS Z8 ROMLess Microcontrollers
Z86E09 ZILOG-Z86E09 Datasheet
305Kb / 38P
   Z8 CMOS OTP Microcontrollers
Z86E0412PEG ZILOG-Z86E0412PEG Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
Z8673312PSG ZILOG-Z8673312PSG Datasheet
1Mb / 84P
   CMOS Z8 OTP Microcontrollers
Z86E03 ZILOG-Z86E03 Datasheet
66Kb / 9P
   CMOS Z8 OTP MICROCONTROLLERS
Z86C91 ZILOG-Z86C91 Datasheet
789Kb / 56P
   CMOS Z8 ROMLess Microcontrollers
Z86E04 ZILOG-Z86E04 Datasheet
214Kb / 44P
   CMOS Z8 OTP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com