Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86C9012PSC Datasheet(PDF) 5 Page - Zilog, Inc.

Part # Z86C9012PSC
Description  ROMLESS CMOS Z8 8-BIT MICROCONTROLLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C9012PSC Datasheet(HTML) 5 Page - Zilog, Inc.

  Z86C9012PSC Datasheet HTML 1Page - Zilog, Inc. Z86C9012PSC Datasheet HTML 2Page - Zilog, Inc. Z86C9012PSC Datasheet HTML 3Page - Zilog, Inc. Z86C9012PSC Datasheet HTML 4Page - Zilog, Inc. Z86C9012PSC Datasheet HTML 5Page - Zilog, Inc. Z86C9012PSC Datasheet HTML 6Page - Zilog, Inc. Z86C9012PSC Datasheet HTML 7Page - Zilog, Inc. Z86C9012PSC Datasheet HTML 8Page - Zilog, Inc. Z86C9012PSC Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
STANDARD TEST CONDITIONS
The characteristics listed below apply for standard test conditions
as noted. All voltages are referenced to GND. Positive current
flows into the referenced pin (Test Load Diagram).
Symbol
Description
Min
Max
Units
V
CC
Supply Voltage (*)
-0.3
+7.0
V
T
STG
Storage Temp
-65
°
+150
°
C
T
A
Oper Ambient Temp
C
Power Dissipation
2.2
W
Notes:
* Voltage on all pins with respect to GND.
† See Ordering Information.
Stress greater than those listed under Absolute Maximum Rat-
ings may cause permanent damage to the device. This is a stress
rating only; operation of the device at any condition above those
indicated in the operational sections of these specifications is not
implied. Exposure to absolute maximum rating conditions for an
extended
period may affect device reliability.
+5V
From Output
Under Test
150 pF
9.1 K
2.1 K
ABSOLUTE MAXIMUM RATINGS
Test Load Diagram
CAPACITANCE
T
A = 25°C, VCC = GND = 0V, f = 1.0 MHz, unmeasured pins to GND
Parameter
Max
Input capacitance
12 pF
Output capacitance
12 pF
I/O capacitance
12 pF
PLEASE NOTE
These devices will not operate in extended timing mode. Set Register 248, D5 = 0.


Similar Part No. - Z86C9012PSC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C91 ZILOG-Z86C91 Datasheet
789Kb / 56P
   CMOS Z8 ROMLess Microcontrollers
Z86C9116PSG ZILOG-Z86C9116PSG Datasheet
824Kb / 56P
   CMOS Z8 ROMLess Microcontrollers
Z86C9116VSC ZILOG-Z86C9116VSC Datasheet
824Kb / 56P
   COMS Z8 ROMLess Microcontrollers
Z86C92 ZILOG-Z86C92 Datasheet
364Kb / 71P
   IR MICROCONTROLLER
Z86C9216VSC ZILOG-Z86C9216VSC Datasheet
364Kb / 71P
   IR MICROCONTROLLER
More results

Similar Description - Z86C9012PSC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8609316PSG ZILOG-Z8609316PSG Datasheet
362Kb / 18P
   ROMLESS CMOS 8-BIT Z8 MCU
logo
ATMEL Corporation
TS80C31X2 ATMEL-TS80C31X2_08 Datasheet
375Kb / 42P
   8-bit CMOS Microcontroller ROMless
TS80C31X2 ATMEL-TS80C31X2 Datasheet
601Kb / 42P
   8-bit CMOS Microcontroller ROMless
logo
Zilog, Inc.
Z86317 ZILOG-Z86317 Datasheet
59Kb / 8P
   CMOS Z8 8-BIT MICROCONTROLLER
Z86C9116PSG ZILOG-Z86C9116PSG Datasheet
824Kb / 56P
   CMOS Z8 ROMLess Microcontrollers
Z86C91 ZILOG-Z86C91 Datasheet
789Kb / 56P
   CMOS Z8 ROMLess Microcontrollers
logo
Siemens Semiconductor G...
SDA30C263 SIEMENS-SDA30C263 Datasheet
6Mb / 120P
   8-Bit Microcontroller ROMLESS
SDA30C163-2 SIEMENS-SDA30C163-2 Datasheet
6Mb / 95P
   8-bIT Microcontroller, ROMLESS
SDA30C164 SIEMENS-SDA30C164 Datasheet
7Mb / 100P
   8-bIT Microcontroller, ROMLESS
logo
NXP Semiconductors
OM5202 PHILIPS-OM5202 Datasheet
93Kb / 11P
   ROMless 8-bit microcontroller
December 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com