Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COM-KB-A10-01 Datasheet(PDF) 2 Page - AAEON Technology

Part # COM-KB-A10-01
Description  gigabit ethernet
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

COM-KB-A10-01 Datasheet(HTML) 2 Page - AAEON Technology

  COM-KB-A10-01 Datasheet HTML 1Page - AAEON Technology COM-KB-A10-01 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
06-10
www.aaeon.com
Note: All specifications are subject to change without notice.
Unit: mm
Block Diagram
Dimension
Unit: mm
COM-KB
Ordering Information
Part Number
COM Express
Type
CPU
Memory
Fan/
Fanless
Display
LVDS
Storage
LAN
USB
UART
Expansion Slot
Power
Temp.
COM-KB-A10-01
6 (COM.0 Rev. 2.0)
AMD GPU GX420CA-
QC 2.0 GHz (25W)
DDR3/DDR3L-1600 MHz, Up
to 8 GB
Fan
VGA, HDMI,
LVDS, eDP
24b, 1CH
SATA x 2
GbE x 1
USB3.0 x 2
USB2.0 x 8
2 (Tx/Rx)
PCI-E[x1] x 5, 1PEG x 4
12V
0°C ~ 60°C
COM-KB-A10-02
6 (COM.0 Rev. 2.0)
AMD GPU GX217GA-
DC 1.65 GHz (15W)
DDR3/DDR3L-1600 MHz,
Up to 8GB
Fan
VGA, HDMI,
LVDS, eDP
24b, 1CH
SATA x 2
GbE x 1
USB3.0 x 2
USB2.0 x 8
2 (Tx/Rx)
PCI-E[x1] x 5, 1PEG x 4
12V
0°C ~ 60°C
DDR3/3L SODIMM
18bit LVDS/eDP
Channel A
LPC, MISC
10/100/1000M
PCIe [x1]
ITE
EC
IT8518
AMD®
FT3 CPU
GX-420
GX-217
Realtek
GbE LAN
RTL8111E-VL-CG
BIOS
SPI
PCIe [x1] *2
IDT
PCIe Switch
89HPES4T4
PCIe [x1]*3
PCIe [x1]
USB2.0 *8
SATA III *2
HD Audio
NXP
Switch
CBTL06GP212
DP0
DDI1
PCIe [x4]*1 or PCIe [x1] *1
USB3.0 *2
NXP
Switch
CBTL06GP212
Chrontel
LVDS
CH7511B
DDI2
COM-KB Type6
RGB
DP1
24bit 2CH LVDS
SD/DIO 8bit
eDP
LVDS


Similar Part No. - COM-KB-A10-01

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
COM-KBHB6 AAEON-COM-KBHB6 Datasheet
604Kb / 2P
   COM Express Type 6 Basic Size with 7th Gen. Intel® Xeon® E3 v6 Series Processors
2022/09/01
COM-KBUC6-A11-0001 AAEON-COM-KBUC6-A11-0001 Datasheet
503Kb / 2P
   COM Express Type 6 Compact Size with 6th/7th Gen Intel ® Core™ U Processors
2022/09/01
COM-KBUC6-A11-0003 AAEON-COM-KBUC6-A11-0003 Datasheet
503Kb / 2P
   COM Express Type 6 Compact Size with 6th/7th Gen Intel ® Core™ U Processors
2022/09/01
More results

Similar Description - COM-KB-A10-01

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
EMB-QM77 AAEON-EMB-QM77 Datasheet
339Kb / 2P
   gigabit ethernet
COM-QM87 AAEON-COM-QM87 Datasheet
320Kb / 2P
   gigabit ethernet
AEC-6612 AAEON-AEC-6612 Datasheet
252Kb / 2P
   gigabit ethernet
EMB-B75A AAEON-EMB-B75A Datasheet
354Kb / 2P
   gigabit ethernet
GENE-BT05 AAEON-GENE-BT05 Datasheet
318Kb / 2P
   gigabit ethernet
GENE-BSW5 AAEON-GENE-BSW5 Datasheet
279Kb / 2P
   gigabit ethernet
FWS-7400 AAEON-FWS-7400 Datasheet
248Kb / 2P
   gigabit ethernet
GENE-A55E AAEON-GENE-A55E Datasheet
274Kb / 2P
   gigabit ethernet
NANOCOM-BT AAEON-NANOCOM-BT Datasheet
275Kb / 2P
   gigabit ethernet
PICO-BT01 AAEON-PICO-BT01 Datasheet
317Kb / 2P
   gigabit ethernet
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com