Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

175011901M Datasheet(PDF) 2 Page - AAEON Technology

Part # 175011901M
Description  gigabit ethernet
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

175011901M Datasheet(HTML) 2 Page - AAEON Technology

  175011901M Datasheet HTML 1Page - AAEON Technology 175011901M Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
03-14
www.aaeon.com
Note: All specifications are subject to change without notice.
Block Diagram
Dimension
Unit: mm
GENE-BSW5
Part Number
CPU
Fan/Fanless
Display
LVDS
Storage
LAN
USB
RS-232
RS-232/422/485
Expansion Slot
Power
Power
Temp
Others
Others
GENE-BSW5-A10-0001 N3150
Fanless
VGA/LVDS/
LVDS2
24bit,2CH
SATA x 1, mSATA x 1
(half-size)
GbE x 2
USB3.0 x 2,
USB 2.0 x 3
4
2
miniCard x 1 (Full-size)
12V
0°C ~ 60°C
Touch Controller,
SIM, DIO x 8
DIO x 8
Ordering Information
DDI Port 1
DP to LVDS
NXP
PTN3460
LVDS
DP to LVDS
NXP
PTN3460
1st 18/24bit 2CH LVDS
LVDS
DDI Port 0
Intel®
Braswell M/D
SoC
DDR3L SO-DIMM
2nd 18/24bit 2CH LVDS
USB 3.0 * 2
USB 3.0
SATA III
RJ-45
Realtek
GbE Ethernet
RTL-8111E
PCIe[x1]
RJ-45
Realtek
GbE Ethernet
RTL-8111E
PCIe[x1]
Mini Card (Full size, w/SIM)
PCIe[x1]
BIOS
SPI
Channel 0
mSATA (Half-Size)
PCIe[x1]/SATA
GbE
GbE
Fintek
Super I/O
F81866D-I
KB/MS
LPT/
DIO 8bit
COM1~6
(COM2,COM3 support RS-232/422/485)
FAN
HW
Monitor
LPC
USB 2.0
USB HUB
USB 2.0
Touch
(Option)
Touch
SATA
HDMI
VGA
DP to VGA
Chrontel
CH7517A
DDI Port 2
Realtek
Audio Codec
ALC892
HD Audio
Audio
USB 2.0
USB 2.0
USB 2.0 * 2


Similar Part No. - 175011901M

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
175011901C AAEON-175011901C Datasheet
274Kb / 2P
   gigabit ethernet
175011901C AAEON-175011901C Datasheet
334Kb / 2P
   supports tpm
More results

Similar Description - 175011901M

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
EMB-QM77 AAEON-EMB-QM77 Datasheet
339Kb / 2P
   gigabit ethernet
COM-KB AAEON-COM-KB Datasheet
299Kb / 2P
   gigabit ethernet
COM-QM87 AAEON-COM-QM87 Datasheet
320Kb / 2P
   gigabit ethernet
AEC-6612 AAEON-AEC-6612 Datasheet
252Kb / 2P
   gigabit ethernet
EMB-B75A AAEON-EMB-B75A Datasheet
354Kb / 2P
   gigabit ethernet
GENE-BT05 AAEON-GENE-BT05 Datasheet
318Kb / 2P
   gigabit ethernet
FWS-7400 AAEON-FWS-7400 Datasheet
248Kb / 2P
   gigabit ethernet
GENE-A55E AAEON-GENE-A55E Datasheet
274Kb / 2P
   gigabit ethernet
NANOCOM-BT AAEON-NANOCOM-BT Datasheet
275Kb / 2P
   gigabit ethernet
PICO-BT01 AAEON-PICO-BT01 Datasheet
317Kb / 2P
   gigabit ethernet
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com