Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF-PER-C10L-A10-03 Datasheet(PDF) 1 Page - AAEON Technology

Part # TF-PER-C10L-A10-03
Description  ac97 2ch audio
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

TF-PER-C10L-A10-03 Datasheet(HTML) 1 Page - AAEON Technology

  TF-PER-C10L-A10-03 Datasheet HTML 1Page - AAEON Technology TF-PER-C10L-A10-03 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
01-5
www.aaeon.com
01
Features
Specifications
PCM-5895 Rev. A
9657666000
Jumper Cap
Product CD
PCM-5895 Rev.A
Packing List
Compact Board with AMD Geode™ LX Series Processor
System
Form Factor
5.25”
Processor
Onboard AMD Geode™ LX800 (500 MHz) Processor
System Memory
184-pin 333/400 MHz DDR DIMM x 1, up to 1 GB
Chipset
AMD Geode™ LX + CS5536
I/O Chipset
ITE IT8712 + IT8888G
Ethernet
Realtek RTL8139DL, 10/100Base-TX, RJ-45 x 1 & pin header x 1
BIOS
Award 1 MB Flash ROM
Wake On LAN
Yes
Watchdog Timer
Generates a time-out system reset
H/W Status Monitoring
Supports power supply voltages, temperature monitoring
Expansion Interface
Mini-PCI x 1, PCI x 1, PC/104 x 1
Battery
Lithium battery
Power Requirement
+5V/ ATX
Power Consumption
(Typical)
AMD Geode™ LX800 (500 MHz) DDR400 256 MB
2.33A@+5V
Board Size
8” (L) x 5.75” (W) (203mm x 146mm)
Gross Weight
1.2 lb (0.5 Kg)
Operating Temperature
32°F ~ 140°F (0°C ~ 60°C)
Storage Temperature
-40°F ~ 176°F (-40°C ~ 80°C)
Operating Humidity
0% ~ 90% relative humidity, non-condensing
MTBF (Hours)
80,000
Display
Supports CRT/ LCD simultaneous display
Chipset
AMD Geode™ LX integrated
Memory
Shared system memory up to 254 MB
Resolutions
Up to 1920 x 1440 @ 24bpp for CRT
Up to 1600 x 1200 @ 24bpp for LCD
LCD Interface
Up to 24-bit LVDS, TTL, CRT
I/O
Storage
EIDE x 1 (UDMA 100 for one device), Type 2 CompactFlash™ x 1, Floppy Disk
Drive x 1
Serial Port
RS-232 x 3, RS-232/422/485 x 1
Parallel Port
SPP/ EPP/ ECP mode
USB
USB2.0 x 4
PS/2 Port
Keyboard x 1, Mouse x 1
Digital I/O
Supports 8-bit (Programmable)
IrDA
One IrDA Tx/Rx header
Audio
Mic-in, Line-in, Line-out, CD-in
Optional Accessories
AMD Geode™ LX800 Processor
AMD Geode™ LX + CS5536
DDR 333/400 MHz DIMM x 1, Up To 1 GB
10/100Base-TX Ethernet x 2, RJ-45 x 1, Pin Header x 1
Up To 24-bit LVDS/TTL LCD, CRT
AC97 2CH Audio
Type 2 CompactFlash™ x 1, EIDE x 1, Floppy Disk Drive x 1
USB x 4, COM x 4, 8-bit Digital I/O
PCI x 1, Mini-PCI, PC/104 x 1
+5V Only Operation/ ATX
TF-PER-A030
Cable Kit for PCM-5895
TF-PCM-3660-B10
PC/104 Ethernet Module
TF-PER-C10L-A10
Mini-PCI 10/100Base-TX Ethernet Module with Realtek 8100C
TF-PER-C10L-A10-01
Mini-PCI 10/100/1000Base-TX Ethernet Module with Realtek 8110S
TF-PER-C10L-A10-03
Mini-PCI 10/100/1000Base-TX Ethernet Module with Intel® 82541GI
LVDS LCD
LCD Inverter
ATX Power
Keyboard &
Mouse
40-pin IDE
DiskOnChip®
IrDA
DDR DIMM
USB
PC/104
Type III Mini-PCI
Ethernet
RJ-45
CRT
COM
Audio
Parallel
Floppy Disk
Drive
Digital I/O
TTL LCD
PCI


Similar Part No. - TF-PER-C10L-A10-03

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-PER-C10L-A10-03 AAEON-TF-PER-C10L-A10-03 Datasheet
184Kb / 1P
   Mini PCI Module With One Ethernet Port
More results

Similar Description - TF-PER-C10L-A10-03

ManufacturerPart #DatasheetDescription
logo
Winbond
W83971D WINBOND-W83971D Datasheet
494Kb / 58P
   AC97 AUDIO CODEC
logo
Wolfson Microelectronic...
WM9712L WOLFSON-WM9712L Datasheet
725Kb / 77P
   AC97 Audio and Touchpanel CODEC
WM9708 WOLFSON-WM9708 Datasheet
205Kb / 28P
   AC97 Revision 2.1 Audio Codec
WM9703 WOLFSON-WM9703 Datasheet
239Kb / 30P
   AC97 Revision 2.1 Audio Codec
logo
Hynix Semiconductor
STAC9704 HYNIX-STAC9704 Datasheet
218Kb / 49P
   Multimedia Audio Codec for AC97
logo
AAEON Technology
GENE-QM87 AAEON-GENE-QM87 Datasheet
313Kb / 2P
   2ch hd audio
logo
YAMAHA CORPORATION
YMF752 YAMAHA-YMF752 Datasheet
105Kb / 14P
   AC97 Rev2.1 Audio CODEC with SRC
logo
Asahi Kasei Microsystem...
AK4544A AKM-AK4544A Datasheet
381Kb / 35P
   AC97 MULTIMEDIA AUDIO CODEC WITH SRC
logo
Wolfson Microelectronic...
WM9701A WOLFSON-WM9701A Datasheet
192Kb / 24P
   Low Power AC97 Multimedia Audio Codec
logo
YAMAHA CORPORATION
YMF753 YAMAHA-YMF753 Datasheet
185Kb / 26P
   AC97 Revision2.2 Audio CODEC with Digital Audio I/F
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com