Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM188R71E105KA12L Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # GRM188R71E105KA12L
Description  3 A Synchronous DC-DC Step down Regulator
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

GRM188R71E105KA12L Datasheet(HTML) 5 Page - Panasonic Semiconductor

  GRM188R71E105KA12L Datasheet HTML 1Page - Panasonic Semiconductor GRM188R71E105KA12L Datasheet HTML 2Page - Panasonic Semiconductor GRM188R71E105KA12L Datasheet HTML 3Page - Panasonic Semiconductor GRM188R71E105KA12L Datasheet HTML 4Page - Panasonic Semiconductor GRM188R71E105KA12L Datasheet HTML 5Page - Panasonic Semiconductor GRM188R71E105KA12L Datasheet HTML 6Page - Panasonic Semiconductor GRM188R71E105KA12L Datasheet HTML 7Page - Panasonic Semiconductor GRM188R71E105KA12L Datasheet HTML 8Page - Panasonic Semiconductor GRM188R71E105KA12L Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
NN30320A
Page 5 of 32
Product Standards
Parameter
Symbol
Condition
Limits
Unit Note
Min
Typ
Max
VFB Characteristics
VFB comparator threshold
VFBTH
0.594
0.600
0.606
V
VFB pin leak current 1
IleakF1
V
FB = 0 V
– 1
1
µA
VFB pin leak current 2
IleakF2
V
FB = 6 V
– 1
1
µA
Under Voltage Lockout (UVLO)
UVLO detection voltage
VUVLODE
V
IN = 5 V to 0 V
3.5
3.8
4.1
V
UVLO recover voltage
VUVLORE
V
IN = 0 V to 5 V
3.9
4.2
4.5
V
PGOOD Characteristics
PGOOD Threshold 1
(V
FB ratio for UVD detect)
VPGUV
V
PGOOD : High to Low
77
85
93
%
PGOOD Hysteresis 1
(V
FB ratio for UVD release)
V
PGUV
V
PGOOD : Low to High
3.5
5.0
6.5
%
PGOOD Threshold 2
(V
FB ratio for OVD detect)
VPGOV
V
PGOOD : High to Low
107
115
123
%
PGOOD Hysteresis 2
(V
FB ratio for OVD release)
V
PGOV
V
PGOOD : Low to High
3.5
5.0
6.5
%
PGOOD ON resistance
R
PGOOD
10
15
ELECTRICAL CHARACTERISTICS (Continued)
C
O = 22 µF  2, LO = 1 µH, VOUT Setting = 1.2 V, VIN = AVIN = PVIN = 12 V,
Switching Frequency = 650 kHz, V
MODE = VREG (FCCM)
T
a = 25 C  2 C unless otherwise noted.
Doc No. TA4-EA-06187
Revision. 2
Established : 2013-06-20
Revised
: 2015-02-08


Similar Part No. - GRM188R71E105KA12L

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
GRM188R71E105KA12L PANASONICBATTERY-GRM188R71E105KA12L Datasheet
1Mb / 28P
   Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
More results

Similar Description - GRM188R71E105KA12L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
NN30332A PANASONIC-NN30332A Datasheet
1Mb / 43P
   10 A Synchronous DC-DC Step down Regulator
NN31001A PANASONIC-NN31001A Datasheet
1Mb / 36P
   7 A Synchronous DC-DC Step down Regulator,
logo
Panasonic Battery Group
NN30 PANASONICBATTERY-NN30 Datasheet
228Kb / 2P
   Synchronous DC/DC Step-Down Regulator
logo
STMicroelectronics
ST1S40 STMICROELECTRONICS-ST1S40_V01 Datasheet
849Kb / 30P
   3 A DC step-down switching regulator
August 2019
ST1S40 STMICROELECTRONICS-ST1S40 Datasheet
1Mb / 29P
   3 A DC step-down switching regulator
ST1S31 STMICROELECTRONICS-ST1S31 Datasheet
1Mb / 35P
   3 A DC step-down switching regulator
March 2016 Rev 4
ST1S40IPUR STMICROELECTRONICS-ST1S40IPUR Datasheet
1Mb / 30P
   3 A DC step-down switching regulator
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
   1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
logo
Analog Devices
ADP2116 AD-ADP2116 Datasheet
2Mb / 36P
   Configurable, Dual 3 A/Single 6 A, Synchronous, Step-Down DC-to-DC Regulator
REV. 0
logo
Semtech Corporation
SC195B SEMTECH-SC195B Datasheet
614Kb / 19P
   3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com