Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM188R72A104KA35L Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # GRM188R72A104KA35L
Description  10 A Synchronous DC-DC Step down Regulator
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

GRM188R72A104KA35L Datasheet(HTML) 2 Page - Panasonic Semiconductor

  GRM188R72A104KA35L Datasheet HTML 1Page - Panasonic Semiconductor GRM188R72A104KA35L Datasheet HTML 2Page - Panasonic Semiconductor GRM188R72A104KA35L Datasheet HTML 3Page - Panasonic Semiconductor GRM188R72A104KA35L Datasheet HTML 4Page - Panasonic Semiconductor GRM188R72A104KA35L Datasheet HTML 5Page - Panasonic Semiconductor GRM188R72A104KA35L Datasheet HTML 6Page - Panasonic Semiconductor GRM188R72A104KA35L Datasheet HTML 7Page - Panasonic Semiconductor GRM188R72A104KA35L Datasheet HTML 8Page - Panasonic Semiconductor GRM188R72A104KA35L Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
NN30332A
Page 2 of 42
Product Standards
ORDERING INFORMATION
Order Number
Feature
Package
Output Supply
NN30332A-VB
Maximum Output Current : 10 A
24 pin HQFN
Emboss Taping
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Rating
Unit
Notes
Supply voltage 1
VIN
30
V
*1
Supply voltage 2
V5
6V
*1
Operating free-air temperature
Topr
– 40 to + 85
C
*2
Operating junction temperature
Tj
– 40 to + 150
C
*2
Storage temperature
Tstg
– 55 to + 150
C
*2
Input Voltage Range
VLP, VFSEL, VOUT, VFB
– 0.3 to (V5 + 0.3)
V
*1
*3
VEN
– 0.3 to 6.0
V
*1
Output Voltage Range
VPGOOD
– 0.3 to (V5 + 0.3)
V
*1
*3
VLX
– 0.3 to (VIN + 0.3)
V
*1
*4
ESD
HBM
2
kV
Notes : This product may sustain permanent damage if subjected to conditions higher than the above stated absolute
maximum rating. This rating is the maximum rating and device operating at this range is not guaranteed as it
is higher than our stated recommended operating range.
When subjected under the absolute maximum rating for a long time, the reliability of the product may be affected.
VIN is voltage for AVIN, PVIN. VIN = AVIN = PVIN.
Do not apply external currents and voltages to any pin not specifically mentioned.
*1 : The values under the condition not exceeding the above absolute maximum ratings and
the power dissipation.
*2 : Except for the power dissipation, operating ambient temperature, and storage temperature,
all ratings are for Ta = 25 C.
*3 :(V5 + 0.3) V must not exceed 6 V.
*4 : (VIN + 0.3) V must not exceed 30 V.
Doc No. TA4-EA-06197
Revision. 3
Established : 2013-07-29
Revised
: 2014-02-18


Similar Part No. - GRM188R72A104KA35L

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
GRM188R72A104KA35L PANASONICBATTERY-GRM188R72A104KA35L Datasheet
1Mb / 28P
   Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
logo
Panasonic Semiconductor
GRM188R72A104KA35L PANASONIC-GRM188R72A104KA35L Datasheet
1Mb / 33P
   3 A Synchronous DC-DC Step down Regulator
More results

Similar Description - GRM188R72A104KA35L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
NN30320A PANASONIC-NN30320A Datasheet
1Mb / 33P
   3 A Synchronous DC-DC Step down Regulator
NN31001A PANASONIC-NN31001A Datasheet
1Mb / 36P
   7 A Synchronous DC-DC Step down Regulator,
logo
Infineon Technologies A...
TLF51801ELV INFINEON-TLF51801ELV Datasheet
1Mb / 29P
   10 A synchronous DC/DC Step-Down Controller
Rev. 1.0.1, 2013-04-15
IFX81481ELV INFINEON-IFX81481ELV Datasheet
1Mb / 29P
   10 A synchronous DC/DC Step-Down Controller
Rev. 1.0, 2013-09-02
logo
Panasonic Battery Group
NN30 PANASONICBATTERY-NN30 Datasheet
228Kb / 2P
   Synchronous DC/DC Step-Down Regulator
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
   1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
logo
Semtech Corporation
SC195B SEMTECH-SC195B Datasheet
614Kb / 19P
   3.5MHz, 500mA Synchronous Step Down DC-DC Regulator
logo
Eutech Microelectronics...
EUP3260 EUTECH-EUP3260 Datasheet
90Kb / 1P
   1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
EUP3290 EUTECH-EUP3290 Datasheet
761Kb / 1P
   1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
logo
Fairchild Semiconductor
FAN8060 FAIRCHILD-FAN8060 Datasheet
507Kb / 13P
   1.2MHz, 1A Synchronous Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com