Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86L86 Datasheet(PDF) 1 Page - Zilog, Inc.

Part # Z86L86
Description  INFRARED REMOTE CONTROLLERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L86 Datasheet(HTML) 1 Page - Zilog, Inc.

  Z86L86 Datasheet HTML 1Page - Zilog, Inc. Z86L86 Datasheet HTML 2Page - Zilog, Inc. Z86L86 Datasheet HTML 3Page - Zilog, Inc. Z86L86 Datasheet HTML 4Page - Zilog, Inc. Z86L86 Datasheet HTML 5Page - Zilog, Inc. Z86L86 Datasheet HTML 6Page - Zilog, Inc. Z86L86 Datasheet HTML 7Page - Zilog, Inc. Z86L86 Datasheet HTML 8Page - Zilog, Inc. Z86L86 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DS96LV00800
P R E L I M I N A R Y
1
1
PRELIMINARY PRODUCT SPECIFICATION
Z86L88/81/86/87/89/73
1
IR/LOW-VOLTAGE MICROCONTROLLER
FEATURES
s
Low Power Consumption - 40 mW (Typical)
s
Three Standby Modes
STOP
HALT
Low Voltage
s
Special Architecture to Automate Both Generation and
Reception of Complex Pulses or Signals:
One Programmable 8-Bit Counter/Timer with Two
Capture Registers
One Programmable 16-Bit Counter/Timer with
One 16-Bit Capture Register
Programmable
Input
Glitch
Filter
for
Pulse
Reception
s
Five Priority Interrupts
Three External
Two Assigned to Counter/Timers
s
Low Voltage Detection and Standby Mode
s
Programmable Watch-Dog/Power-On Reset Circuits
s
Two Independent Comparators with Programmable
Interrupt Polarity
s
On-Chip Oscillator that Accepts a Crystal, Ceramic
Resonator, LC, RC (Mask Option), or External Clock
Drive
s
Mask Selectable 200 kOhms Pull-Ups on Ports 0, 2, 3
All Eight Port 2 Bits at One Time or Not
Pull-Ups Automatically Disabled Upon Selecting
Individual Pins as Outputs.
s
Maskable Mouse/Trackball Interface on P00 Through
P03.
s
32 kHz Oscillator Mask Option
GENERAL DESCRIPTION
The Z86LXX family of IR (Infrared) CCP(Consumer Con-
troller Processor) Controllers are ROM/ROMless-based
members of the Z8® single-chip microcontroller family with
256 bytes of internal RAM. The differentiating factor be-
tween these devices is the availability of ROM, and pack-
age options. For the 40 and 44-pin devices the use of ex-
ternal memory enables these Z8 microcontrollers to be
used where code flexibility is required. Zilog’s CMOS mi-
crocontrollers offers fast executing, efficient use of memo-
ry, sophisticated interrupts, input/output bit manipulation
capabilities, automated pulse generation/reception, and in-
ternal key-scan pull-up resistors. The Z86LXX product line
offers easy hardware/software system expansion cost-ef-
fective and low power consumption.
The Z86LXX architecture is based on Zilog's 8-bit micro-
controller core with an Expanded Register File to allow ac-
cess to register mapped peripherals, I/O circuits, and pow-
erful counter/timer circuitry. The CCP offers a flexible I/O
scheme, an efficient register and address space structure,
and a number of ancillary features that are useful in many
Device
ROM
(KB)
RAM*
(Bytes)
I/O
Lines
Voltage
Range
Z86L88
16
237
23
2.0V to 3.9V
Z86L81
24
237
23
2.0V to 3.9V
Z86L86
32
237
23
2.0V to 3.9V
Z86L87
16
236
31
2.0V to 3.9V
Z86L89
24
236
31
2.0V to 3.9V
Z86L73
32
236
31
2.0V to 3.9V
Note: *General-Purpose


Similar Part No. - Z86L86

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86L86 ZILOG-Z86L86 Datasheet
599Kb / 66P
   IR/Low-Voltage Microcontroller
logo
Maxim Integrated Produc...
Z86L86 MAXIM-Z86L86 Datasheet
525Kb / 88P
   28-Pin Low-Voltage Infrared Microcontrollers
Rev 0; 4/09
Z86L8608HSC MAXIM-Z86L8608HSC Datasheet
525Kb / 88P
   28-Pin Low-Voltage Infrared Microcontrollers
Rev 0; 4/09
Z86L8608PSC MAXIM-Z86L8608PSC Datasheet
525Kb / 88P
   28-Pin Low-Voltage Infrared Microcontrollers
Rev 0; 4/09
Z86L8608SSC MAXIM-Z86L8608SSC Datasheet
525Kb / 88P
   28-Pin Low-Voltage Infrared Microcontrollers
Rev 0; 4/09
More results

Similar Description - Z86L86

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E73 ZILOG-Z86E73 Datasheet
127Kb / 19P
   INFRARED REMOTE CONTROLLERS
logo
Maxim Integrated Produc...
MAX11041 MAXIM-MAX11041 Datasheet
310Kb / 19P
   Wired Remote Controllers
Rev 1; 8/07
MAX11041 MAXIM-MAX11041_08 Datasheet
235Kb / 17P
   Wired Remote Controllers
Rev 2; 11/08
logo
SparkFun Electronics
COM-11759 SPARKFUN-COM-11759 Datasheet
203Kb / 1P
   Infrared Remote Control
8/4/2016
COM-14865 SPARKFUN-COM-14865 Datasheet
826Kb / 3P
   Infrared Remote Control
8????8
logo
Holtek Semiconductor In...
HT6240 HOLTEK-HT6240_02 Datasheet
167Kb / 16P
   Infrared Remote Encoder
logo
Everlight Electronics C...
IRM-66XXN3S45 EVERLIGHT-IRM-66XXN3S45 Datasheet
1Mb / 6P
   Infrared Remote Control
IRM-36XXL EVERLIGHT-IRM-36XXL Datasheet
337Kb / 10P
   Infrared Remote Control
IRM-66XXN3 EVERLIGHT-IRM-66XXN3 Datasheet
266Kb / 6P
   Infrared Remote Control
logo
BRIGHT LED ELECTRONICS ...
BRM-1030-NS BRIGHT-BRM-1030-NS Datasheet
152Kb / 5P
   Infrared Remote-control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com