Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86L86 Datasheet(PDF) 9 Page - Zilog, Inc.

Part # Z86L86
Description  IR/Low-Voltage Microcontroller
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L86 Datasheet(HTML) 9 Page - Zilog, Inc.

Back Button Z86L86 Datasheet HTML 5Page - Zilog, Inc. Z86L86 Datasheet HTML 6Page - Zilog, Inc. Z86L86 Datasheet HTML 7Page - Zilog, Inc. Z86L86 Datasheet HTML 8Page - Zilog, Inc. Z86L86 Datasheet HTML 9Page - Zilog, Inc. Z86L86 Datasheet HTML 10Page - Zilog, Inc. Z86L86 Datasheet HTML 11Page - Zilog, Inc. Z86L86 Datasheet HTML 12Page - Zilog, Inc. Z86L86 Datasheet HTML 13Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
Z86L88/81/86/87/89/73
IR/Low-Voltage Microcontroller
DS96LV00800
P R E L I M I N A R Y
9
1
ABSOLUTE MAXIMUM RATINGS
Stresses greater than those listed under Absolute Maxi-
mum Ratings may cause permanent damage to the de-
vice. This is a stress rating only; operation of the device at
any condition above those indicated in the operational sec-
tions of these specifications is not implied. Exposure to ab-
solute maximum rating conditions for an extended period
may affect device reliability.
STANDARD TEST CONDITIONS
The characteristics listed below apply for standard test
conditions as noted. All voltages are referenced to GND.
Positive current flows into the referenced pin (Figure 8).
CAPACITANCE
TA = 25°C, VCC = GND = 0V, f = 1.0 MHz, unmeasured pins returned to GND.
Symbol
Description
Min
Max
Units
VCC
Supply Voltage
(*)
–0.3
+7.0
V
TSTG
Storage Temp.
–65
°
+150
°
C
TA
Oper. Ambient
Temp.
†C
Notes: :
* Voltage on all pins with respect to GND.
† See Ordering Information.
Figure 8. Test Load Diagram
From Output
Under Test
150 pF
I
Parameter
Max
Input capacitance
12 pF
Output capacitance
12 pF
I/O capacitance
12 pF


Similar Part No. - Z86L86

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86L86 ZILOG-Z86L86 Datasheet
76Kb / 11P
   INFRARED REMOTE CONTROLLERS
logo
Maxim Integrated Produc...
Z86L86 MAXIM-Z86L86 Datasheet
525Kb / 88P
   28-Pin Low-Voltage Infrared Microcontrollers
Rev 0; 4/09
Z86L8608HSC MAXIM-Z86L8608HSC Datasheet
525Kb / 88P
   28-Pin Low-Voltage Infrared Microcontrollers
Rev 0; 4/09
Z86L8608PSC MAXIM-Z86L8608PSC Datasheet
525Kb / 88P
   28-Pin Low-Voltage Infrared Microcontrollers
Rev 0; 4/09
Z86L8608SSC MAXIM-Z86L8608SSC Datasheet
525Kb / 88P
   28-Pin Low-Voltage Infrared Microcontrollers
Rev 0; 4/09
More results

Similar Description - Z86L86

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
Z86L88 MAXIM-Z86L88 Datasheet
438Kb / 80P
   Low-Voltage IR Microcontroller
Rev 0; 4/09
logo
Zilog, Inc.
Z86L70 ZILOG-Z86L70 Datasheet
349Kb / 61P
   IR/Low-Voltage Microcontroller
Z86L78 ZILOG-Z86L78 Datasheet
296Kb / 59P
   IR/Low-Voltage Microcontroller
Z86C72 ZILOG-Z86C72 Datasheet
364Kb / 71P
   IR MICROCONTROLLER
Z86L79 ZILOG-Z86L79 Datasheet
301Kb / 58P
   Low-Voltage Microcontroller
logo
ATMEL Corporation
T2526 ATMEL-T2526_06 Datasheet
230Kb / 14P
   Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526 Datasheet
224Kb / 14P
   Low-voltage IR Receiver ASSP
ATA2526 ATMEL-ATA2526_09 Datasheet
262Kb / 14P
   Low-voltage IR Receiver ASSP
T2526 ATMEL-T2526 Datasheet
234Kb / 12P
   LOW-VOLTAGE IR RECEIVER ASSP
ATA2536T ATMEL-ATA2536T_14 Datasheet
729Kb / 14P
   Low-voltage IR Receiver ASSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com