Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z87L00 Datasheet(PDF) 8 Page - Zilog, Inc.

Part # Z87L00
Description  Spread Spectrum Controllers
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z87L00 Datasheet(HTML) 8 Page - Zilog, Inc.

Back Button Z87L00 Datasheet HTML 4Page - Zilog, Inc. Z87L00 Datasheet HTML 5Page - Zilog, Inc. Z87L00 Datasheet HTML 6Page - Zilog, Inc. Z87L00 Datasheet HTML 7Page - Zilog, Inc. Z87L00 Datasheet HTML 8Page - Zilog, Inc. Z87L00 Datasheet HTML 9Page - Zilog, Inc. Z87L00 Datasheet HTML 10Page - Zilog, Inc. Z87L00 Datasheet HTML 11Page - Zilog, Inc. Z87L00 Datasheet HTML 12Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
Z87000/Z87L00
Spread Spectrum Controllers
Zilog
1-8
P R E L I M I N A R Y
DS96WRL0501
ABSOLUTE MAXIMUM RATINGS
Stresses greater than those listed under Absolute Maxi-
mum Ratings may cause permanent damage to the de-
vice. This is a stress rating only; operation of the device at
any condition above those indicated in the operational sec-
tions of these specifications is not implied. Exposure to ab-
solute maximum rating conditions for extended period may
affect device reliability.
STANDARD TEST CONDITIONS
The electrical characteristics listed below apply for the fol-
lowing standard test conditions, unless otherwise noted.
All voltages are referenced to GND. Positive current flows
into the referenced pins. Standard test conditions are as
follows:
s
3.0V < VDD < 3.6V (Z87L00)
s
4.5V < VDD < 5.5V (Z87000)
s
GND = 0V
s
TA = -20 to +70 °C
Symbol Parameter
Min
Max
Units
VDD, AVDD DC Supply
Voltage(1)
-0.5
7.0
V
VIN
Input Voltage(2)
-0.5 VDD + 0.5
V
VOUT
Output Voltage(3)
-0.5 VDD + 0.5
V
TA
Operating
Temperature
-20
+70
°C
TSTG
Storage
Temperature
-65
+150
°C
Notes:
1. Voltage on all pins with respect to GND.
2. Voltage on all inputs WRT VDD
3. Voltage on all outputs WRT VDD
Figure 5. Test Load Diagram
Output
Under
Test
IoL
IoH
Threshold
Voltage
50pF


Similar Part No. - Z87L00

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z87L01 ZILOG-Z87L01 Datasheet
205Kb / 51P
   ROMless Spread Spectrum Cordless Phone Controller
More results

Similar Description - Z87L00

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5974A MAXIM-MAX5974A_11 Datasheet
2Mb / 27P
   Active-Clamped, Spread-Spectrum, Current-Mode PWM Controllers
Rev 2; 6/11
MAX5974A MAXIM-MAX5974A_V01 Datasheet
1Mb / 28P
   Active-Clamped, Spread-Spectrum, Current-Mode PWM Controllers
2020
MAX5974A MAXIM-MAX5974A Datasheet
2Mb / 26P
   Active-Clamped, Spread-Spectrum, Current-Mode PWM Controllers
Rev 0; 6/10
logo
Integrated Device Techn...
9DMV0141 IDT-9DMV0141 Datasheet
182Kb / 10P
   Spread Spectrum Compatible
logo
Zilog, Inc.
Z87200 ZILOG-Z87200 Datasheet
449Kb / 54P
   Spread-Spectrum Transceiver
logo
Integrated Circuit Syst...
9DMU0431 ICST-9DMU0431 Datasheet
116Kb / 11P
   Spread Spectrum Compatible
9DMV0441 ICST-9DMV0441 Datasheet
252Kb / 12P
   Spread Spectrum Compatible
logo
Integrated Device Techn...
9DBV0731 IDT-9DBV0731 Datasheet
205Kb / 16P
   Spread Spectrum tolerant
9DMV0431 IDT-9DMV0431 Datasheet
206Kb / 12P
   Spread Spectrum Compatible
9DMV0441 IDT-9DMV0441 Datasheet
252Kb / 12P
   Spread Spectrum Compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com