Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFRP-S2502 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EFRP-S2502
Description  PS2 Mini Redundant 500W Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EFRP-S2502 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EFRP-S2502 Datasheet HTML 1Page - List of Unclassifed Manufacturers EFRP-S2502 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EFRP-S2502
PS2 Mini Redundant 500W Power Supply
Features:
Mini Redundant Form Factor
500W with ATX Outputs
80PLUS® Bronze Level Power Efficiency
1+1 Redundancy / Load Sharing
-5~50℃ Working Temperature
General Specification
Input Range: 100 to 240 VAC, +/-10%
Power Factor: > 0.99 minimum
Efficiency: ≥85% @ 50% Load (Power Module)
Hold Up Time: 20 ms @ 80% Load
Short Circuit Protection
Over Current Protection
Over Voltage Protection
No Load Operation
MTBF >100,000 Hours@25℃
Operating Temperature: -5 to 50 ℃
Operating Humidity: 20 to 90 %
EMI/RFI: CE, FCC class A
Safety: UL, TUV, CCC 5000 Meter , CB,
Input and Output Characteristics
Input
DC Output
Voltage
Frequency
Current
Load
+3.3V
+5V
+12V
-12V
+5VSB
100~240
VAC
47~63Hz
4-8A
Max.Load
25A
30A
41A
0.5A
2.5A
Min.Load
1A
1A
0.05A
0A
0A
1. Note 1: Combined load on 3.3V and 5V rails shall not exceed 170W.
2. Note 2: Total output power shall not exceed 500W.
Ripple and Noise
Output
+3.3V
+5V
+12V
-12V
5Vsb
Load Regulation
±5%
± 5%
± 5%
± 10%
± 5%
Line Regulation
± 1%
± 1%
± 1%
± 1%
± 1%
Ripple & Noise
50mV
50mV
120mV
120mV
50mV


Similar Part No. - EFRP-S2502

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFRP-S207 ETC2-EFRP-S207 Datasheet
428Kb / 2P
   200W ERP1U Redundant Power
EFRP-S2207HPM ETC2-EFRP-S2207HPM Datasheet
532Kb / 2P
   1U 200W Redundant Network Power
EFRP-S2287HPM ETC2-EFRP-S2287HPM Datasheet
399Kb / 2P
   1U 280W Redundant Network Power
EFRP-S2307H ETC2-EFRP-S2307H Datasheet
330Kb / 2P
   1U 300W Server Redundant Power Supply
EFRP-S2407H ETC2-EFRP-S2407H Datasheet
330Kb / 2P
   1U 400W Server Redundant Power Supply
More results

Similar Description - EFRP-S2502

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R4B-500G1V2 ETC2-R4B-500G1V2 Datasheet
328Kb / 13P
   500W500W Mini Redundant Power Supply
R4S-500G1V2 ETC2-R4S-500G1V2 Datasheet
319Kb / 13P
   500W500W Mini Redundant Power Supply
EFRP-2462 ETC2-EFRP-2462 Datasheet
498Kb / 2P
   PS2 Mini Redundant 460W Power Supply
R2A-500D1V2 ETC2-R2A-500D1V2 Datasheet
319Kb / 12P
   500W500W 2/3U Redundant Power Supply.
EFRP-S500 ETC2-EFRP-S500 Datasheet
371Kb / 2P
   500W Redundant Power Module
R4B-600G1V2 ETC2-R4B-600G1V2 Datasheet
328Kb / 13P
   600W600W Mini Redundant Power Supply
R4B-700G1V2 ETC2-R4B-700G1V2 Datasheet
330Kb / 13P
   700W700W Mini Redundant Power Supply
R4B-800G1V2 ETC2-R4B-800G1V2 Datasheet
329Kb / 13P
   800W800W Mini Redundant Power Supply
R4S-400G1V2 ETC2-R4S-400G1V2 Datasheet
319Kb / 13P
   400W400W Mini Redundant Power Supply
EFRP-S507 ETC2-EFRP-S507 Datasheet
286Kb / 2P
   500W ERP1U Redundant Power Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com