Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86E34 Datasheet(PDF) 7 Page - Zilog, Inc.

Part # Z86E34
Description  CMOS Z8 OTP Microcontrollers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86E34 Datasheet(HTML) 7 Page - Zilog, Inc.

Back Button Z86E34 Datasheet HTML 2Page - Zilog, Inc. Z86E34 Datasheet HTML 3Page - Zilog, Inc. Z86E34 Datasheet HTML 4Page - Zilog, Inc. Z86E34 Datasheet HTML 5Page - Zilog, Inc. Z86E34 Datasheet HTML 6Page - Zilog, Inc. Z86E34 Datasheet HTML 7Page - Zilog, Inc. Z86E34 Datasheet HTML 8Page - Zilog, Inc. Z86E34 Datasheet HTML 9Page - Zilog, Inc. Z86E34 Datasheet HTML 10Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Z86E33/733/E34/E43/743/E44
Zilog
CMOS Z8® OTP Microcontrollers
CP97DZ83300
P R E L I M I N A R Y
7
1
ABSOLUTE MAXIMUM RATINGS
Stresses greater than those listed under Absolute Maxi-
mum Ratings may cause permanent damage to the de-
vice. This is a stress rating only; functional operation of the
device at any condition above those indicated in the oper-
ational sections of these specifications is not implied. Ex-
posure to absolute maximum rating conditions for an ex-
tended period may affect device reliability.
Total power dissipation should not exceed 1.2 W for the
package. Power dissipation is calculated as follows:
Total Power Dissipation = VDD x [ IDD – (sum of IOH) ]
+ sum of [ (VDD – VOH) x IOH ]
+ sum of (V0L x I0L)
STANDARD TEST CONDITIONS
The characteristics listed below apply for standard test
conditions as noted. All voltages are referenced to
Ground. Positive current flows into the referenced pin
(Test Load).
Parameter
Min
Max
Units
Ambient Temperature under Bias
–40
+105
C
Storage Temperature
–65
+150
C
Voltage on any Pin with Respect to VSS [Note 1]
–0.6
+7
V
Voltage on VDD Pin with Respect to VSS
–0.3
+7
V
Voltage on XTAL1 and /RESET Pins with Respect to VSS [Note 2]
–0.6
V DD+1
V
Total Power Dissipation
1.21
W
Maximum Allowable Current out of VSS
220
mA
Maximum Allowable Current into VDD
180
mA
Maximum Allowable Current into an Input Pin [Note 3]
–600
+600
µA
Maximum Allowable Current into an Open-Drain Pin [Note 4]
–600
+600
µA
Maximum Allowable Output Current Sinked by Any I/O Pin
25
mA
Maximum Allowable Output Current Sourced by Any I/O Pin
25
mA
Notes:
1. This applies to all pins except XTAL pins and where otherwise noted.
2. There is no input protection diode from pin to VDD.
3.
This excludes XTAL pins.
4.
Device pin is not at an output Low state.
Figure 7. Test Load Diagram
150 pF
From Output
Under Test


Similar Part No. - Z86E34

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E34 ZILOG-Z86E34 Datasheet
33Kb / 10P
   PRELIMINARY CUSTOMER PROCUREMENT SPECIFICATION
More results

Similar Description - Z86E34

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E0412PEG ZILOG-Z86E0412PEG Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
Z86E0412PSG1866 ZILOG-Z86E0412PSG1866 Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
Z86E09 ZILOG-Z86E09 Datasheet
305Kb / 38P
   Z8 CMOS OTP Microcontrollers
Z8673312PSG ZILOG-Z8673312PSG Datasheet
1Mb / 84P
   CMOS Z8 OTP Microcontrollers
Z86E03 ZILOG-Z86E03 Datasheet
66Kb / 9P
   CMOS Z8 OTP MICROCONTROLLERS
Z86E04 ZILOG-Z86E04 Datasheet
214Kb / 44P
   CMOS Z8 OTP MICROCONTROLLERS
Z86E0812SEG ZILOG-Z86E0812SEG Datasheet
833Kb / 45P
   CMOS Z8 OTP Microcontrollers
Z86E0812PSG1866 ZILOG-Z86E0812PSG1866 Datasheet
833Kb / 45P
   Z86E04/E08 CMOS Z8 OTP MICROCONTROLLERS
Z86E64 ZILOG-Z86E64 Datasheet
91Kb / 12P
   CMOS Z8 OTP Microcontroller
Z86E23 ZILOG-Z86E23 Datasheet
71Kb / 6P
   CMOS Z8 OTP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com