Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86E4016ESE Datasheet(PDF) 2 Page - Zilog, Inc.

Part # Z86E4016ESE
Description  Z8 4K OTP Microcontroller
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86E4016ESE Datasheet(HTML) 2 Page - Zilog, Inc.

  Z86E4016ESE Datasheet HTML 1Page - Zilog, Inc. Z86E4016ESE Datasheet HTML 2Page - Zilog, Inc. Z86E4016ESE Datasheet HTML 3Page - Zilog, Inc. Z86E4016ESE Datasheet HTML 4Page - Zilog, Inc. Z86E4016ESE Datasheet HTML 5Page - Zilog, Inc. Z86E4016ESE Datasheet HTML 6Page - Zilog, Inc. Z86E4016ESE Datasheet HTML 7Page - Zilog, Inc. Z86E4016ESE Datasheet HTML 8Page - Zilog, Inc. Z86E4016ESE Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
Z86E30/E31/E40
Z8 4K OTP Microcontroller
Zilog
2
P R E L I M I N A R Y
DS97Z8X0500
allel I/O with or without handshake, and address/data bus
for interfacing external memory.
Notes: All Signals with a preceding front slash, "/", are
active Low, for example, B//W (WORD is active Low); /B/W
(BYTE is active Low, only).
Power connections follow conventional descriptions be-
low:
Connection
Circuit
Device
Power
VCC
VDD
Ground
GND
VSS
Figure 1. Z86E30/E31/E40 Functional Block Diagram
Port 3
Counter/
Timers (2)
Interrupt
Control
Two Analog
Comparators
Port 2
I/O
(Bit Programmable)
ALU
FLAGS
Machine Timing
&
Instruction Control
Program
Counter
VCC
GND
XTAL
44
Port 0
Output
Input
Address or I/O
(Nibble Programmable)
8
Address/Data or I/O
(Byte Programmable)
/AS /DS R//W /RESET
RESET
WDT, POR
Port 1
OTP
Register File
Register
Pointer
(E40 Only)
(E40 Only)


Similar Part No. - Z86E4016ESE

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E4016FEC ZILOG-Z86E4016FEC Datasheet
751Kb / 64P
   Z8 4K OTP MICROCONTROLLER
Z86E4016FSC ZILOG-Z86E4016FSC Datasheet
751Kb / 64P
   Z8 4K OTP MICROCONTROLLER
Z86E4016PEC ZILOG-Z86E4016PEC Datasheet
751Kb / 64P
   Z8 4K OTP MICROCONTROLLER
Z86E4016PSC ZILOG-Z86E4016PSC Datasheet
751Kb / 64P
   Z8 4K OTP MICROCONTROLLER
Z86E4016PSG ZILOG-Z86E4016PSG Datasheet
5Mb / 64P
   Z8 4K OTP MICROCONTROLLER
More results

Similar Description - Z86E4016ESE

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E4016PSG ZILOG-Z86E4016PSG Datasheet
5Mb / 64P
   Z8 4K OTP MICROCONTROLLER
Z86E3116SSG ZILOG-Z86E3116SSG Datasheet
751Kb / 64P
   Z8 4K OTP MICROCONTROLLER
Z86E64 ZILOG-Z86E64 Datasheet
91Kb / 12P
   CMOS Z8 OTP Microcontroller
Z86E23 ZILOG-Z86E23 Datasheet
71Kb / 6P
   CMOS Z8 OTP MICROCONTROLLER
Z86E22 ZILOG-Z86E22 Datasheet
276Kb / 10P
   CMOS Z8 OTP MICROCONTROLLER
Z86E21 ZILOG-Z86E21 Datasheet
162Kb / 12P
   CMOS Z8 OTP MICROCONTROLLER
Z86E02SL1925 ZILOG-Z86E02SL1925 Datasheet
75Kb / 18P
   CMOS Z8 OTP MICROCONTROLLER
Z86E33 ZILOG-Z86E33 Datasheet
45Kb / 10P
   CMOS Z8 OTP Microcontrollers
Z86E0412PEG ZILOG-Z86E0412PEG Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
Z86E0412PSG1866 ZILOG-Z86E0412PSG1866 Datasheet
833Kb / 45P
   CMOS Z8 OTP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com