Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1301190006 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1301190006
Description  Flat PVC Festoon Cable 16/8C
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301190006 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1301190006 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301190006
Status:
Active
Overview:
Aero-Motive® Festoon-Cable Systems
Description:
Flat PVC Festoon Cable #16/8C
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Festoons
Series
130119
Component Type
Cable Assembly
Depth
28.19mm (1.110")
Duty
Medium
Height
5.08mm (.200")
Length
N/A
Overview
Aero-Motive® Festoon-Cable Systems
Product Name
Aero-Motive®
Type
Cable, Connector
UPC
78678862665
Woodhead
Yes
Physical
Material - Coating
PVC
Material - Metal
Copper
Material - Wheel
Steel - Sealed Ball Bearing
Number of Conductors
8
Packaging Type
Reel
Saddle Radius
N/A
Thread Size
N/A
Travel Speed - Maximum
73.15 mpm (240 fpm)
Wire/Cable Type
Flat
Electrical
Voltage - Maximum
600V
Material Info
Old Part Number
583000708
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
130119 Series
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1301190006

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301190001 MOLEX11-1301190001 Datasheet
45Kb / 1P
   Flat PVC Festoon Cable 12/4 C
1301190002 MOLEX11-1301190002 Datasheet
45Kb / 1P
   Flat PVC Festoon Cable 12/8C
1301190003 MOLEX11-1301190003 Datasheet
45Kb / 1P
   Flat PVC Festoon Cable 14/4C
1301190004 MOLEX11-1301190004 Datasheet
45Kb / 1P
   Flat PVC Festoon Cable 14/8C
1301190005 MOLEX11-1301190005 Datasheet
45Kb / 1P
   Flat PVC Festoon Cable 14/12C
More results

Similar Description - 1301190006

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301190002 MOLEX11-1301190002 Datasheet
45Kb / 1P
   Flat PVC Festoon Cable 12/8C
1301190004 MOLEX11-1301190004 Datasheet
45Kb / 1P
   Flat PVC Festoon Cable 14/8C
1301190007 MOLEX11-1301190007 Datasheet
45Kb / 1P
   Flat PVC Festoon Cable 16/12C
1301200013 MOLEX11-1301200013 Datasheet
45Kb / 1P
   Flat PVC Festoon Cable 2/4C
1301190008 MOLEX11-1301190008 Datasheet
45Kb / 1P
   Flat PVC Festoon Cable 10/4C
1301190003 MOLEX11-1301190003 Datasheet
45Kb / 1P
   Flat PVC Festoon Cable 14/4C
1301190005 MOLEX11-1301190005 Datasheet
45Kb / 1P
   Flat PVC Festoon Cable 14/12C
1301190001 MOLEX11-1301190001 Datasheet
45Kb / 1P
   Flat PVC Festoon Cable 12/4 C
logo
General Cable Technolog...
C9033A GENERAL-C9033A Datasheet
71Kb / 1P
   8C 18 AWG 16/30 TC PVC / PVC
C9044A GENERAL-C9044A Datasheet
71Kb / 1P
   8C 16 AWG 19/.0117 TC PVC / PVC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com