Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM1555C1H2R0BA01D Datasheet(PDF) 9 Page - Integrated Device Technology

Part # GRM1555C1H2R0BA01D
Description  Matched Broadband RF VGA
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

GRM1555C1H2R0BA01D Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button GRM1555C1H2R0BA01D Datasheet HTML 5Page - Integrated Device Technology GRM1555C1H2R0BA01D Datasheet HTML 6Page - Integrated Device Technology GRM1555C1H2R0BA01D Datasheet HTML 7Page - Integrated Device Technology GRM1555C1H2R0BA01D Datasheet HTML 8Page - Integrated Device Technology GRM1555C1H2R0BA01D Datasheet HTML 9Page - Integrated Device Technology GRM1555C1H2R0BA01D Datasheet HTML 10Page - Integrated Device Technology GRM1555C1H2R0BA01D Datasheet HTML 11Page - Integrated Device Technology GRM1555C1H2R0BA01D Datasheet HTML 12Page - Integrated Device Technology GRM1555C1H2R0BA01D Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Matched Broadband RF VGA
400MHz to 2700MHz
Glitch-Free
TM, Zero-DistortionTM, RF VGA
9
Rev 3, April 2015
IDTF0480NBGI
Datasheet
F0480 DVGA ATTENUATION WORD TRUTH TABLE (LSB = first in)
The SPI interface should be built up by an 8-bit word (defined as MOSI) where 5 bits are used for attenuation setting
per the example shown below. BOLD indicates bits used for programming the attenuator; data bits 2 through 6.
D7
(MSB)
D6
D5
D4
D3
D2
D1
D0
(LSB)
ATTENUATION
SETTING
x
Low
Low
Low
Low
Low
x
x
insertion loss
x
Low
Low
Low
Low
High
x
x
1 dB
x
Low
Low
Low
High
Low
x
x
2 dB
x
Low
Low
High
Low
Low
x
x
4 dB
x
Low
High
Low
Low
Low
x
x
8 dB
x
High
Low
Low
Low
Low
x
x
16 dB
x
High
Low
High
High
Low
x
x
22 dB
x
High
Low
High
High
High
x
x
23 dB (max)
x
High
High
Low
Low
Low
x
x
23 dB (max)
x
High
High
Low
Low
High
x
x
23 dB (max)
x
High
High
Low
High
Low
x
x
23 dB (max)
x
High
High
Low
High
High
x
x
23 dB (max)
x
High
High
High
Low
Low
x
x
23 dB (max)
x
High
High
High
Low
High
x
x
23 dB (max)
x
High
High
High
High
Low
x
x
23 dB (max)
x
High
High
High
High
High
x
x
23 dB (max)
STANDBY TRUTH TABLE*
PARAMETER
LEVEL
FUNCTION
STBY
0 Volts or
Open Circuit
Power On
+5 Volts
Power Off
* Startup/Power on requirements:
SPI shall be left on during Standby mode. When the circuit is initially powered up (+5V applied on pin 12/13), the
default VGA setting should be minimum gain (max attenuation setting). If the attenuator is programmed in Standby
mode, the programmed setting will be active when the device is taken out of Standby mode.
SPI LOGIC LEVEL CONTROL - PIN 11
PARAMETER
LEVEL
FUNCTION
LogicCTL
3.3 Volts or
open Circuit
3.3V logic
0 Volts
1.8V logic


Similar Part No. - GRM1555C1H2R0BA01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM1555C1H2R0BA01D MURATA-GRM1555C1H2R0BA01D Datasheet
4Mb / 221P
   Chip Monolithic Ceramic Capacitors
logo
Renesas Technology Corp
GRM1555C1H2R0BA01D RENESAS-GRM1555C1H2R0BA01D Datasheet
2Mb / 28P
   400 MHz ??2700 MHz 13 dB typical max gain
More results

Similar Description - GRM1555C1H2R0BA01D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F2480 IDT-F2480 Datasheet
3Mb / 34P
   Broadband RF Analog VGA 400 to 3000 MHz
logo
Renesas Technology Corp
F2480 RENESAS-F2480 Datasheet
4Mb / 35P
   Broadband RF Analog VGA 400 to 3000 MHz
F0440 RENESAS-F0440_V01 Datasheet
3Mb / 29P
   Dual Matched Broadband RF DVGA 400MHz to 2700MHz
November 4, 2021
F0440 RENESAS-F0440 Datasheet
2Mb / 31P
   Dual Matched Broadband RF DVGA 450MHz to 2700MHz
F0443 RENESAS-F0443 Datasheet
6Mb / 65P
   Dual Matched Broadband RF DVGA 0.6GHz to 2.7GHz
F0448 RENESAS-F0448 Datasheet
3Mb / 35P
   Dual Matched Broadband RF DVGA 3.4GHz to 3.8GHz
logo
Infineon Technologies A...
BFP843F INFINEON-BFP843F Datasheet
1Mb / 26P
   Robust Low Noise Broadband Pre-Matched Bipolar RF Transistor
Revision 1.0, 2013-06-19
BFP843 INFINEON-BFP843 Datasheet
1Mb / 26P
   Robust Low Noise Broadband Pre-Matched Bipolar RF Transistor
Revision 1.0, 2013-06-19
BFR843EL3 INFINEON-BFR843EL3 Datasheet
1Mb / 27P
   Robust Low Noise Broadband Pre-Matched Bipolar RF Transistor
Revision 1.0, 2014-08-05
logo
M/A-COM Technology Solu...
MRF154 MA-COM-MRF154 Datasheet
293Kb / 9P
   Broadband RF Power MOSFET Broadband RF Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com