Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM1555C1H102J Datasheet(PDF) 5 Page - Integrated Device Technology

Part # GRM1555C1H102J
Description  RF to IF Dual Downconverting Mixer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

GRM1555C1H102J Datasheet(HTML) 5 Page - Integrated Device Technology

  GRM1555C1H102J Datasheet HTML 1Page - Integrated Device Technology GRM1555C1H102J Datasheet HTML 2Page - Integrated Device Technology GRM1555C1H102J Datasheet HTML 3Page - Integrated Device Technology GRM1555C1H102J Datasheet HTML 4Page - Integrated Device Technology GRM1555C1H102J Datasheet HTML 5Page - Integrated Device Technology GRM1555C1H102J Datasheet HTML 6Page - Integrated Device Technology GRM1555C1H102J Datasheet HTML 7Page - Integrated Device Technology GRM1555C1H102J Datasheet HTML 8Page - Integrated Device Technology GRM1555C1H102J Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
RF to IF Dual Downconverting Mixer
3400MHz –3800MHz
IDT Zero-Distortion
TM Mixer
5
Rev1, December 2014
IDTF1178NBGI
Datasheet
IDTF1178 SPECIFICATION (CONTINUED)
Typical Application Circuit specifications apply at VCC = +5.00V, TC = +25°C using LS LO. FRF = 3550 MHz, FLO =
3250MHz, FIF = 300MHz, Pin = -10dBm/tone unless otherwise stated, PLO = 0 dBm, STBY = GND, Transformer Loss
not included (de- embedded), RF trace de-embedded unless otherwise noted.
Parameter
Symbol Comment
min
typ
max
units
RF Input Impedance
ZRF
Single Ended
50
RF Input Return Loss
RLRF
No external matching
18
dB
IF Output Impedance
ZIF
Differential
200
IF Output Return Loss
RLIF
No external matching
13
dB
LO Port Impedance
ZLO
Single Ended
50
LO Port Return Loss
LORF
No external matching
14
dB
Channel Isolation
ISOC
IF_B Pout vs. IF_A w/
RF_A input
40
44
dB
LO to IF leakage
ISOLI
-30
-25
dBm
RF to IF leakage
ISORI
Relative to IF Pout
-50
-40
dBc
LO to RF leakage
ISOLR
-30
dBm
1 – Items in min/max columns in bold italics are Guaranteed by Test
2 – All other Items in min/max columns are Guaranteed by Design Characterization
3 – JEDEC 1.8V logic


Similar Part No. - GRM1555C1H102J

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM1555C1H102J MURATA-GRM1555C1H102J Datasheet
58Kb / 1P
   Chip Monolithic Ceramic Capacitor 0402 C0G 1000pF 50V
logo
Integrated Device Techn...
GRM1555C1H102J IDT-GRM1555C1H102J Datasheet
2Mb / 26P
   TX Differential Input RF Amplifier
GRM1555C1H102J IDT-GRM1555C1H102J Datasheet
2Mb / 21P
   Constant Impedance Kz SP2T RF Switch
GRM1555C1H102J IDT-GRM1555C1H102J Datasheet
2Mb / 24P
   Voltage Variable RF Attenuator
logo
Renesas Technology Corp
GRM1555C1H102J RENESAS-GRM1555C1H102J Datasheet
2Mb / 17P
   RF Amplifier 1.7GHz to 2.2GHz
More results

Similar Description - GRM1555C1H102J

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1100 RENESAS-F1100 Datasheet
1Mb / 18P
   RF to IF Dual Downconverting Mixer
logo
Integrated Device Techn...
F1152NBGI IDT-F1152NBGI Datasheet
1Mb / 20P
   RF to IF Dual Downconverting Mixer
F1100 IDT-F1100 Datasheet
956Kb / 17P
   RF to IF Dual Downconverting Mixer
F1150NBGI IDT-F1150NBGI Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
F1102NBGI IDT-F1102NBGI Datasheet
4Mb / 26P
   RF to IF Dual Downconverting Mixer
F1162NBGI IDT-F1162NBGI Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
IDTF1751NBGI IDT-IDTF1751NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
IDTF1701NBGI IDT-IDTF1701NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
IDTF1763NBGI IDT-IDTF1763NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
logo
Renesas Technology Corp
F1192B RENESAS-F1192B Datasheet
1Mb / 36P
   RF Dual Wideband Gain-Settable Downconverting Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com