Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM1555C1H102J Datasheet(PDF) 6 Page - Integrated Device Technology

Part # GRM1555C1H102J
Description  RF to IF Dual Downconverting Mixer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

GRM1555C1H102J Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button GRM1555C1H102J Datasheet HTML 2Page - Integrated Device Technology GRM1555C1H102J Datasheet HTML 3Page - Integrated Device Technology GRM1555C1H102J Datasheet HTML 4Page - Integrated Device Technology GRM1555C1H102J Datasheet HTML 5Page - Integrated Device Technology GRM1555C1H102J Datasheet HTML 6Page - Integrated Device Technology GRM1555C1H102J Datasheet HTML 7Page - Integrated Device Technology GRM1555C1H102J Datasheet HTML 8Page - Integrated Device Technology GRM1555C1H102J Datasheet HTML 9Page - Integrated Device Technology GRM1555C1H102J Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
RF to IF Dual Downconverting Mixer
3400MHz –3800MHz
IDT Zero-Distortion
TM Mixer
6
Rev1, December 2014
IDTF1178NBGI
Datasheet
STANDBY LOGIC TABLE
Main Channel
Diversity Channel
STBY1 (pin 22)
STBY2 (pin 24)
ON
ON
0
0
OFF
OFF
1
0
ON
OFF
0
1
OFF
ON
1
1


Similar Part No. - GRM1555C1H102J

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM1555C1H102J MURATA-GRM1555C1H102J Datasheet
58Kb / 1P
   Chip Monolithic Ceramic Capacitor 0402 C0G 1000pF 50V
logo
Integrated Device Techn...
GRM1555C1H102J IDT-GRM1555C1H102J Datasheet
2Mb / 26P
   TX Differential Input RF Amplifier
GRM1555C1H102J IDT-GRM1555C1H102J Datasheet
2Mb / 21P
   Constant Impedance Kz SP2T RF Switch
GRM1555C1H102J IDT-GRM1555C1H102J Datasheet
2Mb / 24P
   Voltage Variable RF Attenuator
logo
Renesas Technology Corp
GRM1555C1H102J RENESAS-GRM1555C1H102J Datasheet
2Mb / 17P
   RF Amplifier 1.7GHz to 2.2GHz
More results

Similar Description - GRM1555C1H102J

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1100 RENESAS-F1100 Datasheet
1Mb / 18P
   RF to IF Dual Downconverting Mixer
logo
Integrated Device Techn...
F1152NBGI IDT-F1152NBGI Datasheet
1Mb / 20P
   RF to IF Dual Downconverting Mixer
F1100 IDT-F1100 Datasheet
956Kb / 17P
   RF to IF Dual Downconverting Mixer
F1150NBGI IDT-F1150NBGI Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
F1102NBGI IDT-F1102NBGI Datasheet
4Mb / 26P
   RF to IF Dual Downconverting Mixer
F1162NBGI IDT-F1162NBGI Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
IDTF1751NBGI IDT-IDTF1751NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
IDTF1701NBGI IDT-IDTF1701NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
IDTF1763NBGI IDT-IDTF1763NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
logo
Renesas Technology Corp
F1192B RENESAS-F1192B Datasheet
1Mb / 36P
   RF Dual Wideband Gain-Settable Downconverting Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com