Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM155R71C103KA01D Datasheet(PDF) 3 Page - Integrated Device Technology

Part # GRM155R71C103KA01D
Description  DPD Demodulator for PA Linearization
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

GRM155R71C103KA01D Datasheet(HTML) 3 Page - Integrated Device Technology

  GRM155R71C103KA01D Datasheet HTML 1Page - Integrated Device Technology GRM155R71C103KA01D Datasheet HTML 2Page - Integrated Device Technology GRM155R71C103KA01D Datasheet HTML 3Page - Integrated Device Technology GRM155R71C103KA01D Datasheet HTML 4Page - Integrated Device Technology GRM155R71C103KA01D Datasheet HTML 5Page - Integrated Device Technology GRM155R71C103KA01D Datasheet HTML 6Page - Integrated Device Technology GRM155R71C103KA01D Datasheet HTML 7Page - Integrated Device Technology GRM155R71C103KA01D Datasheet HTML 8Page - Integrated Device Technology GRM155R71C103KA01D Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
DPD Demodulator for PA Linearization
550MHz to 1150MHz
IDT Zero-Distortion
TM, Glitch-FreeTM DPD Receiver
3
Rev4 January 2014
F1300
DATASHEET
IDTF1320NBGI
Datasheet
ARY DATASHEET
IDTF1320 SPECIFICATION
Refer to Typical Application Circuit when operated with VCC = +5.0V, TCASE = 25C, , FRF = 860 MHz, FLO = 1060 MHz, Gain = GMAX, PLO = 0
dBm, TC= +25°C, STBY = GND, unless otherwise noted. Full Lineup measured through to I or Q path. IF Transformers and RF trace
losses de-embedded.
Parameter
Comment
Symbol
min
typ
max
units
Logic Input High
For STBY, DATA, CSb, CLK, SW_Latch
VIH
2.3
V
Logic Input Low
For STBY, DATA, CSb, CLK, SW_Latch
VIL
0.5
V
Logic Current
VH = 2.3V, VL = 0V
IIH, IIL
-135
+10
μA
Supply Voltage(s)
All VCC (operating range)
VCC
4.75 to
5.25
V
Temperature Range
Operating Range
TCASE
-40
+105
degC
Supply Current
Total VCC
ISUPP
262
290
1
mA
Supply Current
Standby Mode: STBY > V
IH
ISTBY
22
27
mA
RF Freq Range
Sets LO freq range
FRF
700
1100
MHz
IF center Freq Range
Sets LO freq range
FIF
100
250
MHz
Oversample Operating
Range
Measure Gain at I&Q
Gain setting = G
MAX
F
LO = 950 MHz, 1080 MHz
Gain Delta < 2.5 dB
FRFD
550
1150
MHz
Oversample IF Range
Measure Gain at I&Q
Gain setting = G
MAX
F
LO = 950 MHz, 1080 MHz
Gain Delta < 2.5 dB
FIFD
20
350
MHz
IF Linearity BW
RF Freq = 860 MHz
IP3O > +39 dBm
From RF_INX to I+,I- & Q+,Q-
Pin = -11 dBm/Tone
Gain setting = G
MAX
IFLIN
100
300
MHz
RF Linearity BW
IF Freq = 200 MHz
IP3O > +37.5 dBm
From RF_INX to I+,I- & Q+,Q-
Pin = -11 dBm/Tone
Gain setting = G
MAX
RFLIN
700
1100
MHz
LO Freq Range
Operating Range
FLOH
500
1300
MHz
LO Power
Operating Range
PLO
-3 to +3
dBm
RF Input Impedance
Single Ended (RL > 10 dB)
ZRF
50
Ω
IF Output Impedance
Differential (RL > 10 dB)
ZIF
200
Ω
LO port Impedance
Single Ended (RL > 10 dB)
ZLO
50
Ω
Gain maximum
From RF_INX to I+,I- & Q+,Q-
Gain setting = G
MAX
Pin = -11 dBm
GMAX or
ATTNMIN
11
12.5
14
dB
Gain minimum
From RF_INX to I+,I
Gain setting = G
MIN
Pin = +14 dBm
GMIN or
ATTNMAX
-15
-13.5
-12
dB


Similar Part No. - GRM155R71C103KA01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155R71C103KA01D MURATA-GRM155R71C103KA01D Datasheet
92Kb / 2P
   Capacitor data sheet
logo
Integrated Device Techn...
GRM155R71C103KA01D IDT-GRM155R71C103KA01D Datasheet
2Mb / 17P
   6-bit 0.5 dB Digital Step Attenuator
logo
Renesas Technology Corp
GRM155R71C103KA01D RENESAS-GRM155R71C103KA01D Datasheet
1Mb / 25P
   Ideal for Multi-Carrier Systems
RevO December 2013
logo
Integrated Device Techn...
GRM155R71C103KA01D IDT-GRM155R71C103KA01D Datasheet
4Mb / 26P
   RF to IF Dual Downconverting Mixer
GRM155R71C103KA01D IDT-GRM155R71C103KA01D Datasheet
1Mb / 17P
   6-bit Digital Step Attenuator
More results

Similar Description - GRM155R71C103KA01D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTF1370NBGI IDT-IDTF1370NBGI Datasheet
1Mb / 25P
   DPD Demodulator for PA Linearization
IDTF1358NBGI IDT-IDTF1358NBGI Datasheet
1Mb / 37P
   DPD Demodulator for PA Linearization
logo
Renesas Technology Corp
F1375 RENESAS-F1375 Datasheet
1Mb / 27P
   DPD Demodulator for PA Linearization 1300MHz to 2900MHz
February 7, 2022
F1300 RENESAS-F1300 Datasheet
1Mb / 31P
   DPD Demodulator for PA Linearization 550MHz to 1150MHz
February 7, 2022
IDTF1350 RENESAS-IDTF1350 Datasheet
1Mb / 27P
   DPD Demodulator for PA Linearization, 1300MHz to 2900MHz
January 21, 2020
F1385 RENESAS-F1385 Datasheet
1Mb / 42P
   DPD Demodulator for PA Linearization 3200 to 4400 MHz
February 7, 2022
logo
Sony Corporation
CXA3018R SONY-CXA3018R Datasheet
485Kb / 17P
   Demodulator for Satellite Receivers
logo
Keysight Technologies
M9451A KEYSIGHT-M9451A Datasheet
588Kb / 10P
   M9451A-DPD PXIe Measurement Accelerator
logo
Sony Corporation
CXA3218N SONY-CXA3218N Datasheet
241Kb / 16P
   FM Demodulator for BS/CS
logo
NXP Semiconductors
TBA120U PHILIPS-TBA120U Datasheet
93Kb / 9P
   Sound I.F. amplifier/demodulator for TV
March 1986
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com