Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM1555C1H390JZ010 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # GRM1555C1H390JZ010
Description  DPD Demodulator for PA Linearization
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

GRM1555C1H390JZ010 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button GRM1555C1H390JZ010 Datasheet HTML 7Page - Integrated Device Technology GRM1555C1H390JZ010 Datasheet HTML 8Page - Integrated Device Technology GRM1555C1H390JZ010 Datasheet HTML 9Page - Integrated Device Technology GRM1555C1H390JZ010 Datasheet HTML 10Page - Integrated Device Technology GRM1555C1H390JZ010 Datasheet HTML 11Page - Integrated Device Technology GRM1555C1H390JZ010 Datasheet HTML 12Page - Integrated Device Technology GRM1555C1H390JZ010 Datasheet HTML 13Page - Integrated Device Technology GRM1555C1H390JZ010 Datasheet HTML 14Page - Integrated Device Technology GRM1555C1H390JZ010 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
DPD Demodulator for PA Linearization
1300MHz to 2900MHz
IDT Zero-Distortion
TM, Glitch-FreeTM DPD Receiver
11
Rev4, January 2014
PRELIMINARY DATASHEET
IDTF1370NBGI
Datasheet
TOCS F1370 [FIXED LO VS TEMP] (-1-)
GAIN [LO = 1.80 GHZ, LOW SIDE INJECTION]
IP3O [LO = 1.80 GHZ, LOW SIDE INJECTION]
IP2O [LO = 1.80 GHZ, LOW SIDE INJECTION]
GAIN [LO = 2.92 GHZ, HIGH SIDE INJECTION]
IP3O [LO = 2.92 GHZ, HIGH SIDE INJECTION]
IP2O [LO = 2.92 GHZ, HIGH SIDE INJECTION]
0
2
4
6
8
10
12
14
16
0
50
100
150
200
250
300
350
400
450
500
550
-40degC / 5.00V / 0dBm / IFI
-40degC / 5.00V / 0dBm / IFQ
25degC / 5.00V / 0dBm / IFI
25degC / 5.00V / 0dBm / IFQ
105degC / 5.00V / 0dBm / IFI
105degC / 5.00V / 0dBm / IFQ
IF Frequency (MHz)
24
28
32
36
40
44
48
0
50
100
150
200
250
300
350
400
450
500
550
-40degC / 5.00V / 0dBm / IFI
-40degC / 5.00V / 0dBm / IFQ
25degC / 5.00V / 0dBm / IFI
25degC / 5.00V / 0dBm / IFQ
105degC / 5.00V / 0dBm / IFI
105degC / 5.00V / 0dBm / IFQ
IF Frequency (MHz)
10
20
30
40
50
60
70
80
90
0
50
100
150
200
250
300
350
400
450
500
550
-40degC / 5.00V / 0dBm / IFI
-40degC / 5.00V / 0dBm / IFQ
25degC / 5.00V / 0dBm / IFI
25degC / 5.00V / 0dBm / IFQ
105degC / 5.00V / 0dBm / IFI
105degC / 5.00V / 0dBm / IFQ
IF Frequency (MHz)
0
2
4
6
8
10
12
14
16
0
50
100
150
200
250
300
350
400
450
500
550
-40degC / 5.00V / 0dBm / IFI
-40degC / 5.00V / 0dBm / IFQ
25degC / 5.00V / 0dBm / IFI
25degC / 5.00V / 0dBm / IFQ
105degC / 5.00V / 0dBm / IFI
105degC / 5.00V / 0dBm / IFQ
IF Frequency (MHz)
24
28
32
36
40
44
48
0
50
100
150
200
250
300
350
400
450
500
550
-40degC / 5.00V / 0dBm / IFI
-40degC / 5.00V / 0dBm / IFQ
25degC / 5.00V / 0dBm / IFI
25degC / 5.00V / 0dBm / IFQ
105degC / 5.00V / 0dBm / IFI
105degC / 5.00V / 0dBm / IFQ
IF Frequency (MHz)
10
20
30
40
50
60
70
80
90
0
50
100
150
200
250
300
350
400
450
500
550
-40degC / 5.00V / 0dBm / IFI
-40degC / 5.00V / 0dBm / IFQ
25degC / 5.00V / 0dBm / IFI
25degC / 5.00V / 0dBm / IFQ
105degC / 5.00V / 0dBm / IFI
105degC / 5.00V / 0dBm / IFQ
IF Frequency (MHz)


Similar Part No. - GRM1555C1H390JZ010

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
GRM1555C1H390JZ010 IDT-GRM1555C1H390JZ010 Datasheet
1Mb / 20P
   RF to IF Dual Downconverting Mixer
GRM1555C1H390JZ010 IDT-GRM1555C1H390JZ010 Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
GRM1555C1H390JZ010 IDT-GRM1555C1H390JZ010 Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
GRM1555C1H390JZ010 IDT-GRM1555C1H390JZ010 Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
GRM1555C1H390JZ010 IDT-GRM1555C1H390JZ010 Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
More results

Similar Description - GRM1555C1H390JZ010

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTF1320NBGI IDT-IDTF1320NBGI Datasheet
1Mb / 28P
   DPD Demodulator for PA Linearization
IDTF1358NBGI IDT-IDTF1358NBGI Datasheet
1Mb / 37P
   DPD Demodulator for PA Linearization
logo
Renesas Technology Corp
F1375 RENESAS-F1375 Datasheet
1Mb / 27P
   DPD Demodulator for PA Linearization 1300MHz to 2900MHz
February 7, 2022
F1300 RENESAS-F1300 Datasheet
1Mb / 31P
   DPD Demodulator for PA Linearization 550MHz to 1150MHz
February 7, 2022
IDTF1350 RENESAS-IDTF1350 Datasheet
1Mb / 27P
   DPD Demodulator for PA Linearization, 1300MHz to 2900MHz
January 21, 2020
F1385 RENESAS-F1385 Datasheet
1Mb / 42P
   DPD Demodulator for PA Linearization 3200 to 4400 MHz
February 7, 2022
logo
Sony Corporation
CXA3018R SONY-CXA3018R Datasheet
485Kb / 17P
   Demodulator for Satellite Receivers
logo
Keysight Technologies
M9451A KEYSIGHT-M9451A Datasheet
588Kb / 10P
   M9451A-DPD PXIe Measurement Accelerator
logo
Sony Corporation
CXA3218N SONY-CXA3218N Datasheet
241Kb / 16P
   FM Demodulator for BS/CS
logo
NXP Semiconductors
TBA120U PHILIPS-TBA120U Datasheet
93Kb / 9P
   Sound I.F. amplifier/demodulator for TV
March 1986
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com