Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM155R71C103KA01D Datasheet(PDF) 5 Page - Integrated Device Technology

Part # GRM155R71C103KA01D
Description  6-bit Digital Step Attenuator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

GRM155R71C103KA01D Datasheet(HTML) 5 Page - Integrated Device Technology

  GRM155R71C103KA01D Datasheet HTML 1Page - Integrated Device Technology GRM155R71C103KA01D Datasheet HTML 2Page - Integrated Device Technology GRM155R71C103KA01D Datasheet HTML 3Page - Integrated Device Technology GRM155R71C103KA01D Datasheet HTML 4Page - Integrated Device Technology GRM155R71C103KA01D Datasheet HTML 5Page - Integrated Device Technology GRM155R71C103KA01D Datasheet HTML 6Page - Integrated Device Technology GRM155R71C103KA01D Datasheet HTML 7Page - Integrated Device Technology GRM155R71C103KA01D Datasheet HTML 8Page - Integrated Device Technology GRM155R71C103KA01D Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
6-bit Digital Step Attenuator
400 to 4000 MHz IDTF1953
Glitch-Free
TM Digital Step Attenuator
5
Rev2 April2014
F1953
DATASHEET
PARALLEL CONTROL MODE
The user has the option of running in one of two parallel modes: Direct Parallel Mode or Latched Parallel
Mode.
DIRECT-PARALLEL MODE:
Direct-parallel mode is selected when VMODE (pin 13) is < VIL and LE (pin 5) is > VIH. In this mode the
device will immediately react to any voltage changes to the parallel control pins [pins 1, 15, 16, 17, 19, 20].
Use direct-parallel mode for the fastest settling time.
LATCHED-PARALLEL MODE:
Latched-parallel mode is selected when VMODE (pin 13) is < VIL and LE (pin 5) is toggled from < VIL to > VIH
To utilize latched-parallel mode:
Set LE < VIL
Adjust pins [1, 15, 16, 17, 19, 20] to the desired attenuation setting. (Note the device will not react
to these pins while LE < VIL.)
Pull LE > VIH. The device will then transition to the attenuation settings reflected by these pins.
When the device is powered up In Latched Parallel Mode [VMODE < VIL and LE < VIL], the attenuation setting
defaults to the state defined by the six parallel data pins [pins 1, 15, 16, 17, 19, 20]
LATCHED PARALLEL MODE TIMING DIAGRAM: (Note the Timing Spec Intervals in Blue)
LATCHED PARALLEL MODE TIMING TABLE:
Interval
Symbol
Description
Min
Spec
Max
Spec
Units
A
Serial to Parallel Mode Setup Time
100
nsec
B
Parallel Data Hold Time
10
nsec
C
LE minimum pulse width
10
nsec
D
Parallel Data Setup Time
10
nsec
D[5:0]
Data Word
Latched into
Active Register
LE
VMODE
Spec
Interval
s
A
D
C
B


Similar Part No. - GRM155R71C103KA01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155R71C103KA01D MURATA-GRM155R71C103KA01D Datasheet
92Kb / 2P
   Capacitor data sheet
logo
Integrated Device Techn...
GRM155R71C103KA01D IDT-GRM155R71C103KA01D Datasheet
2Mb / 17P
   7-bit 0.25 dB Digital Step Attenuator
logo
Renesas Technology Corp
GRM155R71C103KA01D RENESAS-GRM155R71C103KA01D Datasheet
1Mb / 25P
   Ideal for Multi-Carrier Systems
RevO December 2013
logo
Integrated Device Techn...
GRM155R71C103KA01D IDT-GRM155R71C103KA01D Datasheet
4Mb / 26P
   RF to IF Dual Downconverting Mixer
GRM155R71C103KA01D IDT-GRM155R71C103KA01D Datasheet
2Mb / 17P
   6-bit 0.5 dB Digital Step Attenuator
More results

Similar Description - GRM155R71C103KA01D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTF1912NCGI IDT-IDTF1912NCGI_17 Datasheet
1Mb / 22P
   6 Bit Digital Step Attenuator
IDTF1912NCGI IDT-IDTF1912NCGI Datasheet
2Mb / 20P
   6 Bit Digital Step Attenuator
F1978 IDT-F1978 Datasheet
4Mb / 26P
   6-Bit, 75 Digital Step Attenuator
IDTF1951 IDT-IDTF1951 Datasheet
2Mb / 17P
   6-bit 0.5 dB Digital Step Attenuator
F1951 IDT-F1951 Datasheet
1Mb / 20P
   6-bit 0.5 dB Digital Step Attenuator
logo
M/A-COM Technology Solu...
MAAD-011021-000DIE MA-COM-MAAD-011021-000DIE_16 Datasheet
987Kb / 9P
   Digital Attenuator, 6-Bit, 0.5 dB LSB step
MAAD-011021-000DIE MA-COM-MAAD-011021-000DIE Datasheet
945Kb / 8P
   Digital Attenuator, 6-Bit, 0.5 dB LSB step
logo
NXP Semiconductors
MMT20303H NXP-MMT20303H Datasheet
374Kb / 14P
   3-Bit Digital Step Attenuator
Rev. 0, 12/2015
logo
TriQuint Semiconductor
TQP4M9072 TRIQUINT-TQP4M9072_15 Datasheet
579Kb / 12P
   High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
logo
Renesas Technology Corp
F1978 RENESAS-F1978 Datasheet
3Mb / 27P
   6-Bit, 75Ω Digital Step Attenuator 5MHz to 3GHz
August 28, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com