Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM155R71C103KA01D Datasheet(PDF) 7 Page - Integrated Device Technology

Part # GRM155R71C103KA01D
Description  6-bit Digital Step Attenuator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

GRM155R71C103KA01D Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button GRM155R71C103KA01D Datasheet HTML 3Page - Integrated Device Technology GRM155R71C103KA01D Datasheet HTML 4Page - Integrated Device Technology GRM155R71C103KA01D Datasheet HTML 5Page - Integrated Device Technology GRM155R71C103KA01D Datasheet HTML 6Page - Integrated Device Technology GRM155R71C103KA01D Datasheet HTML 7Page - Integrated Device Technology GRM155R71C103KA01D Datasheet HTML 8Page - Integrated Device Technology GRM155R71C103KA01D Datasheet HTML 9Page - Integrated Device Technology GRM155R71C103KA01D Datasheet HTML 10Page - Integrated Device Technology GRM155R71C103KA01D Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
6-bit Digital Step Attenuator
400 to 4000 MHz IDTF1953
Glitch-Free
TM Digital Step Attenuator
7
Rev2 April2014
F1953
DATASHEET
TOCS CONTINUED (-2-)
Phase vs. Frequency
Supply Current IDD [vs. Temp]
Input IP3 [fRF = 1900 MHz, VDD = 3.0 V]
Phase vs. Attenuation Setting
Supply Current IDD [vs. VDD]
Compression [fRF = 2000 MHz, ATTN = 2.5 dB]
-130
-110
-90
-70
-50
-30
-10
10
500
800
1100
1400
1700
2000
2300
2600
2900
3200
3500
-40 degC - 3.0 V - 0
-40 degC - 3.0 V - 31.5
25 degC - 3.0 V - 0
25 degC - 3.0 V - 31.5
100 degC - 3.0 V - 0
100 degC - 3.0 V - 31.5
RF Frequency (MHz)
0.0
0.1
0.2
0.3
0.4
0.5
0
4
8
12
16
20
24
28
-40 degC - 3.0 V
25 degC - 3.0 V
100 degC - 3.0 V
Attenuation Setting (dB)
25
30
35
40
45
50
55
60
65
70
75
0
4
8
12
16
20
24
28
32
Attenuation Setting (dB)
-40C
25C
100C
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
0
4
8
12
16
20
24
28
400 MHz
900 MHz
1400 MHz
1900 MHz
2400 MHz
2900 MHz
3400 MHz
3900 MHz
Attenuation Setting (dB)
0.00
0.10
0.20
0.30
0.40
0.50
0
4
8
12
16
20
24
28
25 degC - 3.3 V
25 degC - 3.0 V
25 degC - 2.7 V
Attenuation Setting (dB)
0.0
0.1
0.2
0.3
0.4
0.5
22
23
24
25
26
27
28
Input Power (dBm)
-40degC 2.5 dB ATTN
25degC 2.5 dB ATTN
100degC 2.5 dB ATTN


Similar Part No. - GRM155R71C103KA01D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155R71C103KA01D MURATA-GRM155R71C103KA01D Datasheet
92Kb / 2P
   Capacitor data sheet
logo
Integrated Device Techn...
GRM155R71C103KA01D IDT-GRM155R71C103KA01D Datasheet
2Mb / 17P
   7-bit 0.25 dB Digital Step Attenuator
logo
Renesas Technology Corp
GRM155R71C103KA01D RENESAS-GRM155R71C103KA01D Datasheet
1Mb / 25P
   Ideal for Multi-Carrier Systems
RevO December 2013
logo
Integrated Device Techn...
GRM155R71C103KA01D IDT-GRM155R71C103KA01D Datasheet
4Mb / 26P
   RF to IF Dual Downconverting Mixer
GRM155R71C103KA01D IDT-GRM155R71C103KA01D Datasheet
2Mb / 17P
   6-bit 0.5 dB Digital Step Attenuator
More results

Similar Description - GRM155R71C103KA01D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTF1912NCGI IDT-IDTF1912NCGI_17 Datasheet
1Mb / 22P
   6 Bit Digital Step Attenuator
IDTF1912NCGI IDT-IDTF1912NCGI Datasheet
2Mb / 20P
   6 Bit Digital Step Attenuator
F1978 IDT-F1978 Datasheet
4Mb / 26P
   6-Bit, 75 Digital Step Attenuator
IDTF1951 IDT-IDTF1951 Datasheet
2Mb / 17P
   6-bit 0.5 dB Digital Step Attenuator
F1951 IDT-F1951 Datasheet
1Mb / 20P
   6-bit 0.5 dB Digital Step Attenuator
logo
M/A-COM Technology Solu...
MAAD-011021-000DIE MA-COM-MAAD-011021-000DIE_16 Datasheet
987Kb / 9P
   Digital Attenuator, 6-Bit, 0.5 dB LSB step
MAAD-011021-000DIE MA-COM-MAAD-011021-000DIE Datasheet
945Kb / 8P
   Digital Attenuator, 6-Bit, 0.5 dB LSB step
logo
NXP Semiconductors
MMT20303H NXP-MMT20303H Datasheet
374Kb / 14P
   3-Bit Digital Step Attenuator
Rev. 0, 12/2015
logo
TriQuint Semiconductor
TQP4M9072 TRIQUINT-TQP4M9072_15 Datasheet
579Kb / 12P
   High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
logo
Renesas Technology Corp
F1978 RENESAS-F1978 Datasheet
3Mb / 27P
   6-Bit, 75Ω Digital Step Attenuator 5MHz to 3GHz
August 28, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com