Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM155R71C104KA88D Datasheet(PDF) 9 Page - Integrated Device Technology

Part # GRM155R71C104KA88D
Description  6-bit Digital Step Attenuator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

GRM155R71C104KA88D Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button GRM155R71C104KA88D Datasheet HTML 5Page - Integrated Device Technology GRM155R71C104KA88D Datasheet HTML 6Page - Integrated Device Technology GRM155R71C104KA88D Datasheet HTML 7Page - Integrated Device Technology GRM155R71C104KA88D Datasheet HTML 8Page - Integrated Device Technology GRM155R71C104KA88D Datasheet HTML 9Page - Integrated Device Technology GRM155R71C104KA88D Datasheet HTML 10Page - Integrated Device Technology GRM155R71C104KA88D Datasheet HTML 11Page - Integrated Device Technology GRM155R71C104KA88D Datasheet HTML 12Page - Integrated Device Technology GRM155R71C104KA88D Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
6-bit Digital Step Attenuator
400 to 4000 MHz IDTF1953
Glitch-Free
TM Digital Step Attenuator
9
Rev2 April2014
F1953
DATASHEET
TOCS CONTINUED (-4-)
INL [400 MHz]
INL [900 MHz]
INL [2900 MHz]
INL [700 MHz]
INL [1900 MHz]
Worst Setting INL
-1.50
-1.25
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0
4
8
12
16
20
24
28
-40 degC - 3.0 V
25 degC - 3.0 V
100 degC - 3.0 V
Attenuation Setting (dB)
-1.50
-1.25
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0
4
8
12
16
20
24
28
-40 degC - 3.0 V
25 degC - 3.0 V
100 degC - 3.0 V
Attenuation Setting (dB)
-1.50
-1.25
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0
4
8
12
16
20
24
28
-40 degC - 3.0 V
25 degC - 3.0 V
100 degC - 3.0 V
Attenuation Setting (dB)
-1.50
-1.25
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0
4
8
12
16
20
24
28
-40 degC - 3.0 V
25 degC - 3.0 V
100 degC - 3.0 V
Attenuation Setting (dB)
-1.50
-1.25
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0
4
8
12
16
20
24
28
-40 degC - 3.0 V
25 degC - 3.0 V
100 degC - 3.0 V
Attenuation Setting (dB)
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
400
800
1200
1600
2000
2400
2800
3200
3600
4000
-40 degC - 3.0 V
25 degC - 3.0 V
100 degC - 3.0 V
RF Frequency (MHz)


Similar Part No. - GRM155R71C104KA88D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GRM155R71C104KA88D TI1-GRM155R71C104KA88D Datasheet
1Mb / 28P
[Old version datasheet]   DRV2603 ERM/LRA Haptic Driver Evaluation Kit
logo
Renesas Technology Corp
GRM155R71C104KA88D RENESAS-GRM155R71C104KA88D Datasheet
2Mb / 28P
   400 MHz ??2700 MHz 13 dB typical max gain
logo
Microchip Technology
GRM155R71C104KA88D MICROCHIP-GRM155R71C104KA88D Datasheet
1Mb / 50P
   Wireless Security Remote Control Development Kit User?셲 Guide
2012
logo
Integrated Device Techn...
GRM155R71C104KA88D IDT-GRM155R71C104KA88D Datasheet
2Mb / 40P
   Dual Path Lowband RF Receiver 400 MHz to 1100 MHz
logo
Texas Instruments
GRM155R71C104KA88D TI-GRM155R71C104KA88D Datasheet
3Mb / 16P
[Old version datasheet]   evaluation of the features of the TAS5548 PWM digital audio processor.
More results

Similar Description - GRM155R71C104KA88D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTF1912NCGI IDT-IDTF1912NCGI_17 Datasheet
1Mb / 22P
   6 Bit Digital Step Attenuator
IDTF1912NCGI IDT-IDTF1912NCGI Datasheet
2Mb / 20P
   6 Bit Digital Step Attenuator
F1978 IDT-F1978 Datasheet
4Mb / 26P
   6-Bit, 75 Digital Step Attenuator
IDTF1951 IDT-IDTF1951 Datasheet
2Mb / 17P
   6-bit 0.5 dB Digital Step Attenuator
F1951 IDT-F1951 Datasheet
1Mb / 20P
   6-bit 0.5 dB Digital Step Attenuator
logo
M/A-COM Technology Solu...
MAAD-011021-000DIE MA-COM-MAAD-011021-000DIE_16 Datasheet
987Kb / 9P
   Digital Attenuator, 6-Bit, 0.5 dB LSB step
MAAD-011021-000DIE MA-COM-MAAD-011021-000DIE Datasheet
945Kb / 8P
   Digital Attenuator, 6-Bit, 0.5 dB LSB step
logo
NXP Semiconductors
MMT20303H NXP-MMT20303H Datasheet
374Kb / 14P
   3-Bit Digital Step Attenuator
Rev. 0, 12/2015
logo
TriQuint Semiconductor
TQP4M9072 TRIQUINT-TQP4M9072_15 Datasheet
579Kb / 12P
   High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
logo
Renesas Technology Corp
F1978 RENESAS-F1978 Datasheet
3Mb / 27P
   6-Bit, 75Ω Digital Step Attenuator 5MHz to 3GHz
August 28, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com