Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z89318 Datasheet(PDF) 7 Page - Zilog, Inc.

Part # Z89318
Description  DIGITAL TELEVISION CONTROLLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89318 Datasheet(HTML) 7 Page - Zilog, Inc.

  Z89318 Datasheet HTML 1Page - Zilog, Inc. Z89318 Datasheet HTML 2Page - Zilog, Inc. Z89318 Datasheet HTML 3Page - Zilog, Inc. Z89318 Datasheet HTML 4Page - Zilog, Inc. Z89318 Datasheet HTML 5Page - Zilog, Inc. Z89318 Datasheet HTML 6Page - Zilog, Inc. Z89318 Datasheet HTML 7Page - Zilog, Inc. Z89318 Datasheet HTML 8Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Z89314/318
CPS95TV0403
AC CHARACTERISTICS
T
A = 0°C to + 70°C; VCC = 4.5
V to 5.5 V; F
OSC = 32.768 KHz
Symbol
Parameter
Min
Max
Typical
Units
T
PC
Input Clock Period
16
100
32
µS
T
RC,TFC
Clock Input Rise and Fall
12
µS
T
DPOR
Power On Reset Delay
0.8
1.2
s
AC CHARACTERISTICS*
T
A = 0°C to + 70°C; VCC = 4.5
V to 5.5 V; F
OSC = 32.768 KHz
Symbol
Parameter
Min
Max
Typical
Units
T
WRES
Power-On Reset Min. Width
5TPC
µS
T
DHS
H_Sync Incoming Signal Width
5.5
12.5
11
µS
T
DVS
V_Sync Incoming Signal Width
0.15
1.5
1.0
mS
T
DES
Time Delay Between Leading Edge
–12
+12
0
µS
of V_Sync and H_Sync in Even Field
T
DOS
Time Delay Between Leading Edge
20
44
32
µS
of H_Sync in Odd Field
T
WHVS
H_Sync/V_Sync Edge Width
2.0
0.5
µS
*Notes:
The above AC Characteristics are ROM code/software dependent and
are not measurable internally.


Similar Part No. - Z89318

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z89313 ZILOG-Z89313 Datasheet
52Kb / 8P
   DIGITAL TELEVISION CONTROLLER
Z89319 ZILOG-Z89319 Datasheet
59Kb / 7P
   DIGITAL TELEVISION CONTROLLER IN-CIRCUIT EMULATOR (ICE) DEVICE
Z89319 ZILOG-Z89319 Datasheet
65Kb / 2P
   DIGITAL TELEVISION CONTROLLER IN-CIRCUIT EMULATOR (ICE) DEVICE
More results

Similar Description - Z89318

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z89302 ZILOG-Z89302 Datasheet
74Kb / 8P
   Digital Television Controller
Z90365 ZILOG-Z90365 Datasheet
35Kb / 8P
   Digital Television Controller
Z89300 ZILOG-Z89300 Datasheet
86Kb / 8P
   DIGITAL TELEVISION CONTROLLER
Z90341 ZILOG-Z90341 Datasheet
69Kb / 7P
   DIGITAL TELEVISION CONTROLLER
Z89303 ZILOG-Z89303 Datasheet
52Kb / 8P
   DIGITAL TELEVISION CONTROLLER
Z89313 ZILOG-Z89313 Datasheet
52Kb / 8P
   DIGITAL TELEVISION CONTROLLER
Z89332 ZILOG-Z89332 Datasheet
62Kb / 8P
   Digital Television Controller
Z86127 ZILOG-Z86127 Datasheet
106Kb / 8P
   LOW-COST DIGITAL TELEVISION CONTROLLER (LDTC)
Z90102 ZILOG-Z90102 Datasheet
232Kb / 36P
   40-Pin Low-Cost Digital Television Controller
Z90110 ZILOG-Z90110 Datasheet
69Kb / 8P
   40-PIN LOW-COST DIGITAL TELEVISION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com