Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

I2041AG-08TR Datasheet(PDF) 4 Page - ON Semiconductor

Part # I2041AG-08TR
Description  Versatile EMI Reduction IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

I2041AG-08TR Datasheet(HTML) 4 Page - ON Semiconductor

  I2041AG-08TR Datasheet HTML 1Page - ON Semiconductor I2041AG-08TR Datasheet HTML 2Page - ON Semiconductor I2041AG-08TR Datasheet HTML 3Page - ON Semiconductor I2041AG-08TR Datasheet HTML 4Page - ON Semiconductor I2041AG-08TR Datasheet HTML 5Page - ON Semiconductor I2041AG-08TR Datasheet HTML 6Page - ON Semiconductor I2041AG-08TR Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
P2041A
http://onsemi.com
4
Table 4. DC ELECTRICAL CHARACTERISTICS
(Test condition: All parameters are measured at room temperature (+25°C) unless otherwise stated.)
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low Voltage
(For 3.3 V Supply Voltage)
VSS−0.3
0.8
V
(For 5 V Supply Voltage)
1.5
VIH
Input low Voltage
(For 3.3 V Supply Voltage)
2.0
VDD+0.3
V
(For 5 V Supply Voltage)
3.5
IIL
Input Low Current
(pull−up resistor on inputs SR0, SR1)
(For 3.3 V Supply Voltage)
−35
mA
(For 5 V Supply Voltage)
−100
IIH
Input High Current
(pull−down resistor on input SSON)
(For 3.3 V Supply Voltage)
35
mA
(For 5 V Supply Voltage)
100
IXOL
XOUT Output Low Current (VXOL @ 0.4 V, VDD = 3.3 V)
3
mA
IXOH
XOUT Output High Current (VXOH@ 2.5 V, VDD = 3.3 V)
3
mA
VOL
Output Low Voltage
(VDD = 3.3 V, IOL = 20 mA)
0.4
V
(VDD = 5 V, IOL = 20 mA)
0.5
VOH
Output High Voltage
(VDD = 3.3 V, IOH = 20 mA)
2.5
V
(VDD = 5 V, IOH = 20 mA)
4.5
IDD
Static Supply Current
1.0
mA
ICC
Dynamic Supply Current
3.3 V and 15 pF loading
22
mA
5 V and 15 pF loading
35
VDD
Operating Voltage
2.7
3.3
5.5
V
Table 5. AC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Min
Typ
Max
Unit
fIN
Input Frequency
25
40
60
MHz
tLH (Note 1)
Output rise time (Measured at 0.8 V to 2.0 V)
0.7
1.0
1.3
nS
tHL (Note 1)
Output fall time (Measured at 2.0 V to 0.8 V)
0.6
0.8
1.0
nS
tJC
Jitter (Cycle−to−cycle)
360
pS
tD
Output duty cycle
45
50
55
%
1. tLH and tHL are measured into a capacitive load of 15 pF.


Similar Part No. - I2041AG-08TR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
I2041AG-08TR PULSECORE-I2041AG-08TR Datasheet
183Kb / 8P
   Versatile EMI Reduction IC
More results

Similar Description - I2041AG-08TR

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
P2041A ALSC-P2041A Datasheet
285Kb / 9P
   Versatile EMI Reduction IC
logo
PulseCore Semiconductor
P2041A PULSECORE-P2041A Datasheet
183Kb / 8P
   Versatile EMI Reduction IC
logo
Alliance Semiconductor ...
ASM3P2183A ALSC-ASM3P2183A Datasheet
177Kb / 8P
   EMI Reduction IC
ASM3P2185A ALSC-ASM3P2185A Datasheet
388Kb / 7P
   EMI Reduction IC
ASM3P2185B ALSC-ASM3P2185B Datasheet
174Kb / 7P
   EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P2183A PULSECORE-ASM3P2183A Datasheet
189Kb / 8P
   EMI Reduction IC
logo
ON Semiconductor
ASM3P2183A ONSEMI-ASM3P2183A Datasheet
121Kb / 6P
   EMI Reduction IC
August, 2011 ??Rev. 3
PCS3P622Z05B ONSEMI-PCS3P622Z05B Datasheet
168Kb / 13P
   Peak EMI Reduction IC
August, 2011 ??Rev. P2
P3P622S01J ONSEMI-P3P622S01J Datasheet
135Kb / 6P
   Peak EMI Reduction IC
October, 2014 ??Rev. 2
PCS3P623Z05A ONSEMI-PCS3P623Z05A Datasheet
173Kb / 13P
   Peak EMI Reduction IC
August, 2011 ??Rev. P2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com