Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6116LA25SOGI8 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 6116LA25SOGI8
Description  High-speed access and chip select times
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

6116LA25SOGI8 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 6116LA25SOGI8 Datasheet HTML 3Page - Integrated Device Technology 6116LA25SOGI8 Datasheet HTML 4Page - Integrated Device Technology 6116LA25SOGI8 Datasheet HTML 5Page - Integrated Device Technology 6116LA25SOGI8 Datasheet HTML 6Page - Integrated Device Technology 6116LA25SOGI8 Datasheet HTML 7Page - Integrated Device Technology 6116LA25SOGI8 Datasheet HTML 8Page - Integrated Device Technology 6116LA25SOGI8 Datasheet HTML 9Page - Integrated Device Technology 6116LA25SOGI8 Datasheet HTML 10Page - Integrated Device Technology 6116LA25SOGI8 Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
6.42
IDT6116SA/LA
CMOS Static RAM 2K (16K x 8-Bit)
Military, Commercial, and Industrial Temperature Ranges
11
Datasheet Document History
01/07/00
Updatedtonewformat
Pg. 1, 3, 4, 10
AddedIndustrialTemperaturerangeofferings
Pg. 9, 10
Separatedorderinginformationintomilitary,commercial,andindustrialtemperaturerangeofferings
Pg. 11
AddedDatasheetDocumentHistory
08/09/00
Notrecommendedfornewdesigns
02/01/01
Removed "Not recommended for new designs"
12/30/03
Pg. 3,10
Corrected Industrial temp from -45C to -40C.
03/31/05
Pg. 10
Added"Restrictedhazardoussubstancedevice"toorderinginformation.
11/15/06
Pg. 3
Changed power limits for commercial and industrial on speed grades 25ns and 35ns.
Pg.4
Changed power limits for commercial and industrial on speed grade 45ns. Refer to
PCN SR-0602-02.
04/26/11
Pg.1,2,3,4,6,10
Updated "Restricted hazardous substance device" to "Green". Obsoleted 24-pin SOJ, 24-pin 600 mil
and 35ns, 45ns for Industrial & Commercial.
05/01/13
Pg. 1
Description paragraph 4, package information. Changed text to read "The IDT6116SA/LA is packaged
in 24-pin 300mil plastic DIP, 24-pin 600mil and 300mil ceramic DIP, or 24-lead gull-wing SOIC providing
high board-level packing densities". Removed IDT in reference to fabrication.
Pg. 3
Updated DC Elec Chars (VCC = 5.0V ± 10%) table by adding industrial to the Test Conditions.
UpdatedDCElecChars(VCC=5.0V±10%,VLC=0.2V,VHC+VCC-0.2V)tablebyremovingtheLApower
for the 15ns speed.
Pg. 10
Removedfootnote"*Availablein300milpackagingonly"fromtheMilitaryorderinginformation.
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
CORPORATE HEADQUARTERS
for SALES:
6024 Silver Creek Valley Road
800-345-7015 or
San Jose, CA 95138
408-284-8200
fax: 408-284-2775
www.idt.com
for Tech Support:
sramhelp@idt.com
408-284-4532


Similar Part No. - 6116LA25SOGI8

ManufacturerPart #DatasheetDescription
logo
3M Electronics
6116 3M-6116 Datasheet
19Kb / 4P
   3M Spray-Bond Adhesive
logo
Heyco.
6116 HEYCO-6116 Datasheet
192Kb / 1P
   Turn-2-Lock Cordset Contacts
logo
Tyco Electronics
6116075-1 MACOM-6116075-1 Datasheet
319Kb / 7P
   Single Port Modular Jacks
6116075-1 MACOM-6116075-1 Datasheet
323Kb / 7P
   Single Port Modular Jacks
6116151-1 MACOM-6116151-1 Datasheet
173Kb / 3P
   Stacked Modular Jacks
More results

Similar Description - 6116LA25SOGI8

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
PYX28HC64 PYRAMID-PYX28HC64 Datasheet
717Kb / 11P
   Access Times of 70, 90, and 120ns Software Data Protection
PYA28HC256 PYRAMID-PYA28HC256 Datasheet
798Kb / 15P
   Access Times of 70, 90 and 120ns Software Data Protection
PYA28C64B PYRAMID-PYA28C64B Datasheet
717Kb / 11P
   Access Times of 150, 200, 250 and 350ns Software Data Protection
logo
Micross Components
AS8SLC128K32 MICROSS-AS8SLC128K32 Datasheet
141Kb / 10P
   Fast Access Times of 10 to 25ns
logo
Pyramid Semiconductor C...
PYA28C256 PYRAMID-PYA28C256 Datasheet
796Kb / 14P
   Access Times of 150, 200, 250 and 350ns Software Data Protection
PYA28C010 PYRAMID-PYA28C010 Datasheet
904Kb / 15P
   Access Times of 120, 150, 200, and 250ns Single 5V짹10% Power Supply
PYA28C16 PYRAMID-PYA28C16 Datasheet
667Kb / 10P
   Access Times of 150, 200, 250 and 350ns Single 5V짹10% Power Supply
logo
Mitsubishi Electric Sem...
M65827FP MITSUBISHI-M65827FP Datasheet
215Kb / 52P
   10-TIMES SPEED CD-DSP
logo
Dialog Semiconductor
SLG7NT4779 DIALOG-SLG7NT4779 Datasheet
441Kb / 7P
   Clock Divider and Chip Select Extender
logo
Renesas Technology Corp
SLG7NT4779V RENESAS-SLG7NT4779V Datasheet
349Kb / 7P
   Clock Divider and Chip Select Extender
February 25, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com