Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71V12415YGI8 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 71V12415YGI8
Description  3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Center Power and Ground Pinout
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71V12415YGI8 Datasheet(HTML) 2 Page - Integrated Device Technology

  71V12415YGI8 Datasheet HTML 1Page - Integrated Device Technology 71V12415YGI8 Datasheet HTML 2Page - Integrated Device Technology 71V12415YGI8 Datasheet HTML 3Page - Integrated Device Technology 71V12415YGI8 Datasheet HTML 4Page - Integrated Device Technology 71V12415YGI8 Datasheet HTML 5Page - Integrated Device Technology 71V12415YGI8 Datasheet HTML 6Page - Integrated Device Technology 71V12415YGI8 Datasheet HTML 7Page - Integrated Device Technology 71V12415YGI8 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
IDT71V124SA, 3.3V CMOS Static RAM
1 Meg (128K x 8-Bit) Center Power & Ground Pinout
Commercial and Industrial Temperature Ranges
Truth Table(1)
Recommended DC Operating
Conditions
Absolute Maximum Ratings(1)
DC Electrical Characteristics
(VDD = Min. to Max., Commercial and Industrial Temperature Ranges)
Pin Configuration
SOJ and TSOP
Top View
Capacitance
(TA = +25°C, f = 1.0MHz, SOJ package)
5
6
7
8
9
10
11
12
A0
A1
A2
1
2
3
4
32
31
30
29
28
27
26
25
24
23
22
21
A15
A3
CS
I/O1
VDD
A14
OE
I/O7
I/O6
GND
I/O5
3873 drw 02
GND
13
20
14
19
15
18
16
A7
17
I/O2
I/O3
WE
A4
A5
A6
A12
A11
A10
A9
A8
SO32-2
SO32-3
SO32-4
I/O0
A16
A13
VDD
I/O4
.
NOTE:
1. StressesgreaterthanthoselistedunderABSOLUTEMAXIMUMRATINGSmaycause
permanentdamagetothedevice.Thisisastressratingonlyandfunctionaloperation
ofthedeviceattheseoranyotherconditionsabovethoseindicatedintheoperational
sections of this specification is not implied. Exposure to absolute maximum rating
conditionsforextendedperiodsmayaffectreliabilty.
Symbol
Rating
Value
Unit
VDD
Supply Voltage Relative
to GND
-0.5 to +4.6
V
VIN, VOUT
Terminal Voltage Relative
to GND
-0.5 to VDD+0.5
V
TA
Commercial
Operating Temperature
-0 to +70
o
C
Industrial
Operating Temperature
-40 to +85
TBIAS
Temperature Under Bias
-55 to +125
o
C
TSTG
Storage Temperature
-55 to +125
o
C
PT
Power Dissipation
1.25
W
IOUT
DC Output Current
50
mA
3873 tbl 02
NOTE:
1. H = VIH, L = VIL, X = Don't care.
CS
OE
WE
I/O
Function
LL
H
DATAOUT Read Data
LX
L
DATAIN
Write Data
L
H
H
High-Z
Output Disabled
H
X
X
High-Z
Deselected – Standby
3873 tbl 01
NOTE:
1. Thisparameterisguaranteedbydevicecharacterization,butisnotproductiontested.
Symbol
Parameter(1)
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
6
pF
CI/O
I/O Capacitance
VOUT = 3dV
7
pF
3873 tbl 03
NOTES:
1. For 71V124SA10 only.
2. For all speed grades except 71V124SA10.
3. VIH (max.) = VDD+2V for pulse width less than 5ns, once per cycle.
4. VIL (min.) = –2V for pulse width less than 5ns, once per cycle.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD(1)
Supply Voltage
3.15
3.3
3.6
V
VDD(2)
Supply Voltage
3.0
3.3
3.6
V
VSS
Ground
0
0
0
V
VIH
Input High Voltage
2.0
____
VDD+0.3(3)
V
VIL
Input Low Voltage
–0.5(1)
____
0.8
V
3873 tbl 04
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
|ILI|
Input Leakage Current
VDD = Max., VIN = GND to VDD
___
5µA
|ILO|
Output Leakage Current
VDD = Max.,CS = VIH, VOUT = GND to VDD
___
5µA
VOL
Output Low Voltage
IOL = 8mA, VDD = Min.
___
0.4
V
VOH
Output High Voltage
IOH = –4mA, VDD = Min.
2.4
___
V
3873 tbl 05
Recommended Operating Tempera-
ture and Supply Voltage
Grade
Temperature
GND
VDD
Commercial
0°C to +70°C
0V
See Below
Industrial
-40°C to +85°C
0V
See Below
3873 tbl 02a


Similar Part No. - 71V12415YGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
71V124SA RENESAS-71V124SA Datasheet
192Kb / 9P
   3.3V CMOS Static RAM1 Meg (128K x 8-Bit) Center Power & Ground Pinout
Jun.30.20
71V124SA10PHG RENESAS-71V124SA10PHG Datasheet
192Kb / 9P
   3.3V CMOS Static RAM1 Meg (128K x 8-Bit) Center Power & Ground Pinout
Jun.30.20
71V124SA10PHG8 RENESAS-71V124SA10PHG8 Datasheet
192Kb / 9P
   3.3V CMOS Static RAM1 Meg (128K x 8-Bit) Center Power & Ground Pinout
Jun.30.20
71V124SA10PHGI RENESAS-71V124SA10PHGI Datasheet
192Kb / 9P
   3.3V CMOS Static RAM1 Meg (128K x 8-Bit) Center Power & Ground Pinout
Jun.30.20
71V124SA10PHGI8 RENESAS-71V124SA10PHGI8 Datasheet
192Kb / 9P
   3.3V CMOS Static RAM1 Meg (128K x 8-Bit) Center Power & Ground Pinout
Jun.30.20
More results

Similar Description - 71V12415YGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V124SA IDT-IDT71V124SA Datasheet
81Kb / 8P
   3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Center Power & Ground Pinout
logo
Renesas Technology Corp
71V124SA RENESAS-71V124SA Datasheet
192Kb / 9P
   3.3V CMOS Static RAM1 Meg (128K x 8-Bit) Center Power & Ground Pinout
Jun.30.20
logo
Integrated Device Techn...
IDT71V124 IDT-IDT71V124 Datasheet
66Kb / 8P
   3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
logo
Renesas Technology Corp
71124 RENESAS-71124 Datasheet
188Kb / 9P
   CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
Feb.27.20
logo
Integrated Device Techn...
IDT71124 IDT-IDT71124 Datasheet
83Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
logo
Renesas Technology Corp
71024S RENESAS-71024S Datasheet
312Kb / 9P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
Mar. 30.21
logo
Integrated Device Techn...
IDT71024 IDT-IDT71024 Datasheet
68Kb / 8P
   CMOS STATIC RAM 1 MEG (128K x 8-BIT)
71024S15YI IDT-71024S15YI Datasheet
254Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
logo
List of Unclassifed Man...
IDT71024S15YGI ETC2-IDT71024S15YGI Datasheet
254Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
logo
Integrated Device Techn...
IDT71024S70 IDT-IDT71024S70 Datasheet
58Kb / 7P
   CMOS STATIC RAM 1 MEG (128K x 8-BIT)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com