Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71V12415TYGI8 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 71V12415TYGI8
Description  3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Center Power and Ground Pinout
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71V12415TYGI8 Datasheet(HTML) 5 Page - Integrated Device Technology

  71V12415TYGI8 Datasheet HTML 1Page - Integrated Device Technology 71V12415TYGI8 Datasheet HTML 2Page - Integrated Device Technology 71V12415TYGI8 Datasheet HTML 3Page - Integrated Device Technology 71V12415TYGI8 Datasheet HTML 4Page - Integrated Device Technology 71V12415TYGI8 Datasheet HTML 5Page - Integrated Device Technology 71V12415TYGI8 Datasheet HTML 6Page - Integrated Device Technology 71V12415TYGI8 Datasheet HTML 7Page - Integrated Device Technology 71V12415TYGI8 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
6.42
IDT71V124SA, 3.3V CMOS Static RAM
1 Meg (128K x 8-Bit) Center Power & Ground Pinout
Commercial and Industrial Temperature Ranges
5
NOTES:
1. WE is HIGH for Read Cycle.
2. Device is continuously selected, CS is LOW.
3. Address must be valid prior to or coincident with the later of CS transition LOW; otherwise tAA is the limiting parameter.
4. OE is LOW.
5. Transition is measured ±200mV from steady state.
Timing Waveform of Read Cycle No. 1(1)
Timing Waveform of Read Cycle No. 2(1, 2, 4)
ADDRESS
3873 drw 05
OE
CS
DATAOUT
(5)
(5)
(5)
(5)
DATAOUT VALID
HIGH IMPEDANCE
tAA
tRC
tOE
tACS
tOLZ
tCHZ
tCLZ
(3)
tOHZ
.
DATAOUT
ADDRESS
3873 drw 06
tRC
tAA
tOH
tOH
DATAOUT VALID
PREVIOUS DATAOUT VALID
.


Similar Part No. - 71V12415TYGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
71V124SA RENESAS-71V124SA Datasheet
192Kb / 9P
   3.3V CMOS Static RAM1 Meg (128K x 8-Bit) Center Power & Ground Pinout
Jun.30.20
71V124SA10PHG RENESAS-71V124SA10PHG Datasheet
192Kb / 9P
   3.3V CMOS Static RAM1 Meg (128K x 8-Bit) Center Power & Ground Pinout
Jun.30.20
71V124SA10PHG8 RENESAS-71V124SA10PHG8 Datasheet
192Kb / 9P
   3.3V CMOS Static RAM1 Meg (128K x 8-Bit) Center Power & Ground Pinout
Jun.30.20
71V124SA10PHGI RENESAS-71V124SA10PHGI Datasheet
192Kb / 9P
   3.3V CMOS Static RAM1 Meg (128K x 8-Bit) Center Power & Ground Pinout
Jun.30.20
71V124SA10PHGI8 RENESAS-71V124SA10PHGI8 Datasheet
192Kb / 9P
   3.3V CMOS Static RAM1 Meg (128K x 8-Bit) Center Power & Ground Pinout
Jun.30.20
More results

Similar Description - 71V12415TYGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V124SA IDT-IDT71V124SA Datasheet
81Kb / 8P
   3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Center Power & Ground Pinout
logo
Renesas Technology Corp
71V124SA RENESAS-71V124SA Datasheet
192Kb / 9P
   3.3V CMOS Static RAM1 Meg (128K x 8-Bit) Center Power & Ground Pinout
Jun.30.20
logo
Integrated Device Techn...
IDT71V124 IDT-IDT71V124 Datasheet
66Kb / 8P
   3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
logo
Renesas Technology Corp
71124 RENESAS-71124 Datasheet
188Kb / 9P
   CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
Feb.27.20
logo
Integrated Device Techn...
IDT71124 IDT-IDT71124 Datasheet
83Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
logo
Renesas Technology Corp
71024S RENESAS-71024S Datasheet
312Kb / 9P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
Mar. 30.21
logo
Integrated Device Techn...
IDT71024 IDT-IDT71024 Datasheet
68Kb / 8P
   CMOS STATIC RAM 1 MEG (128K x 8-BIT)
71024S15YI IDT-71024S15YI Datasheet
254Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
logo
List of Unclassifed Man...
IDT71024S15YGI ETC2-IDT71024S15YGI Datasheet
254Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
logo
Integrated Device Techn...
IDT71024S70 IDT-IDT71024S70 Datasheet
58Kb / 7P
   CMOS STATIC RAM 1 MEG (128K x 8-BIT)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com