Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54ABT377W-QML Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ABT377W-QML
Description  Octal D-Type Flip-Flop with Clock Enable
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ABT377W-QML Datasheet(HTML) 4 Page - National Semiconductor (TI)

  54ABT377W-QML Datasheet HTML 1Page - National Semiconductor (TI) 54ABT377W-QML Datasheet HTML 2Page - National Semiconductor (TI) 54ABT377W-QML Datasheet HTML 3Page - National Semiconductor (TI) 54ABT377W-QML Datasheet HTML 4Page - National Semiconductor (TI) 54ABT377W-QML Datasheet HTML 5Page - National Semiconductor (TI) 54ABT377W-QML Datasheet HTML 6Page - National Semiconductor (TI) 54ABT377W-QML Datasheet HTML 7Page - National Semiconductor (TI) 54ABT377W-QML Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AC Electrical Characteristics
Symbol
Parameter
54ABT
Units
T
A = −55˚C to +125˚C
V
CC = 4.5V to 5.5V
C
L = 50 pF
Min
Max
f
max
Max Clock
150
MHz
Frequency
t
PLH
Propagation Delay
2.2
6.0
ns
t
PHL
CP to O
n
2.8
6.8
AC Operating Requirements
54ABT
T
A = −55˚C to +125˚C
Symbol
Parameter
V
CC = 4.5V to 5.5V
Units
C
L = 50 pF
Min
Max
t
s(H)
Setup Time, HIGH
2.0
ns
t
s(L)
or LOW D
n to CP
2.0
t
h(H)
Hold Time, HIGH
1.8
ns
t
h(L)
or LOW D
n to CP
1.8
t
s(H)
Setup Time, HIGH
3.0
ns
t
s(L)
or LOW CE to CP
3.0
t
h(H)
Hold Time, HIGH
1.0
ns
t
h(L)
or LOW CE to CP
1.0
t
w(H)
Pulse Width, CP,
3.3
ns
t
w(L)
HIGH or LOW
3.3
Capacitance
Symbol
Parameter
Typ
Units
Conditions
C
IN
Input Capacitance
5
pF
V
CC = 0V, TA = 25˚C
C
OUT (Note 5)
Output Capacitance
9
pF
V
CC = 5.0V
Note 5: COUT is measured at frequency f = 1 MHz, per MIL-STD-883B, Method 3012.
www.national.com
4


Similar Part No. - 54ABT377W-QML

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT373 NSC-54ABT373 Datasheet
357Kb / 14P
   Octal Transparent Latch with TRI-STATE Outputs
54ABT373 NSC-54ABT373 Datasheet
333Kb / 16P
   Octal Transparent Latch with TRI-STATE Outputs
54ABT373CDCQB NSC-54ABT373CDCQB Datasheet
333Kb / 16P
   Octal Transparent Latch with TRI-STATE Outputs
54ABT373CDCX NSC-54ABT373CDCX Datasheet
333Kb / 16P
   Octal Transparent Latch with TRI-STATE Outputs
54ABT373CDMQB NSC-54ABT373CDMQB Datasheet
333Kb / 16P
   Octal Transparent Latch with TRI-STATE Outputs
More results

Similar Description - 54ABT377W-QML

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC377 FAIRCHILD-74AC377_08 Datasheet
426Kb / 13P
   Octal D-Type Flip-Flop with Clock Enable
logo
Texas Instruments
SN74F377A TI1-SN74F377A_16 Datasheet
813Kb / 13P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
74ACT11377 TI1-74ACT11377_10 Datasheet
87Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
SN74F377A TI-SN74F377A Datasheet
69Kb / 5P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
logo
National Semiconductor ...
54FCT377 NSC-54FCT377 Datasheet
151Kb / 8P
   Octal D-Type Flip-Flop with Clock Enable
logo
Fairchild Semiconductor
74F377 FAIRCHILD-74F377_00 Datasheet
75Kb / 7P
   Octal D-Type Flip-Flop with Clock Enable
logo
Texas Instruments
74ACT11377 TI-74ACT11377 Datasheet
71Kb / 5P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
logo
Fairchild Semiconductor
74AC377 FAIRCHILD-74AC377 Datasheet
113Kb / 9P
   Octal D-Type Flip-Flop with Clock Enable
74F377 FAIRCHILD-74F377 Datasheet
62Kb / 6P
   Octal D-Type Flip-Flop with Clock Enable
74ABT377 FAIRCHILD-74ABT377 Datasheet
101Kb / 9P
   Octal D-Type Flip-Flop with Clock Enable
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com