Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z89C00 Datasheet(PDF) 9 Page - Zilog, Inc.

Part # Z89C00
Description  16-BIT DIGITAL SIGNAL PROCESSOR
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89C00 Datasheet(HTML) 9 Page - Zilog, Inc.

Back Button Z89C00 Datasheet HTML 5Page - Zilog, Inc. Z89C00 Datasheet HTML 6Page - Zilog, Inc. Z89C00 Datasheet HTML 7Page - Zilog, Inc. Z89C00 Datasheet HTML 8Page - Zilog, Inc. Z89C00 Datasheet HTML 9Page - Zilog, Inc. Z89C00 Datasheet HTML 10Page - Zilog, Inc. Z89C00 Datasheet HTML 11Page - Zilog, Inc. Z89C00 Datasheet HTML 12Page - Zilog, Inc. Z89C00 Datasheet HTML 13Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Z89C00
16-BIT DIGITAL SIGNAL PROCESSOR
PRELIMINARY
DC 4083-00
9
ZILOG
S15-S12 are set/reset by the ALU after an operation.
S11-S10 are set/reset by the user inputs. S6-S0 are control
bits described elsewhere. S7 enables interrupts. S8, if 0
(reset), allows the hardware to overflow. If S8 is set, the
hardware clamps at maximum positive or negative values
instead of overflowing. If S9 is set and a multiply instruction
is used, the shifter shifts the result three bits right with sign
extension.
PC is the Program Counter. When this register is assigned
as a destination register, one NOP machine cycle is added
automatically to adjust the pipeline timing.
Figure 4. RAM, ROM, and Pointer Architecture
1.
Register Indirect
Pn:b n = 0-2, b = 0-1
The most commonly used method is a register indirect
addressing method, where the RAM address is
specified by one of the three RAM address pointers (n)
for each bank (b). Each source/destination field in
Figures 5 and 8 may be used by an indirect instruction
to specify a register pointer and its modification after
execution of the instruction.
RAM Pointers
P0:0
P1:0
P2:0
%37
RAM0
256 x 16-Bit
@P1:0
%0321
%00
RAM1
256 x 16-Bit
%0321
%00
Internal ROM
4K x 16-Bit
%1234
%0000
%1000
%0321
@@P1:0
@D0:1
RAM Pointers
P0:1
P1:1
P2:1
D0:0
%0321
D1:0
D2:0
D3:0
D0:1
D1:1
D2:1
D3:1
Data Pointers
%37
%04
S4 / S3 = 01
The following Instructions load
%1234 into the Accumulator:
LD A,@@P1:0
LD A,@D0:1
%FF
%FF
D3
D2
D1
D0
D8
bn1
n0
RAM Pointer Register
Operation
RAM Bank
Figure 5. Indirect Register
RAM ADDRESSING
The address of the RAM is specified in one of three ways (Figure 4):


Similar Part No. - Z89C00

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z89C6501ZEM ZILOG-Z89C6501ZEM Datasheet
34Kb / 6P
   ICEBOX FAMILY Z8 IN-CIRCUIT EMULATOR -C65
Z89C6700ZEM ZILOG-Z89C6700ZEM Datasheet
36Kb / 6P
   Z8 GUI Emulator Software
More results

Similar Description - Z89C00

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
56F8357 MOTOROLA-56F8357 Datasheet
1Mb / 160P
   16-bit Digital Signal Processor
logo
Freescale Semiconductor...
DSP56603 FREESCALE-DSP56603 Datasheet
247Kb / 4P
   16-BIT DIGITAL SIGNAL PROCESSOR
logo
Motorola, Inc
DSP56F801 MOTOROLA-DSP56F801 Datasheet
343Kb / 40P
   16-bit Digital Signal Processor
DSP56156 MOTOROLA-DSP56156 Datasheet
1,020Kb / 76P
   16-bit Digital Signal Processor
logo
Zilog, Inc.
Z89390 ZILOG-Z89390 Datasheet
74Kb / 11P
   16-BIT DIGITAL SIGNAL PROCESSOR
logo
Motorola, Inc
DSP56F802 MOTOROLA-DSP56F802 Datasheet
386Kb / 32P
   DSP56F802 16-bit Digital Signal Processor
DSP56852 MOTOROLA-DSP56852 Datasheet
1,004Kb / 44P
   DSP56852 16-bit Digital Signal Processor
DSP56824DS MOTOROLA-DSP56824DS Datasheet
1Mb / 62P
   DSP56824 16-Bit Digital Signal Processor
logo
Zilog, Inc.
Z89320 ZILOG-Z89320 Datasheet
77Kb / 7P
   16-BIT DSP DIGITAL SIGNAL PROCESSOR
logo
NXP Semiconductors
DSP56824 NXP-DSP56824 Datasheet
1Mb / 62P
   DSP56824 16-Bit Digital Signal Processor
Rev. 2.0, 01/2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com