Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF256H Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LF256H
Description  JFET Input Operational Amplifiers
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LF256H Datasheet(HTML) 1 Page - Texas Instruments

  LF256H Datasheet HTML 1Page - Texas Instruments LF256H Datasheet HTML 2Page - Texas Instruments LF256H Datasheet HTML 3Page - Texas Instruments LF256H Datasheet HTML 4Page - Texas Instruments LF256H Datasheet HTML 5Page - Texas Instruments LF256H Datasheet HTML 6Page - Texas Instruments LF256H Datasheet HTML 7Page - Texas Instruments LF256H Datasheet HTML 8Page - Texas Instruments LF256H Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LF155, LF156, LF256, LF257
LF355, LF356, LF357
SNOSBH0D – MAY 2000 – REVISED NOVEMBER 2015
LFx5x JFET Input Operational Amplifiers
1 Features
2 Applications
1
Advantages
Precision High-Speed Integrators
Fast D/A and A/D Converters
Replace Expensive Hybrid and Module FET
Op Amps
High Impedance Buffers
Rugged JFETs Allow Blow-Out Free Handling
Wideband, Low Noise, Low Drift Amplifiers
Compared With MOSFET Input Devices
Logarithmic Amplifiers
Excellent for Low Noise Applications Using
Photocell Amplifiers
Either High or Low Source Impedance—Very
Sample and Hold Circuits
Low 1/f Corner
Offset Adjust Does Not Degrade Drift or
3 Description
Common-Mode Rejection as in Most
The LFx5x devices are the first monolithic JFET input
Monolithic Amplifiers
operational amplifiers to incorporate well-matched,
New Output Stage Allows Use of Large
high-voltage JFETs on the same chip with standard
bipolar transistors (BI-FET™ Technology). These
Capacitive Loads (5,000 pF) Without Stability
amplifiers
feature
low
input
bias
and
offset
Problems
currents/low offset voltage and offset voltage drift,
Internal Compensation and Large Differential
coupled with offset adjust, which does not degrade
Input Voltage Capability
drift or common-mode rejection. The devices are also
Common Features
designed
for
high
slew
rate,
wide
bandwidth,
extremely fast settling time, low voltage and current
Low Input Bias Current: 30 pA
noise and a low 1/f noise corner.
Low Input Offset Current: 3 pA
High Input Impedance: 1012
Ω
Device Information(1)
Low Input Noise Current: 0.01 pA/
√Hz
PART NUMBER
PACKAGE
BODY SIZE (NOM)
High Common-Mode Rejection Ratio: 100 dB
SOIC (8)
4.90 mm × 3.91 mm
LFx5x
TO-CAN (8)
9.08 mm × 9.08 mm
Large DC Voltage Gain: 106 dB
PDIP (8)
9.81 mm × 6.35 mm
Uncommon Features
(1) For all available packages, see the orderable addendum at
Extremely Fast Settling Time to 0.01%:
the end of the data sheet.
4
μs for the LFx55 devices
1.5
μs for the LFx56
Simplified Schematic
1.5
μs for the LFx57 (AV = 5)
Fast Slew Rate:
5 V/µs for the LFx55
12 V/µs for the LFx56
50 V/µs for the LFx57 (AV = 5)
Wide Gain Bandwidth:
2.5 MHz for the LFx55 devices
5 MHz for the LFx56
20 MHz for the LFx57 (AV = 5)
Low Input Noise Voltage:
20 nV/
√Hz for the LFx55
3 pF in LF357 series
12 nV/
√Hz for the LFx56
12 nV/
√Hz for the LFx57 (AV = 5)
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LF256H

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF256H NSC-LF256H Datasheet
1Mb / 23P
   JFET Input Operational Amplifiers
LF256H NSC-LF256H Datasheet
543Kb / 15P
   Series Monolithic JFET Input Operational Amplifiers
logo
Texas Instruments
LF256H TI-LF256H Datasheet
2Mb / 32P
[Old version datasheet]   LF155/LF156/LF256/LF257/LF355/LF356/LF357 JFET Input Operational Amplifiers
LF256H TI-LF256H Datasheet
2Mb / 32P
[Old version datasheet]   JFET Input Operational Amplifiers
LF256H TI1-LF256H Datasheet
2Mb / 43P
[Old version datasheet]   JFET Input Operational Amplifiers
More results

Similar Description - LF256H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL080 TI-TL080 Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN_13 Datasheet
1Mb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF155 TI1-LF155_16 Datasheet
2Mb / 43P
[Old version datasheet]   JFET Input Operational Amplifiers
TL081 TI1-TL081 Datasheet
2Mb / 50P
[Old version datasheet]   JFET-Input Operational Amplifiers
TL091 TI-TL091 Datasheet
610Kb / 8P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN Datasheet
998Kb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF256H TI-LF256H Datasheet
2Mb / 32P
[Old version datasheet]   JFET Input Operational Amplifiers
logo
Motorola, Inc
TL081C MOTOROLA-TL081C Datasheet
169Kb / 8P
   JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL081_101 TI-TL081_101 Datasheet
998Kb / 38P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35001 MOTOROLA-MC35001 Datasheet
389Kb / 7P
   JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com