Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF412MH Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LF412MH
Description  Low Drift Dual JFET Input Operational Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LF412MH Datasheet(HTML) 2 Page - Texas Instruments

  LF412MH Datasheet HTML 1Page - Texas Instruments LF412MH Datasheet HTML 2Page - Texas Instruments LF412MH Datasheet HTML 3Page - Texas Instruments LF412MH Datasheet HTML 4Page - Texas Instruments LF412MH Datasheet HTML 5Page - Texas Instruments LF412MH Datasheet HTML 6Page - Texas Instruments LF412MH Datasheet HTML 7Page - Texas Instruments LF412MH Datasheet HTML 8Page - Texas Instruments LF412MH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LF412-N
SNOSBH7F – APRIL 1999 – REVISED SEPTEMBER 2014
www.ti.com
Table of Contents
7.2
Functional Block Diagram ....................................... 12
1
Features .................................................................. 1
7.3
Feature Description................................................. 12
2
Applications ........................................................... 1
7.4
Device Functional Modes........................................ 13
3
Description ............................................................. 1
8
Application and Implementation ........................ 14
4
Revision History..................................................... 2
8.1
Application Information............................................ 14
5
Pin Configuration and Functions ......................... 2
8.2
Typical Application ................................................. 14
6
Specifications......................................................... 4
9
Power Supply Recommendations ...................... 16
6.1
Absolute Maximum Ratings ...................................... 4
10
Layout................................................................... 16
6.2
Handling Ratings....................................................... 4
10.1
Layout Guidelines ................................................. 16
6.3
Recommended Operating Conditions ....................... 4
10.2
Layout Example .................................................... 16
6.4
Thermal Information .................................................. 5
11
Device and Documentation Support ................. 17
6.5
DC Electrical Characteristics ................................... 5
11.1
Trademarks ........................................................... 17
6.6
AC Electrical Characteristics..................................... 5
11.2
Electrostatic Discharge Caution ............................ 17
6.7
Typical Characteristics .............................................. 7
11.3
Glossary ................................................................ 17
7
Detailed Description ............................................ 12
12
Mechanical, Packaging, and Orderable
7.1
Overview ................................................................. 12
Information ........................................................... 17
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision E (March 2014) to Revision F
Page
Updated datasheet to new TI layout ...................................................................................................................................... 1
Deleted note. ......................................................................................................................................................................... 5
Deleted
ΔVOS/ΔT Max specification for LF412A. ................................................................................................................... 5
Deleted
ΔVOS/ΔT Max specification for LF412. ..................................................................................................................... 5
Added Application Note ........................................................................................................................................................ 14
Changes from Revision D (March 2013) to Revision E
Page
Changed layout of National Data Sheet to TI format ........................................................................................................... 14
5 Pin Configuration and Functions
TO Package
See Package Number NEV0008A
Top View
2
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: LF412-N


Similar Part No. - LF412MH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF412MH NSC-LF412MH Datasheet
565Kb / 13P
   Low Offset, Low Drift Dual JFET Input Operational Amplifier
logo
Texas Instruments
LF412MH TI1-LF412MH Datasheet
1Mb / 16P
[Old version datasheet]   LF412 Low Offset, Low Drift Dual JFET Input Operational Amplifier
LF412MH TI1-LF412MH Datasheet
1Mb / 18P
[Old version datasheet]   LF412QML Low Offset, Low Drift Dual JFET Input Operational Amplifier
LF412MH TI1-LF412MH Datasheet
3Mb / 22P
[Old version datasheet]   Low Offset, Low Drift Dual JFET Input Operational Amplifier
logo
National Semiconductor ...
LF412MH/883 NSC-LF412MH/883 Datasheet
565Kb / 13P
   Low Offset, Low Drift Dual JFET Input Operational Amplifier
More results

Similar Description - LF412MH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LF412JAN TI1-LF412JAN_13 Datasheet
3Mb / 17P
[Old version datasheet]   Low Drift Dual JFET Input Operational Amplifier
logo
National Semiconductor ...
LF412 NSC-LF412 Datasheet
565Kb / 13P
   Low Offset, Low Drift Dual JFET Input Operational Amplifier
logo
New Japan Radio
NJM2749 NJRC-NJM2749 Datasheet
606Kb / 12P
   Low Offset, Low Drift Dual JFET Input Operational Amplifier
Ver.2017-07-31
logo
Texas Instruments
LF412-N-MIL TI1-LF412-N-MIL Datasheet
3Mb / 22P
[Old version datasheet]   Low Offset, Low Drift Dual JFET Input Operational Amplifier
LF412-N TI-LF412-N Datasheet
3Mb / 17P
[Old version datasheet]   LF412 Low Offset, Low Drift Dual JFET Input Operational Amplifier
LF412JAN TI1-LF412JAN Datasheet
1Mb / 16P
[Old version datasheet]   LF412JAN Low Offset, Low Drift Dual JFET Input Operational Amplifier
LF412QML TI1-LF412QML Datasheet
1Mb / 18P
[Old version datasheet]   LF412QML Low Offset, Low Drift Dual JFET Input Operational Amplifier
LF412 TI1-LF412 Datasheet
1Mb / 16P
[Old version datasheet]   LF412 Low Offset, Low Drift Dual JFET Input Operational Amplifier
LF411JAN TI1-LF411JAN_16 Datasheet
1Mb / 18P
[Old version datasheet]   Low Offset, Low Drift JFET Input Operational Amplifier
VLF411QML-SP TI1-VLF411QML-SP Datasheet
1Mb / 19P
[Old version datasheet]   Low Offset, Low Drift JFET Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com