Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8C520 Datasheet(PDF) 1 Page - Zilog, Inc.

Part # Z8C520
Description  1.5 MBPS USB Device Controller
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8C520 Datasheet(HTML) 1 Page - Zilog, Inc.

  Z8C520 Datasheet HTML 1Page - Zilog, Inc. Z8C520 Datasheet HTML 2Page - Zilog, Inc. Z8C520 Datasheet HTML 3Page - Zilog, Inc. Z8C520 Datasheet HTML 4Page - Zilog, Inc. Z8C520 Datasheet HTML 5Page - Zilog, Inc. Z8C520 Datasheet HTML 6Page - Zilog, Inc. Z8C520 Datasheet HTML 7Page - Zilog, Inc. Z8C520 Datasheet HTML 8Page - Zilog, Inc. Z8C520 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
DS97KEY2005
P R E L I M I N A R Y
1
PRELIMINARY PRODUCT SPECIFICATION
Z8E520/C520
1
1.5 MBPS USB LOW-POWER
DEVICE CONTROLLER FOR
MULTIPROTOCOL POINTING DEVICES
FEATURES
s
Six Vectored Interrupts with Fixed Priority
s
Processor Speed Dividable by Firmware Control
s
Operating Current: 5 mA typical in USB Mode; 2.5 mA
typical in Serial Mode (@ 3 MHz); 5 mA typical in PS/2
Mode
s
16 Total Input/Output Pins (Open-Drain/Push-Pull)
Configurable
s
6 inputs with 3 level Programmable Reference
Comparators
s
16-Bit Programmable Watch-Dog Timer (WDT) with
Internal RC Oscillator
s
Software Programmable Timers Configurable as:
Two 8-Bit Standard Timers and One 16-Bit
Standard Timer or
One 16-Bit Standard Timer and One 16-Bit Pulse
Width Modulator (PWM) Timer
s
Identical Masked ROM Version (Z8C520)
s
On-Chip Oscillator that accepts a Ceramic Resonator or
External Clock
s
Hardware Support for PS/2, Serial, USB, and General-
Purpose I/O (GPIO)
s
Power Reduction Modes:
STOP Mode (functionality shut down except SMR)
HALT Mode (XTAL still running-peripherals active)
s
USB SIE Compliant with USB Spec 1.0
s
4.0 VDC to 6.0 VDC Operating Range @ 0
°C to +70°C
GENERAL DESCRIPTION
Zilog’s Z8E520 (OTP) and Z8C520 (Masked ROM) micro-
controllers are low-power Z8Plus MCUs, designed for the
cost-effective implementation of USB and multiprotocol
pointing devices.
For applications demanding powerful I/O capabilities, the
Z8E520's input and output lines are grouped into two ports,
and are configurable under software control to provide tim-
ing, status signals, or parallel I/O.
Both 8-bit and 16-bit timers, with a large number of user se-
lectable modes, off-load the system of administering real-
time tasks such as counting/timing and I/O data communi-
cations.
The microcontroller clock frequency is derived from the
system clock by a programmable divider under firmware
control.
The device is capable of functioning in four distinct, select-
able communications modes: PS/2, RS232, GPIO (Gener-
al-purpose I/O), and USB. The communications mode de-
termines the functionality of the two special serial
communications pins (PB6 and PB7). The device is placed
in the required mode when firmware sets the specified
mode bit in the communications control register. The firm-
ware interface is similar in all modes. The same buffer area
in RAM will accept the data to be transmitted. Up to 8 bytes
may be loaded, and the data will actually be transmitted as
soon as the appropriate command is issued (setting In
Packet Ready in USB mode, for example).
Part
ROM
RAM
Speed
Number
(KB)
(Bytes)
(MHz)
Z8E520 (OTP)
6
176
12
Z8C520 (ROM)
6
176
12


Similar Description - Z8C520

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C63413C CYPRESS-CY7C63413C Datasheet
1Mb / 32P
   Low-Speed High I/O, 1.5-Mbps USB Controller
logo
OKI electronic componet...
ML60851C OKI-ML60851C Datasheet
413Kb / 67P
   USB Device Controller
logo
Mitsubishi Electric Sem...
M66290AGP MITSUBISHI-M66290AGP Datasheet
435Kb / 53P
   USB DEVICE CONTROLLER
logo
Renesas Technology Corp
M66290AGP RENESAS-M66290AGP Datasheet
451Kb / 54P
   USB DEVICE CONTROLLER
logo
List of Unclassifed Man...
PL-2351 ETC-PL-2351 Datasheet
31Kb / 1P
   USB Device Controller
logo
OKI electronic componet...
ML60851A OKI-ML60851A Datasheet
325Kb / 45P
   USB Device Controller
ML60851E OKI-ML60851E Datasheet
358Kb / 84P
   USB Device Controller
ML60851D OKI-ML60851D Datasheet
705Kb / 82P
   USB Device Controller
ML60852A OKI-ML60852A Datasheet
335Kb / 81P
   USB Device Controller
ML60852 OKI-ML60852 Datasheet
451Kb / 81P
   USB Device Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com