Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSB-H81H Datasheet(PDF) 2 Page - AAEON Technology

Part # FSB-H81H
Description  dual-channel ddr3/l dimm socket
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

FSB-H81H Datasheet(HTML) 2 Page - AAEON Technology

  FSB-H81H Datasheet HTML 1Page - AAEON Technology FSB-H81H Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
13-2
www.aaeon.com
Note: All specifications are subject to change without notice.
Block Diagram
Dimension Unit: mm
FSB-H81H
Passive Backplane Options
Ordering Information
Part Number
CPU
RAM
Fan/Fanless Display
Storage
LVDS
LAN
USB
RS-232
RS-232/422/485
Expansion Slot
Power
Temp.
FSB-H81H-A10-V
Socket
DIMM
Fan
VGA
SATA 6.0 Gb/s x 2 + SATA 3.0 Gb/s x 2
(Backplane x 2)
GbE x 2
USB3.0 x 2
USB2.0 x 6
4
2
PICMG 1.3
ATX
0°C ~ 60°C
FSB-H81H-A10-D
Socket
DIMM
Fan
DVI
SATA 6.0 Gb/s x 2 + SATA 3.0 Gb/s x 2
(Backplane x 2)
GbE x 2
USB3.0 x 2
USB2.0 x 6
4
2
PICMG 1.3
ATX
0°C ~ 60°C
P/N
Description
Master Interface
Slots
Power Connector, ATX Extend Function
TF-BP-214SH-P3E2I6
Rackmount, PICMG 1.3, 14-Slot, Backplane, 3 PCI, 1 PCI-E[x16], 1 PCI-E[x4], 6 ISA, Single Segment, ATX
PICMG 1.3
3/2/6/2 (PCI/PCI-E/ISA/PICMG 1.3)
ATX
BP-214SH-P8E4-A11
Rackmount, PICMG 1.3, 14-Slot, Backplane, 8 PCI, 1 PCI-E[x16], 4 PCI-E[x4],, Single Segment, ATX
PICMG 1.3
8/4/1 (PCI/PCI-E/PICMG1.3)
ATX
TF-BP-208RH-P4E3
Rackmount, PICMG 1.3, 8-Slot, Backplane, 4 PCI, 2 PCI-E[x1], 1 PCI-E[x16], Single Segment, ATX
PICMG 1.3
4/2/1 (PCI/PCI-E/PICMG1.3)
ATX
BP-208SH-P3E4
Wallmount, PICMG 1.3, 8-Slot, Backplane, 3 PCI, 4 PCI-E, Single Segment, ATX
PICMG 1.3
3/4/1 (PCI/PCI-E/PICMG1.3)
ATX
TF-BP-206VH-P4
Rackmount, PICMG 1.3, 6-slot Backplane, 4 PCI, Single Segment, ATX
PICMG 1.3
4/1 (PCI/ PICMG 1.3)
ATX
TF-BP-206VH-E4
Rackmount, PICMG 1.3, 6-slot Backplane, 4 PCI-E, Single Segment, ATX
PICMG 1.3
4/1 (PCI-E/ PICMG 1.3)
ATX
TF-BP-206SH-P3
Wallmount, PICMG 1.3, 6-Slot, Backplane, 3 PCI, 2 PCI-E, Single Segment, ATX
PICMG 1.3
3/2/1 (PCI/PCI-E/PICMG 1.3)
ATX
BP-206VH-P2E2
Rackmount, PICMG 1.3, 6-Slot, Backplane, 2 PCI, 2 PCI-E, Single Segment, ATX
PICMG 1.3
2/2/1 (PCI/PCI-E/PICMG1.3)
ATX
Intel®
Lynx Point
H81
DDR3/L DIMM
Intel® 4th
Generation
Core™ i7/i5/i3
LGA 1150
Processor
DDI PortB
RGB
USB3.0
PCIe [x16]
SPI
Channel A
BIOS
Channel B
DDR3/L DIMM
Connector A/B
VGA
Level Shifter
DVI
USB 3.0 * 2
USB2.0
USB 2.0 * 2
USB2.0 * 4
Connector C
SATA
SATA III * 2
SATA
SATA II * 2
PCIe [x1] *4
Connector A
PCIe switch
PCIe [x1]
PCIe [x1]
PCIe [x1]
Realtek
GbE
8111E
Realtek
GbE
8111E
GbE
GbE
RJ-45
RJ-45
PCIe [x1]
PCIe to PCI
PCI
Connector D
HD Audio
Audio
Fintek
Super I/O
F81866D-I
KB/MS
LPT
8bit DIO
COM1 ~ 6
COM1&2 support RS232/485/422
H/W Monitor
2U
1U


Similar Part No. - FSB-H81H

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
FSB-860B AAEON-FSB-860B Datasheet
293Kb / 2P
   Full-Size SBC With Intel Pentium 4/ Celeron Socket 478 Processor
FSB-865G AAEON-FSB-865G Datasheet
583Kb / 2P
   Full-Size SBC With Intel Pentium 4 Socket 478 Processor
FSB-866G AAEON-FSB-866G Datasheet
638Kb / 2P
   Intel짰 Pentium짰 4/ Celeron짰 D CPU
FSB-868G AAEON-FSB-868G Datasheet
296Kb / 2P
   Full-Size SBC With Intel Core 2 Duo LGA775 Processor
FSB-945G AAEON-FSB-945G Datasheet
270Kb / 2P
   Full-Size SBC With Intel Core 2 Duo LGA775 Processor
More results

Similar Description - FSB-H81H

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0783210151 MOLEX11-0783210151 Datasheet
31Kb / 2P
   1.00mm Pitch DDR3 DIMM Socket, LLCR, Vertical
0621009100 MOLEX-0621009100 Datasheet
26Kb / 1P
   Actuator Extraction Tool for DDR3 DIMM Socket
11/02/2021
logo
Tyco Electronics
2-2013290-1 MACOM-2-2013290-1 Datasheet
348Kb / 4P
   DDR3 DIMM Sockets
logo
Molex Electronics Ltd.
0785650001 MOLEX11-0785650001 Datasheet
34Kb / 2P
   1.00mm Pitch Aerodynamic DDR3 DIMM Socket, Low Profile, Vertical
0783210006 MOLEX11-0783210006 Datasheet
31Kb / 2P
   1.00mm Pitch DDR3 DIMM Socket, LLCR, Vertical, Through Hole
0783210153 MOLEX11-0783210153 Datasheet
31Kb / 2P
   1.00mm Pitch DDR3 DIMM Socket, LLCR, Vertical, Through Hole
logo
Tyco Electronics
1932000 MACOM-1932000 Datasheet
607Kb / 4P
   SOCKET ASSEMBLY, VERTICAL DDR3 DIMM, SOLDER TAIL, 240 POSITION
logo
List of Unclassifed Man...
SGU02G64B1BG2SA-BB[EIW]R ETC-SGU02G64B1BG2SA-BB[EIW]R Datasheet
467Kb / 14P
   2048MB DDR3 ??SDRAM DIMM
SGU08G64B1BB2SA-BB[EW]R ETC-SGU08G64B1BB2SA-BB[EW]R Datasheet
764Kb / 16P
   8192MB DDR3 ??SDRAM DIMM
logo
Molex Electronics Ltd.
62202-3810 MOLEX-62202-3810 Datasheet
275Kb / 5P
   DDR3 DIMM Extraction Tool
11-22-16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com