Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9313WSIZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # X9313WSIZ
Description  Linear, 32 Taps, 3 Wire Interface, Terminal Voltages ± VCC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9313WSIZ Datasheet(HTML) 5 Page - Intersil Corporation

  X9313WSIZ Datasheet HTML 1Page - Intersil Corporation X9313WSIZ Datasheet HTML 2Page - Intersil Corporation X9313WSIZ Datasheet HTML 3Page - Intersil Corporation X9313WSIZ Datasheet HTML 4Page - Intersil Corporation X9313WSIZ Datasheet HTML 5Page - Intersil Corporation X9313WSIZ Datasheet HTML 6Page - Intersil Corporation X9313WSIZ Datasheet HTML 7Page - Intersil Corporation X9313WSIZ Datasheet HTML 8Page - Intersil Corporation X9313WSIZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
FN8177.7
October 7, 2015
Submit Document Feedback
Absolute Maximum Ratings
Recommended Operating Conditions
Temperature Under Bias . . . . . . . . . . . . . . . . . . . . .-65°C to +135°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Voltage on CS, INC, U/D, and
VCC with Respect to VSS . . . . . . . . . . . . . . . . . . . . . . . -1V to +7V
Voltage on VH, VL, VW
with respect to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . -6V to +7V
V = |VH - VL|:
X9313Z . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4V
X9313W, X9313U . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10V
IW (10s) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±8.8mA
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.0kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .200V
Temperature:
Commercial. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
Industrial . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Supply Voltage (VCC):
X9313 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5V ±10%
X9313-3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3V to 5.5V
Max Wiper current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±4.4mA
Power rating:
RTOTAL  10k . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10mW
RTOTAL 1k. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .16mW
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Pb-free PDIPs can be used for through hole wave solder processing
only. They are not intended for use in Reflow solder processing
applications
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
Potentiometer Characteristics
Over recommended operating conditions, unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
MIN
TYP
MAX
End-to-end Resistance Tolerance
±20
%
VVH
VH Terminal Voltage
-
VCC
+
VCC
V
VVL
VL Terminal Voltage
-
VCC
+
VCC
V
RW
Wiper Resistance
IW = (VH - VL)/RTOTAL, VCC = 5V
40
100
IW
Wiper Current
±4.4
mA
Noise (Note 5)
Ref: 1kHz
-120
dBV
Resolution
3%
Absolute Linearity (Note 1)
RW(n)(actual) - RW(n)(expected)
±1
MI
(Note 3)
Relative Linearity (Note 2)
RW(n+1) - (RW(n)+MI)
±0.2
MI
(Note 3)
RTOTAL Temperature Coefficient (Note 5)
±300
ppm/°C
Ratiometric Temperature Coefficient
(Note 5)
±20
ppm/°C
CH/CL/CW
(Note 5)
Potentiometer Capacitances
See Circuit #3
10/10/25
pF
NOTES:
1. Absolute linearity is utilized to determine actual wiper voltage versus expected voltage = (VW(n)(actual) - VW(n)(expected)) = ±1 MI maximum.
2. Relative linearity is a measure of the error in step size between taps = RW(n+1) - (RW(n) + MI) = ±0.2 MI.
3. 1 MI = minimum increment = RTOT/31.
X9313


Similar Part No. - X9313WSIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313WSIZ INTERSIL-X9313WSIZ Datasheet
276Kb / 11P
   Terminal Voltages -5V, 32 Taps
X9313WSIZ INTERSIL-X9313WSIZ Datasheet
277Kb / 12P
   Digitally Controlled Potentiometer
X9313WSIZ INTERSIL-X9313WSIZ Datasheet
284Kb / 12P
   Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 VCC
X9313WSIZ INTERSIL-X9313WSIZ Datasheet
305Kb / 12P
   Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 Vcc
October 7, 2015
logo
Renesas Technology Corp
X9313WSIZ RENESAS-X9313WSIZ Datasheet
579Kb / 12P
   Digitally Controlled Potentiometer (XDCP?? Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 VCC
More results

Similar Description - X9313WSIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313USIZT1 INTERSIL-X9313USIZT1 Datasheet
284Kb / 12P
   Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 VCC
X9313UMIZ INTERSIL-X9313UMIZ Datasheet
305Kb / 12P
   Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 Vcc
October 7, 2015
logo
Renesas Technology Corp
X9313 RENESAS-X9313 Datasheet
579Kb / 12P
   Digitally Controlled Potentiometer (XDCP?? Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 VCC
logo
Intersil Corporation
X9313 INTERSIL-X9313 Datasheet
276Kb / 11P
   Terminal Voltages -5V, 32 Taps
logo
Renesas Technology Corp
X9314 RENESAS-X9314 Datasheet
443Kb / 8P
   Terminal Voltages 짹5V, 32 Taps, Log Taper Single Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9511WP INTERSIL-X9511WP Datasheet
198Kb / 9P
   Linear, 32 Taps, Push Button Controlled, Terminal Voltage ±5V
February 2, 2007
X93156WM8IZ-2.7T1 INTERSIL-X93156WM8IZ-2.7T1 Datasheet
190Kb / 7P
   Low Noise, Low Power, 3 wire Up/Down, 32 Taps
X9314 INTERSIL-X9314 Datasheet
233Kb / 9P
   Terminal Voltage -5V, 32 Taps, Log Taper
logo
Renesas Technology Corp
X9511 RENESAS-X9511 Datasheet
456Kb / 9P
   Single Push Button Controlled Potentiometer (XDCP?? Linear, 32 Taps, Push Button Controlled, Terminal Voltage 짹5V
logo
Intersil Corporation
ISL95311 INTERSIL-ISL95311 Datasheet
259Kb / 11P
   Terminal Voltage 0V to 13.2V, 128 Taps I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com