Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X4003S8-27A Datasheet(PDF) 5 Page - Intersil Corporation

Part # X4003S8-27A
Description  CPU Supervisor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X4003S8-27A Datasheet(HTML) 5 Page - Intersil Corporation

  X4003S8-27A Datasheet HTML 1Page - Intersil Corporation X4003S8-27A Datasheet HTML 2Page - Intersil Corporation X4003S8-27A Datasheet HTML 3Page - Intersil Corporation X4003S8-27A Datasheet HTML 4Page - Intersil Corporation X4003S8-27A Datasheet HTML 5Page - Intersil Corporation X4003S8-27A Datasheet HTML 6Page - Intersil Corporation X4003S8-27A Datasheet HTML 7Page - Intersil Corporation X4003S8-27A Datasheet HTML 8Page - Intersil Corporation X4003S8-27A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
FN8113.2
June 30, 2008
Resetting the VTRIP Voltage
This procedure is used to set the VTRIP to a “native” voltage
level. For example, if the current VTRIP is 4.4V and the new
VTRIP must be 4.0V, then the VTRIP must be reset. When
VTRIP is reset, the new VTRIP is something less than 1.7V.
This procedure must be used to set the voltage to a lower
value.
To reset the new VTRIP voltage, apply the desired VTRIP
threshold voltage to the VCC pin and tie the WP pin to the
programming voltage VP. Then write 00h to address 03h.
The stop bit of a valid write operation initiates the VTRIP
programming sequence. Bring WP LOW to complete the
operation.
01
2 3
4
5 67
SCL
SDA
A0h
01
2 3
4
5 67
03h
WP
VP = 15V TO 18V
01
2 3
45 6
7
00h
FIGURE 3. RESET VTRIP LEVEL SEQUENCE (VCC > 3V. WP = 15V TO 18V)
1
2
3
4
8
7
6
5
X4003
VTRIP
ADJ.
VP
RESET/RESET
4.7k
SDA
SCL
µC
ADJUST
RUN
FIGURE 4. SAMPLE VTRIP RESET CIRCUIT
X4005
X4003, X4005


Similar Part No. - X4003S8-27A

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X4003S8-2.7 XICOR-X4003S8-2.7 Datasheet
378Kb / 18P
   CPU Supervisor
logo
Intersil Corporation
X4003S8-2.7 INTERSIL-X4003S8-2.7 Datasheet
266Kb / 17P
   CPU Supervisor
logo
Renesas Technology Corp
X4003S8-2.7 RENESAS-X4003S8-2.7 Datasheet
692Kb / 16P
   CPU Supervisor
logo
Intersil Corporation
X4003S8-2.7 INTERSIL-X4003S8-2.7 Datasheet
332Kb / 16P
   CPU Supervisor
June 30, 2008
logo
Xicor Inc.
X4003S8-2.7A XICOR-X4003S8-2.7A Datasheet
378Kb / 18P
   CPU Supervisor
More results

Similar Description - X4003S8-27A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4003 INTERSIL-X4003 Datasheet
266Kb / 17P
   CPU Supervisor
X4003-05 INTERSIL-X4003-05 Datasheet
332Kb / 16P
   CPU Supervisor
June 30, 2008
X5001 INTERSIL-X5001_06 Datasheet
305Kb / 20P
   CPU Supervisor
X5001 INTERSIL-X5001 Datasheet
275Kb / 18P
   CPU Supervisor
logo
Xicor Inc.
X5001 XICOR-X5001 Datasheet
100Kb / 19P
   CPU Supervisor
X4003 XICOR-X4003 Datasheet
378Kb / 18P
   CPU Supervisor
logo
Renesas Technology Corp
X4003 RENESAS-X4003 Datasheet
692Kb / 16P
   CPU Supervisor
logo
Intersil Corporation
X4003 INTERSIL-X4003_06 Datasheet
276Kb / 18P
   CPU Supervisor
logo
Renesas Technology Corp
X5001 RENESAS-X5001 Datasheet
789Kb / 20P
   CPU Supervisor
logo
Texas Instruments
BQ4847 TI-BQ4847_07 Datasheet
247Kb / 6P
[Old version datasheet]   RTC Module With CPU Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com