Electronic Components Datasheet Search |
|
TAJC107K050BNJV Datasheet(PDF) 7 Page - AVX Corporation |
|
TAJC107K050BNJV Datasheet(HTML) 7 Page - AVX Corporation |
7 / 7 page 42 ■ MAY 2014 TAJ Series Low Profile RATINGS & PART NUMBER REFERENCE Rated Rated Category Category DCL DF ESR 100kHz RMS Current (mA) AVX Case Capacitance Voltage Temperature Voltage Temperature (μA) % Max. (Ω) MSL 25ºC 85ºC 125ºC Part No. Size (μF) (V) (ºC) (V) (ºC) Max. Max. @ 100kHz TAJT334*050#NJ T 0.33 50 85 33 125 0.5 4 11 1 85 77 34 TAJS474*050#NJ S 0.47 50 85 33 125 0.5 4 9.5 1 83 74 33 TAJT474*050#NJ T 0.47 50 85 33 125 0.5 4 9.5 1 92 83 37 TAJW105*050#NJ W 1 50 85 33 125 0.5 6 4.4 1 143 129 57 TAJW155*050#NJ W 1.5 50 85 33 125 0.8 6 3.1 1 170 153 68 TAJW225*050#NJ W 2.2 50 85 33 125 1.1 8 2.5 1 190 171 76 TAJY335*050#NJ Y 3.3 50 85 33 125 1.7 4 1.5 11) 289 260 115 TAJY475*050#NJ Y 4.7 50 85 33 125 2.4 6 1.2 11) 323 290 129 TAJY685*050#NJ Y 6.8 50 85 33 125 3.4 6 0.9 11) 373 335 149 QUALIFICATION TABLE TEST TAJ low profile series (Temperature range -55ºC to +125ºC) Condition Characteristics Visual examination no visible damage DCL 1.25 x initial limit Endurance ΔC/C within ±10% of initial value DF initial limit Visual examination no visible damage DCL initial limit Humidity ΔC/C within ±10% of initial value DF 1.2 x initial limit +20ºC -55ºC +20ºC +85ºC +125ºC +20ºC Temperature DCL IL* n/a IL* 10 x IL* 12.5 x IL* IL* Stability ΔC/C n/a +0/-10% ±5% +10/-0% +12/-0% ±5% DF IL* 1.5 x IL* IL* 1.5 x IL* 2 x IL* IL* Visual examination no visible damage Surge DCL initial limit Voltage ΔC/C within ±5% of initial value DF initial limit Determine after application of rated voltage for 2000 +48/-0 hours at 85±2ºC and then leaving 1-2 hours at room temperature. Also determine of 125ºC tempera- ture, category voltage for 2000 +48/-0 hours and then leaving 1-2 hours at room temperature. Power supply impedance to be ≤0.1Ω/V. Determine after storage without applied voltage at 65±2ºC and 95±2% relative humidity for 500 hours and then recovery 1-2 hours at room temperature. Test temperature: 125ºC+3/0ºC Test voltage: Category voltage at 125ºC Surge voltage: 1.3 x category voltage at 125ºC Series protection resistance 1000±100Ω Discharge resistance: 1000Ω Number of cycles: 1000x Cycle duration: 6 min; 30 sec charge, 5 min 30 sec discharge Step Temperature°C Duration(min) 1 +20±2 15 2 -55+0/-3 15 3 +20±2 15 4 +85+3/-0 15 5 +125+3/-0 15 6 +20±2 15 *Initial Limit |
Similar Part No. - TAJC107K050BNJV |
|
Similar Description - TAJC107K050BNJV |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |