Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54ABT574 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ABT574
Description  Octal D-Type Flip-Flop with TRI-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ABT574 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button 54ABT574 Datasheet HTML 2Page - National Semiconductor (TI) 54ABT574 Datasheet HTML 3Page - National Semiconductor (TI) 54ABT574 Datasheet HTML 4Page - National Semiconductor (TI) 54ABT574 Datasheet HTML 5Page - National Semiconductor (TI) 54ABT574 Datasheet HTML 6Page - National Semiconductor (TI) 54ABT574 Datasheet HTML 7Page - National Semiconductor (TI) 54ABT574 Datasheet HTML 8Page - National Semiconductor (TI) 54ABT574 Datasheet HTML 9Page - National Semiconductor (TI) 54ABT574 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Capacitance (Continued)
T
PLH vs Load Capacitance TA = 25˚C,
8 Outputs Switching, Clock to Output
DS100208-30
T
PHL vs Load Capacitance TA = 25˚C,
8 Outputs Switching, Clock to Output
DS100208-31
T
PZH vs Load Capacitance TA = 25˚C,
8 Outputs Switching, OE to Output
DS100208-32
T
PZL vs Load Capacitance TA = 25˚C,
8 Outputs Switching, OE to Output
DS100208-33
T
PLH and TPHL vs Number Outputs Switching
C
L = 50 pF, TA = 25˚C, VCC = 5.0V,
Outputs In Phase, Clock to Output
DS100208-34
Typical I
CC vs Output Switching Frequency
C
L = 0pF, VCC = VIH = 5.5V,
1 Output Switching at 50% Duty Cycle
DS100208-35
7
www.national.com


Similar Part No. - 54ABT574

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54ABT573 NSC-54ABT573 Datasheet
404Kb / 12P
   Octal D-Type Latch with TRI-STATE Outputs
54ABT573E-QML NSC-54ABT573E-QML Datasheet
404Kb / 12P
   Octal D-Type Latch with TRI-STATE Outputs
54ABT573J-QML NSC-54ABT573J-QML Datasheet
404Kb / 12P
   Octal D-Type Latch with TRI-STATE Outputs
54ABT573W-QML NSC-54ABT573W-QML Datasheet
404Kb / 12P
   Octal D-Type Latch with TRI-STATE Outputs
More results

Similar Description - 54ABT574

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F574DM NSC-54F574DM Datasheet
169Kb / 8P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54FCT574 NSC-54FCT574 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54ABT374 NSC-54ABT374 Datasheet
334Kb / 12P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
DM74LS564 NSC-DM74LS564 Datasheet
109Kb / 4P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54AC574 NSC-54AC574 Datasheet
166Kb / 10P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54ACT564 NSC-54ACT564 Datasheet
131Kb / 8P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54F374DM NSC-54F374DM Datasheet
175Kb / 8P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54F534DM NSC-54F534DM Datasheet
170Kb / 8P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
54FCT374 NSC-54FCT374 Datasheet
147Kb / 7P
   Octal D-Type Flip-Flop with TRI-STATE Outputs
74ACT534 NSC-74ACT534 Datasheet
165Kb / 8P
   Octal D Flip-Flop with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com