Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1117M3 Datasheet(PDF) 9 Page - Alpha Industries

Part # AS1117M3
Description  800mA Low Dropout Regulator SCSI-II Active Terminator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AS1117M3 Datasheet(HTML) 9 Page - Alpha Industries

Back Button AS1117M3 Datasheet HTML 3Page - Alpha Industries AS1117M3 Datasheet HTML 4Page - Alpha Industries AS1117M3 Datasheet HTML 5Page - Alpha Industries AS1117M3 Datasheet HTML 6Page - Alpha Industries AS1117M3 Datasheet HTML 7Page - Alpha Industries AS1117M3 Datasheet HTML 8Page - Alpha Industries AS1117M3 Datasheet HTML 9Page - Alpha Industries AS1117M3 Datasheet HTML 10Page - Alpha Industries AS1117M3 Datasheet HTML 11Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Alpha Semiconductor Inc. 1031 Serpentine Lane. Pleasanton, CA 94568 Tel: (925) 417-1391 Fax: (925) 417-1390
Rev. 9/14/99
AS1117
PACKAGE DRAWING
SOT-89 (M1)
A
1
2
3
P
K
F
G
D
B
STYLE 1
PIN 1. BASE
2. COLLECTOR
3. EMITTER
STYLE 3
PIN 1. GATE
2. ANODE
3. CATHODE
STYLE 2
PIN 1. ANODE
2. CATHODE
3. NO CONNECTION
PIN 1. DRAIN
2. GATE
3. SOURCE
STYLE 4
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
4.40
4.60
0.174
0.181
B
2.29
2.60
0.091
0.102
C
140
160
0.056
0.062
D
0.36
0.48
0.015
0.018
E
1.62
1.80
0.064
0.070
F
0.44
0.53
0.018
0.020
G
J
0.35
0.44
0.014
0.017
K
0.80
1.04
0.032
0.040
L
300 BSC
0.118 BSC
N
2.04
2.28
0.081
0.089
P
3.94
4.25
0.156
0.167
150 BSC
0.059 BSC
-T-
N
C
J


Similar Part No. - AS1117M3

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1117 AMSCO-AS1117 Datasheet
1Mb / 24P
   64 LED Driver for Mobile Applications with Error Detection
AS1117-BQFT AMSCO-AS1117-BQFT Datasheet
1Mb / 24P
   64 LED Driver for Mobile Applications with Error Detection
More results

Similar Description - AS1117M3

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CLM1117 CALOGIC-CLM1117 Datasheet
47Kb / 4P
   800mA Low Dropout Regulator SCSI-II Active Terminator
logo
Micrel Semiconductor
MIC5204 MICREL-MIC5204_02 Datasheet
40Kb / 8P
   SCSI-II Active Terminator
logo
ON Semiconductor
MC34268 ONSEMI-MC34268 Datasheet
115Kb / 8P
   SCSI-2 Active Terminator Regulator
April, 2000 ??Rev. 1
logo
Micrel Semiconductor
MIC5204 MICREL-MIC5204 Datasheet
28Kb / 4P
   SCSI-II Active Terminator Preliminary Information
logo
Micro Linear Corporatio...
ML6509 MICRO-LINEAR-ML6509 Datasheet
232Kb / 10P
   Active SCSI Terminator
logo
Texas Instruments
UC5602 TI-UC5602 Datasheet
361Kb / 6P
[Old version datasheet]   SCSI Active Terminator
UC5601 TI1-UC5601_15 Datasheet
389Kb / 9P
[Old version datasheet]   SCSI Active Terminator
logo
Rohm
BH9595FP-Y ROHM-BH9595FP-Y Datasheet
69Kb / 6P
   SCSI active terminator
logo
Texas Instruments
UC5601 TI-UC5601 Datasheet
314Kb / 6P
[Old version datasheet]   SCSI Active Terminator
logo
Panasonic Semiconductor
AN8612NSR PANASONIC-AN8612NSR Datasheet
56Kb / 5P
   SCSI Active Terminator IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com